Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LBD101-2-3H3Y4G-14-PF Datasheet(PDF) 5 Page - LIGITEK electronics co., ltd.

Part # LBD101-2-3H3Y4G-14-PF
Description  BAR DIGIT LED DISPLAY
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LBD101-2-3H3Y4G-14-PF Datasheet(HTML) 5 Page - LIGITEK electronics co., ltd.

  LBD101-2-3H3Y4G-14-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. LBD101-2-3H3Y4G-14-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LBD101-2-3H3Y4G-14-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LBD101-2-3H3Y4G-14-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LBD101-2-3H3Y4G-14-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LBD101-2-3H3Y4G-14-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd. LBD101-2-3H3Y4G-14-PF Datasheet HTML 7Page - LIGITEK electronics co., ltd. LBD101-2-3H3Y4G-14-PF Datasheet HTML 8Page - LIGITEK electronics co., ltd. LBD101-2-3H3Y4G-14-PF Datasheet HTML 9Page - LIGITEK electronics co., ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
LBD102/3H3Y4GXX-PF
Note : 1.The forward voltage data did not including
±0.1V testing tolerance.
2. The luminous intensity data did not including
±15% testing tolerance.
Part Selection And Application Information(Ratings at 25)
PART NO
35
△λ
(nm)
30
λP
(nm)
common
cathode
or anode
Common
Anode
Common
Cathode
GaP
Green
GaAsP/GaP
Material
Yellow
Emitted
565
585
CHIP
IV-M
Vf(v)
Iv(mcd)
1.75
2.35
Min.
2.1
1.7
2.6
2.1
Typ.
1.7
Min.
2.6
Max.
2:1
3.05
3.05
Typ.
Electrical
Storage Temperature
Solder Temperature 1/16 Inch Below Seating Plane For 3 Seconds At 260
Peak Forward Current Per
Chip (Duty 1/10,0.1ms
Pulse Width)
Power Dissipation Per Chip
Operating Temperature
Reverse Current Per Any Chip
Forward Current Per Chip
Parameter
Absolute Maximum Ratings at Ta=25
HY
Tstg
opr
T
Ir
10
80
IFP
PD
60
IF
20
-25 ~ +85
-25 ~ +85
10
μA
60
40
15
mA
mW
mA
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Symbol
Ratings
UNIT
Page 4/10
G
30
120
100
10
GaP
Red
697
90
1.7
2.1
2.6
0.5
0.9
PART NO. LBD101/2/3H3Y4G-XX-PF
LBD101/3H3Y4G-XX-PF


Similar Part No. - LBD101-2-3H3Y4G-14-PF

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LBD101-21-XX LIGITEK-LBD101-21-XX Datasheet
114Kb / 8P
   BAR DIGIT LED DISPLAY
LBD101-22-XX LIGITEK-LBD101-22-XX Datasheet
376Kb / 8P
   BAR DIGIT LED DISPLAY
LBD101-22-XX-PF LIGITEK-LBD101-22-XX-PF Datasheet
131Kb / 9P
   BAR DIGIT LED DISPLAY
LBD101-22Y8G-XX-P4 LIGITEK-LBD101-22Y8G-XX-P4 Datasheet
102Kb / 9P
   BAR DIGIT LED DISPLAY
LBD101-23-XX LIGITEK-LBD101-23-XX Datasheet
114Kb / 8P
   BAR DIGIT LED DISPLAY
More results

Similar Description - LBD101-2-3H3Y4G-14-PF

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LBD101-22Y8G-XX-P4 LIGITEK-LBD101-22Y8G-XX-P4 Datasheet
102Kb / 9P
   BAR DIGIT LED DISPLAY
LBD101-24-XX-P3-PF LIGITEK-LBD101-24-XX-P3-PF Datasheet
156Kb / 9P
   BAR DIGIT LED DISPLAY
LBD101-26F-XX-PF LIGITEK-LBD101-26F-XX-PF Datasheet
131Kb / 9P
   BAR DIGIT LED DISPLAY
LBD142A-XX-RP25 LIGITEK-LBD142A-XX-RP25 Datasheet
145Kb / 10P
   BAR DIGIT LED DISPLAY
LBD336C-XXB LIGITEK-LBD336C-XXB Datasheet
190Kb / 10P
   BAR DIGIT LED DISPLAY
LBD356B-XX LIGITEK-LBD356B-XX Datasheet
181Kb / 11P
   BAR DIGIT LED DISPLAY
LBD1G1-2-HG3Y-XX-PF LIGITEK-LBD1G1-2-HG3Y-XX-PF Datasheet
156Kb / 11P
   BAR DIGIT LED DISPLAY
LBD101-22-XX LIGITEK-LBD101-22-XX Datasheet
376Kb / 8P
   BAR DIGIT LED DISPLAY
LBD141-22-XX-S1-PF LIGITEK-LBD141-22-XX-S1-PF Datasheet
135Kb / 9P
   BAR DIGIT LED DISPLAY
LBD1B2A-XX LIGITEK-LBD1B2A-XX Datasheet
164Kb / 11P
   BAR DIGIT LED DISPLAY
LBD1F1-25-XX LIGITEK-LBD1F1-25-XX Datasheet
121Kb / 8P
   BAR DIGIT LED DISPLAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com