Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

138D156X0015C2 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # 138D156X0015C2
Description  Wet Tantalum Capacitors Sintered Anode TANTALEX Capacitors Hermetically-Sealed with True Glass-to-Tantalum Seal
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

138D156X0015C2 Datasheet(HTML) 6 Page - Vishay Siliconix

  138D156X0015C2 Datasheet HTML 1Page - Vishay Siliconix 138D156X0015C2 Datasheet HTML 2Page - Vishay Siliconix 138D156X0015C2 Datasheet HTML 3Page - Vishay Siliconix 138D156X0015C2 Datasheet HTML 4Page - Vishay Siliconix 138D156X0015C2 Datasheet HTML 5Page - Vishay Siliconix 138D156X0015C2 Datasheet HTML 6Page - Vishay Siliconix 138D156X0015C2 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Document Number: 40025
Revision 15-Oct-03
www.vishay.com
60
138D
Vishay
For technical questions, contact wettants@vishay.com
TYPICAL CURVES OF IMPEDANCE AS A FUNCTION OF FREQUENCY AT VARIOUS TEMPERATURES
PERFORMANCE CHARACTERISTICS
1.
Operating Temperature: Capacitors are designed to
operate over the temperature range of - 55
°C to
+125
°C.
2.
DC Working Voltage: The DC working voltage is the
maximum operating voltage for continuous duty at the
rated temperature.
3.
Surge Voltage: The surge DC rating is the maximum
voltage to which the capacitors should be subjected
under any conditions. This includes transients and
peak ripple at the highest line voltage. The surge
voltage of capacitors rated below 150 volts is 115% of
the rated DC working voltage. The surge voltage of
capacitors rated at 150 volts DC is 165 volts.
3.1
Surge Voltage Test: Capacitors shall withstand the
surge voltage test applied through a 1000 ohm
± 10%
resistor in series with the capacitor and voltage source
at the rate of one-half minute on, four and one-half
minutes off, for 1000 successive test cycles at + 85
°C
or + 125
°C.
4.
Capacitance Tolerance: The capacitance of all
capacitors shall be within the specified tolerance limits
of the nominal rating.
UP TO + 85
°C
AT + 125
°C
UP TO + 85
°C
AT + 125
°C
WORKING
WORKING
WORKING
WORKING
VOLTAGE
VOLTAGE
VOLTAGE
VOLTAGE
(V)
(V)
(V)
(V)
6
4
35
22
8
5
50
30
10
7
60
40
15
10
75
50
20
13
100
70
25
15
125
85
30
20
150
100
4.1
Capacitance measurements shall be made by the
bridge method at or referred to, a frequency of 120Hz
at a temperature of + 25
°C. A polarizing voltage shall
be used of such magnitude that there shall be no
reversal of polarity due to the AC component. The
maximum AC voltage will be 1 volt rms applied during
measurement.
5.
Capacitance Change With Temperature:
The
capacitance change with temperature shall not exceed
the limits given in the Standard and Extended Ratings
Table for each capacitor.
6.
Equivalent Series Resistance: Measurements shall
be made by the bridge method at or referred to, a
frequency of 120Hz at a temperature of + 25
°C. A
polarizing voltage shall be used of such magnitude that
there shall be no reversal of polarity due to the AC
component. The maximum AC voltage will be 1 volt
rms applied during measurement.
6.1. The equivalent series resistance shall not exceed the
maximum value in ohms listed in the Standard and
Extended Ratings Table for each capacitor.
6.2. The dissipation factor may be calculated from the
equivalent series resistance and capacitance values
as shown:
DF =
2
πfRC
104
where:
DF = Dissipation Factor in %
R = ESR in ohms
C = Capacitance in
µF
f = frequency in Hz
- 55
°C
- 40
°C
- 20
°C
+ 25
°C
+ 85
°C
+125
°C
0.2
1.0
10
100
200
FREQUENCY IN HERTZ
100
1K
10K
100K
1M
10M
“K” Case 120
µF, 25V Capacitors
- 55
°C
- 40
°C
- 20
°C
+ 25
°C
+ 85
°C
+125
°C
FREQUENCY IN HERTZ
100
1K
10K
100K
1M
10M
0.2
1.0
10
100
200
“C” Case 10
µF. 100V Capacitors
Wet Tantalum Capacitors
Sintered Anode TANTALEX
® Capacitors Hermetically-Sealed
with True Glass-to-Tantalum Seal


Similar Part No. - 138D156X0015C2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
138D156X0015C2 VISHAY-138D156X0015C2 Datasheet
122Kb / 8P
   Wet Tantalum Capacitors Sintered Anode TANTALEX® Capacitors Hermetically-Sealed with True Glass-to-Tantalum Seal
Revision: 17-Mar-08
More results

Similar Description - 138D156X0015C2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
138D VISHAY-138D_08 Datasheet
122Kb / 8P
   Wet Tantalum Capacitors Sintered Anode TANTALEX® Capacitors Hermetically-Sealed with True Glass-to-Tantalum Seal
Revision: 17-Mar-08
738D VISHAY-738D Datasheet
137Kb / 5P
   Wet Tantalum Capacitors with Glass to Tantalum Hermetic Seal, Sintered Anode TANTALEX Capacitors
Revision 20-Oct-03
200D VISHAY-200D Datasheet
576Kb / 9P
   Wet Tantalum Capacitors Wet Sintered Anode TANTALEX TANTAPAK Capacitor Assemblies
Revision 25-Jun-04
109D VISHAY-109D_17 Datasheet
126Kb / 10P
   Wet Tantalum Capacitors Sintered Anode TANTALEX™ Capacitors for Operation to 125 °C, Elastomer-Sealed
Revision: 28-Aug-17
109D VISHAY-109D Datasheet
94Kb / 6P
   Wet Tantalum Capacitors Sintered Anode TANTALEX® Capacitors For Operation to 125 °C, Elastomer-Sealed
Revision: 19-Jun-07
109D VISHAY-109D_08 Datasheet
90Kb / 6P
   Wet Tantalum Capacitors Sintered Anode TANTALEX® Capacitors for Operation to 125 °C, Elastomer-Sealed
Revision: 17-Mar-08
109D VISHAY-109D_V01 Datasheet
107Kb / 10P
   Wet Tantalum Capacitors Sintered Anode TANTALEX™ Capacitors for Operation to 125 °C, Elastomer-Sealed
01-Jan-2022
200D VISHAY-200D_05 Datasheet
133Kb / 11P
   Wet Tantalum Capacitors Wet Sintered Anode TANTALEX® Components TANTAPAK® Capacitor Assemblies
Revision: 14-Oct-05
DLA10011 VISHAY-DLA10011 Datasheet
89Kb / 5P
   Wet Tantalum Capacitors, Tantalum-Case with Glass-to-Tantalum Hermetic Seal
200D VISHAY-200D_V01 Datasheet
162Kb / 15P
   Wet Tantalum Capacitors, Wet Sintered Anode TANTALEX® Components TANTAPAK® Capacitor Assemblies
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com