Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W567S060 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # W567S060
Description  8-CHANNEL SPEECHMELODY PROCESSOR
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

W567S060 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  W567S060 Datasheet HTML 1Page - List of Unclassifed Manufacturers W567S060 Datasheet HTML 2Page - List of Unclassifed Manufacturers W567S060 Datasheet HTML 3Page - List of Unclassifed Manufacturers W567S060 Datasheet HTML 4Page - List of Unclassifed Manufacturers W567S060 Datasheet HTML 5Page - List of Unclassifed Manufacturers W567S060 Datasheet HTML 6Page - List of Unclassifed Manufacturers W567S060 Datasheet HTML 7Page - List of Unclassifed Manufacturers W567S060 Datasheet HTML 8Page - List of Unclassifed Manufacturers W567S060 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
W567SXXX
Publication Release Date: May 2010
- 3 -
Revision A18
2. FEATURES
Wide range of operating voltage:
 8 MHz @ 3.6 volt ~ 5.5 volt
 4 MHz @ 2.4 volt ~ 5.5 volt
Power management:
 4 ~ 8 MHz system clocks, with Ring type
 Stop mode for stopping all IC operations
Provides up to 8 inputs and 24 I/O pins
Current-type Digital-to-Analog Converter (DAC):
 (8+2)-bit resolution with programmable output current
 2 speaker outputs for stereo applications
F/W speech synthesis with multiple format support: ADPCM/MDPCM/PCM
Up to 8 speech synthesis
1 channels at programmable sample rate
8 melody channels that can emulate characteristics of musical instruments
8-input/10-bit-resolution Mixer can mix the speech and melody signals flexibly
Dynamic control of the channel assignment to the dual speaker output for stereo effects
Built-in IR carrier generation circuit for simplifying firmware IR application
4-channel ADC interface (W567S301~S341) with maximum 4-KHz sampling rate and 6-bit
effective resolution
Built-in 9 timers for speech/melody synthesis and general purpose applications
Built-in 10*7 multiplier
Built-in Watch-Dog Timer (WDT) and Low Voltage Reset (LVR)
Built-in 32KHz crystal oscillator with divider for time-keeping application in W567S080 ~ S341
Built-in Serial Interface Manager (SIM) in W567S080 ~ S341
Support PowerScript for developing codes in easy way
Full-fledged development system
 Source-level ICE debugger
 Event synchronization mechanism
 Compatible with W566B/C & W588S system
 User-friendly GUI environment
Available package form: (COB is essential)
 W567S010, S015, S020, S025, S030: LQFP48
 W567S040, S060: QFP64
 W567S080 ~ S120: LQFP128
 W567S150 ~ S341: LQFP100
1 More speech channels are available for 8-bit PCM format in the remaining melody channels. When used as 2-ch MDPCM and
6-ch PCM.


Similar Part No. - W567S060

ManufacturerPart #DatasheetDescription
logo
Winbond
W567S060 WINBOND-W567S060 Datasheet
500Kb / 13P
   8-CHANNEL SPEECHMELODY PROCESSOR (BandDirectorTM Series)
logo
Nuvoton Technology Corp...
W567S060 NUVOTON-W567S060 Datasheet
512Kb / 13P
   8-CHANNEL SPEECHMELODY PROCESSOR
More results

Similar Description - W567S060

ManufacturerPart #DatasheetDescription
logo
Nuvoton Technology Corp...
W567SXXX NUVOTON-W567SXXX Datasheet
512Kb / 13P
   8-CHANNEL SPEECHMELODY PROCESSOR
logo
Winbond
W567SXXX WINBOND-W567SXXX Datasheet
500Kb / 13P
   8-CHANNEL SPEECHMELODY PROCESSOR (BandDirectorTM Series)
logo
Nuvoton Technology Corp...
W567JXXX NUVOTON-W567JXXX Datasheet
638Kb / 13P
   6-CHANNEL SPEECHMELODY PROCESSOR
logo
List of Unclassifed Man...
W567CP260 ETC2-W567CP260 Datasheet
718Kb / 13P
   16-CHANNEL SPEECHMELODY PROCESSOR
W567JXXX ETC2-W567JXXX Datasheet
638Kb / 13P
   6-CHANNEL SPEECHMELODY PROCESSOR
W567CXXX ETC2-W567CXXX Datasheet
710Kb / 13P
   16-CHANNEL SPEECHMELODY PROCESSOR
logo
Nuvoton Technology Corp...
W567CP260 NUVOTON-W567CP260 Datasheet
718Kb / 13P
   16-CHANNEL SPEECHMELODY PROCESSOR
W567CXXX NUVOTON-W567CXXX Datasheet
710Kb / 13P
   16-CHANNEL SPEECHMELODY PROCESSOR
N588H NUVOTON-N588H Datasheet
939Kb / 20P
   3-CHANNEL SPEECHMELODY
logo
OKI electronic componet...
MSM7630 OKI-MSM7630 Datasheet
650Kb / 95P
   Universal Speech Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com