Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

73007 Datasheet(PDF) 8 Page - Vishay Siliconix

Part # 73007
Description  9-Line SCSI Bus Terminators
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

73007 Datasheet(HTML) 8 Page - Vishay Siliconix

Back Button 73007 Datasheet HTML 2Page - Vishay Siliconix 73007 Datasheet HTML 3Page - Vishay Siliconix 73007 Datasheet HTML 4Page - Vishay Siliconix 73007 Datasheet HTML 5Page - Vishay Siliconix 73007 Datasheet HTML 6Page - Vishay Siliconix 73007 Datasheet HTML 7Page - Vishay Siliconix 73007 Datasheet HTML 8Page - Vishay Siliconix 73007 Datasheet HTML 9Page - Vishay Siliconix 73007 Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
SiP5630
Vishay Siliconix
New Product
www.vishay.com
8
Document Number: 73007
S-41263—Rev. A, 05-Ju1-04
LVD TYPICAL CHARACTERISTICS
100
105
110
115
120
125
2.5
3.0
3.5
4.0
4.5
5.0
5.5
100
102
104
106
108
110
2.5
3.0
3.5
4.0
4.5
5.0
5.5
1.20
1.21
1.22
1.23
1.24
1.25
1.26
1.27
1.28
1.29
1.30
0
1020
3040
506070
1.20
1.21
1.22
1.23
1.24
1.25
1.26
1.27
1.28
1.29
1.30
2.5
3.0
3.5
4.0
4.5
5.0
5.5
100
102
104
106
108
110
0
1020
3040
506070
100
105
110
115
120
125
0
1020
3040
506070
Differential Fail-Safe Bias vs. TERMPWR
Differential Impedance vs. TERMPWR
Common Mode Bias vs. TERMPWR
Common Mode Bias vs. Temperature
Temperature (_C)
Temperature (_C)
Temperature (_C)
TERMPWR (V)
TERMPWR (V)
Differential Fail-Safe Bias vs. Temperature
Differential Impedance vs. Temperature
70_C
25_C
0_C
2.7 V
3.5 V
5.25 V
TERMPWR
70_C
25_C
0_C
2.7 V
3.5 V
5.25 V
TERMPWR
70_C
25_C
0_C
2.7 V
3.5 V
5.25 V
TERMPWR


Similar Part No. - 73007

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
73007 POMONA-73007 Datasheet
121Kb / 1P
   MCX JACK STRAIGHT PCB RECEPTACLE
More results

Similar Description - 73007

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIP5678 VISHAY-SIP5678 Datasheet
117Kb / 11P
   15-Line SCSI Bus Terminators
Rev. A, 11-Oct-04
SIP5668 VISHAY-SIP5668 Datasheet
122Kb / 11P
   14-Line SCSI Bus Terminators
Rev. A, 11-Oct-04
logo
Microsemi Corporation
LX5245 MICROSEMI-LX5245 Datasheet
177Kb / 7P
   9 - LINE LVD SCSI TERMINATO
LX5255 MICROSEMI-LX5255 Datasheet
279Kb / 7P
   9-Line LVD SCSI Terminator
LX5203 MICROSEMI-LX5203 Datasheet
147Kb / 4P
   9-LINE SCSI ACTIVE TERMINATOR
LX5248 MICROSEMI-LX5248 Datasheet
170Kb / 6P
   9 - LINE LVD SCSI TERMINATOR
logo
Texas Instruments
UC5603DP TI-UC5603DP Datasheet
332Kb / 11P
[Old version datasheet]   9-LINE SCSI ACTIVE TERMINATOR
UCC5631A TI-UCC5631A Datasheet
62Kb / 6P
[Old version datasheet]   Multimode SCSI 9 Line Terminator
UCC5630A TI1-UCC5630A_09 Datasheet
378Kb / 12P
[Old version datasheet]   Multimode SCSI 9 Line Terminator
logo
Microsemi Corporation
LX5251 MICROSEMI-LX5251 Datasheet
164Kb / 8P
   9-Line Multimode SCSI Terminator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com