Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1511000006 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 1511000006
Description  2.00mm Pitch Milli-Grid Receptacle Housing, 6 Circuits, Lead-Free
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX1 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.

1511000006 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  1511000006 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 06/26/2017
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
1511000006
Status:
Active
Overview:
Milli-Grid™ Connector System
Description:
2.00mm Pitch Milli-Grid™ Receptacle Housing, 6 Circuits, Lead-Free
Documents:
Drawing (PDF)
Product Specification PS-151098-0001-001 (PDF)
Product Specification PS-151062-0001-001 (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
Crimp Housings
Series
151100
Application
Signal, Wire-to-Board, Wire-to-Wire
Overview
Milli-Grid™ Connector System
Product Name
Milli-Grid™
UPC
889056675611
Physical
Circuits (maximum)
6
Color - Resin
Black
Flammability
94V-0
Gender
Receptacle
Glow-Wire Compliant
No
Keying to Mating Part
None
Lock to Mating Part
Yes
Material - Resin
PBT
Net Weight
0.358/g
Number of Rows
1
Packaging Type
Tray
Panel Mount
No
Pitch - Mating Interface
2.00mm
Pitch - Termination Interface
2.00mm
Polarized to Mating Part
Yes
Temperature Range - Operating
-40°C to +70°C
Solder Process Data
Lead-freeProcess Capability
N/A
Material Info
Reference - Drawing Numbers
Product Specification
PS-151062-0001-001, PS-151098-0001-001
Sales Drawing
SD-151100-0001-000
Series image - Reference only
EU ELV
Not Relevant
EU RoHS
China RoHS
Compliant
REACH SVHC
Not Contained Per
-ED/01/2017 (12
January 2017)
Halogen-Free
Status
Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Green Image
ELV
Not Relevant
RoHS Phthalates
Not Contained
Search Parts in this Series
151100 Series
Mates With
Milli-Grid™ Headers 151062 , 151063 ,
151064 , 151065 , Milli-Grid™ Plug Housing
151098
Use With
Milli-Grid™ Crimp Terminal 50394
This document was generated on 06/26/2017
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 1511000006

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1511000002 MOLEX1-1511000002 Datasheet
53Kb / 1P
   2.00mm Pitch Milli-Grid Receptacle Housing, 2 Circuits, Lead-Free
1511000003 MOLEX1-1511000003 Datasheet
53Kb / 1P
   2.00mm Pitch Milli-Grid Receptacle Housing, 3 Circuits, Lead-Free
1511000004 MOLEX1-1511000004 Datasheet
53Kb / 1P
   2.00mm Pitch Milli-Grid Receptacle Housing, 4 Circuits, Lead-Free
1511000005 MOLEX1-1511000005 Datasheet
53Kb / 1P
   2.00mm Pitch Milli-Grid Receptacle Housing, 5 Circuits, Lead-Free
1511000007 MOLEX1-1511000007 Datasheet
53Kb / 1P
   2.00mm Pitch Milli-Grid Receptacle Housing, 7 Circuits, Lead-Free
More results

Similar Description - 1511000006

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1510980006 MOLEX1-1510980006 Datasheet
50Kb / 1P
   2.00mm Pitch Milli-Grid Plug Housing, 6 Circuits, Lead-Free
1511000002 MOLEX1-1511000002 Datasheet
53Kb / 1P
   2.00mm Pitch Milli-Grid Receptacle Housing, 2 Circuits, Lead-Free
1511000004 MOLEX1-1511000004 Datasheet
53Kb / 1P
   2.00mm Pitch Milli-Grid Receptacle Housing, 4 Circuits, Lead-Free
1511000008 MOLEX1-1511000008 Datasheet
53Kb / 1P
   2.00mm Pitch Milli-Grid Receptacle Housing, 8 Circuits, Lead-Free
1511000007 MOLEX1-1511000007 Datasheet
53Kb / 1P
   2.00mm Pitch Milli-Grid Receptacle Housing, 7 Circuits, Lead-Free
1511000010 MOLEX1-1511000010 Datasheet
53Kb / 1P
   2.00mm Pitch Milli-Grid Receptacle Housing, 10 Circuits, Lead-Free
1511000003 MOLEX1-1511000003 Datasheet
53Kb / 1P
   2.00mm Pitch Milli-Grid Receptacle Housing, 3 Circuits, Lead-Free
1511000005 MOLEX1-1511000005 Datasheet
53Kb / 1P
   2.00mm Pitch Milli-Grid Receptacle Housing, 5 Circuits, Lead-Free
1510980002 MOLEX1-1510980002 Datasheet
50Kb / 1P
   2.00mm Pitch Milli-Grid Plug Housing, 2 Circuits, Lead-Free
1510980007 MOLEX1-1510980007 Datasheet
50Kb / 1P
   2.00mm Pitch Milli-Grid Plug Housing, 7 Circuits, Lead-Free
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com