Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

99026 Datasheet(PDF) 7 Page - IXYS Corporation

Part # 99026
Description  HALF BRIDGE DRIVER Evaluation Board
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

99026 Datasheet(HTML) 7 Page - IXYS Corporation

  99026 Datasheet HTML 1Page - IXYS Corporation 99026 Datasheet HTML 2Page - IXYS Corporation 99026 Datasheet HTML 3Page - IXYS Corporation 99026 Datasheet HTML 4Page - IXYS Corporation 99026 Datasheet HTML 5Page - IXYS Corporation 99026 Datasheet HTML 6Page - IXYS Corporation 99026 Datasheet HTML 7Page - IXYS Corporation 99026 Datasheet HTML 8Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
EVBD4400
FLT Reset
Vcc
Vcc
(From FLT)(n.h.)
10K
10K
.01uF
.01uF
To Eval bd INH
To Eval bd INL
INH
INL
1
2
3
4
5
6
9
10
8
12
13
11
1 2
34
74HC00 1/4
74HC00 2/4
74HC00 3/4
74HC00 4/4
74HC04 1/6
74HC04 2/6
In Figures 4 & 5, the schematic assumes the de-
signer will be using some type of external control system
for starting the circuit and/or reseting the circuit in the
event a fault occures. As an alternative, Figure 6
demonstrates a simple and inexpensive Start/Reset logic
circuit for manually implementing fault protection.
With the addition of High Current MOSFET Drivers on
the outputs, the IXBD4410/11's typical 2A Peak Output
Current capability can be "boosted" to drive the latest
IXYS MOSFETS & IGBT's.
Figure 6: Simple Fault Protection Logic Circuit
Figure 6 shows the addition of two IXDD414's.
These are CMOS high-speed MOSFET drivers that
have a 14A Peak Output Drive Capability, allowing the
4410/11 chipset to drive a pair of IXFK90N20Q 90A/
200V Power Mosfets. (The 2 ohm gate resistors
shown should be Non-Inductive High Performance Film
resistors such at those available from Caddock. Par-
ticular attention also needs to be paid to Suppy By-
passing, Grounding, and minimizing the Output Lead
Inductance when designing such a high power circuit
layout).


Similar Part No. - 99026

ManufacturerPart #DatasheetDescription
logo
Littelfuse
99026 LITTELFUSE-99026 Datasheet
173Kb / 1P
   RELAY SOCKETS
092016
More results

Similar Description - 99026

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
EV6R11 IXYS-EV6R11 Datasheet
780Kb / 7P
   IX6R11 HALF BRIDGE DRIVER Evaluation Board
logo
Monolithic Power System...
EVQ6523-R-00A MPS-EVQ6523-R-00A Datasheet
483Kb / 5P
   0.9A, 28V Three half-bridge Motor Driver Evaluation Board
EVQ6526-R-00A MPS-EVQ6526-R-00A Datasheet
653Kb / 6P
   0.9A, 28V Six Half-Bridge Motor Driver Evaluation Board
EVQ6526-U-00A MPS-EVQ6526-U-00A Datasheet
614Kb / 6P
   0.9A, 28V Six Half-Bridge Motor Driver Evaluation Board
EV6514-G-00A MPS-EV6514-G-00A Datasheet
322Kb / 5P
   0.6A, 14V Half H-bridge Motor Driver Evaluation Board
logo
ON Semiconductor
LV8762TEVB ONSEMI-LV8762TEVB Datasheet
54Kb / 1P
   1-Channel H-Bridge Driver Evaluation Board
logo
Monolithic Power System...
EV8042DF-00C MPS-EV8042DF-00C Datasheet
285Kb / 5P
   High Current, Dual Channel Power Half-Bridge Evaluation Board
EV8042DF-00B MPS-EV8042DF-00B Datasheet
247Kb / 5P
   High Current, Dual Channel Power Half-Bridge Evaluation Board
EV8046DF-00A MPS-EV8046DF-00A Datasheet
230Kb / 5P
   High Current, Dual Channel Power Half-Bridge Evaluation Board
EV8049S-U-00A MPS-EV8049S-U-00A Datasheet
232Kb / 6P
   24V 5.5A Quad Channel Power Half-Bridge Evaluation Board
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com