Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M2122TCFW01 Datasheet(PDF) 3 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # M2122TCFW01
Description  General Specifications
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

M2122TCFW01 Datasheet(HTML) 3 Page - Nihon Kaiheiki Industry Co. Ltd.

  M2122TCFW01 Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. M2122TCFW01 Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. M2122TCFW01 Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. M2122TCFW01 Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. M2122TCFW01 Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. M2122TCFW01 Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. M2122TCFW01 Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Series M2100
LED Tipped Toggles
A82
A
www.nkkswitches.com
TYPICAL SWITCH ORDERING EXAMPLE
1
T
M21
SPDT
ON-NONE-ON
Switch Circuit
Synchronous LED Circuit
in Actuator
Circuits
2
ON
NONE
ON
3
ON
OFF
ON
Contact Materials
& Ratings
W
Silver; Rated
6A @ 125V AC
G
Gold; Rated 0.4VA max
@ 28V AC/DC max
2
DESCRIPTION FOR TYPICAL ORDERING EXAMPLE
M2112TCW01
W
LED Colors
Single Color
C
Red
E
Yellow
F
Green
Bicolor
CF
Red/Green
Terminals & Mounting Types
01
Solder Lug with Threaded Bushing
02
Quick Connect with Threaded Bushing
03
Straight PC with Threaded Bushing
30
Right Angle PC with Smooth Bushing
(available with gold contacts only)
Poles
1
SPDT
* 2
DPDT
* Available only with
Terminals 01, 02, 03
Silver Contacts with
6-Amp Rating
Solder Lug Terminals
Red LED
C
01
LED Circuits &
Actuator Types
L
Isolated
T
Synchronous
1/4–40 Threaded Bushing
Threaded Bushings
No
Code
1/4–40 Thread
(Inch)
/M
6mm Thread
(Metric)
IMPORTANT:
Switches are supplied without UL & CSA marking unless specified.
UL & CSA recognized only when ordered with marking on the switch.
Specific models, ratings, & ordering instructions are noted on the
General Specifications page.


Similar Part No. - M2122TCFW01

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
M2122TCFW01 NKK-M2122TCFW01 Datasheet
284Kb / 12P
   LED Tipped Toggles
More results

Similar Description - M2122TCFW01

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
0805ZC475KAT2A AVX-0805ZC475KAT2A Datasheet
148Kb / 4P
   General Specifications
logo
List of Unclassifed Man...
CWSB21CACF ETC2-CWSB21CACF Datasheet
136Kb / 4P
   General Specifications
logo
Nihon Kaiheiki Industry...
M2022SS2W13 NKK-M2022SS2W13 Datasheet
215Kb / 7P
   General Specifications
logo
AVX Corporation
12101C105KAT2A AVX-12101C105KAT2A Datasheet
95Kb / 4P
   General Specifications
0805YA120KAT2A AVX-0805YA120KAT2A Datasheet
134Kb / 4P
   General Specifications
06035C332JAT2A AVX-06035C332JAT2A Datasheet
131Kb / 4P
   General Specifications
0402YA150JAT2A AVX-0402YA150JAT2A Datasheet
124Kb / 4P
   General Specifications
18122C104KAT2A AVX-18122C104KAT2A Datasheet
131Kb / 4P
   General Specifications
06035C103KAT2A AVX-06035C103KAT2A Datasheet
131Kb / 4P
   General Specifications
06036D106MAT2A AVX-06036D106MAT2A Datasheet
85Kb / 3P
   General Specifications
12063C225KAT2A AVX-12063C225KAT2A Datasheet
131Kb / 4P
   General Specifications
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com