Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M2122LCFG01 Datasheet(PDF) 1 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # M2122LCFG01
Description  General Specifications
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

M2122LCFG01 Datasheet(HTML) 1 Page - Nihon Kaiheiki Industry Co. Ltd.

  M2122LCFG01 Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. M2122LCFG01 Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. M2122LCFG01 Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. M2122LCFG01 Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. M2122LCFG01 Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. M2122LCFG01 Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. M2122LCFG01 Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Series M2100
LED Tipped Toggles
A80
A
www.nkkswitches.com
General Specifications
Electrical Capacity (Resistive Load)
Power Level (silver):
6A @ 125V AC or 3A @ 250V AC or 3A @ 30V DC
Logic Level (gold):
0.4VA maximum @ 28V AC/DC maximum
(Applicable Range 0.1mA ~ 0.1A @ 20mV ~ 28V)
Note: Find additional explanation of operating range in Supplement section.
Other Ratings
Contact Resistance:
10 milliohms maximum for silver; 20 milliohms maximum for gold
Insulation Resistance:
1,000 megohms minimum @ 500V DC
Dielectric Strength:
1,000V AC minimum between contacts for 1 minute minimum;
1,500V AC minimum between contacts & case for 1 minute minimum
Mechanical Life:
50,000 operations minimum
Electrical Life:
25,000 operations minimum
Nominal Operating Force:
On-to-On Position
Off-to-On Position
Single Pole
3.19N
3.92N
Double Pole
4.41N
7.06N
Angle of Throw:
20°
Materials & Finishes
Bushing:
Brass with nickel plating
Housing:
Stainless steel
Mounting Bracket:
Steel with tin plating
Movable Contacts:
Silver alloy or silver alloy with gold plating
Stationary Contacts:
Silver with silver plating or copper or brass with gold plating
Lamp Contacts:
Phosphor bronze
Base:
Diallyl phthalate (UL94V-0)
Switch Terminals:
Copper with silver or gold plating
Lamp Terminals:
Brass with silver or gold plating
Environmental Data
Operating Temp Range:
–10°C through +55°C (+14°F through +131°F)
Humidity:
90 ~ 95% humidity for 96 hours @ 40°C (104°F)
Vibration:
10 ~ 55Hz with peak-to-peak amplitude of 1.5mm traversing the frequency range & returning
in 1 minute; 3 right angled directions for 2 hours
Shock:
50G (490m/s2) acceleration (tested in 6 right angled directions, with 5 shocks in each direction)
Installation
Mounting Torque:
1.47Nm (13 lbin) for double nut; .67Nm (6 lbin) for single nut
Soldering Time & Temp:
Wave Soldering (PC version): See Profile B in Supplement section.
Manual Soldering: See Profile B in Supplement section.
Note: Lever must be in center position while soldering.
Cleaning:
PC mountable device is not process sealed. Hand clean locally using alcohol based solution.
Standards & Certifications
Flammability Standards:
UL94V-0 base
UL:
File No. E44145 - Recognized only when ordered with marking on switch.
Add “/U” to end of part number to order UL recognized switch.
Single pole with synchronous circuits & single color LEDs & solder lug or PC recognized at
6A @ 125V AC.
CSA:
File No. 023535_0_000 - Certified only when ordered with marking on switch.
Add “/C” to end of part number to order CSA certified switch.
All single pole with synchronous circuits & single color LEDs certified at 6A @ 125V AC.
3/13/17


Similar Part No. - M2122LCFG01

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
M2122LCFG01 NKK-M2122LCFG01 Datasheet
284Kb / 12P
   LED Tipped Toggles
More results

Similar Description - M2122LCFG01

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
0805ZC475KAT2A AVX-0805ZC475KAT2A Datasheet
148Kb / 4P
   General Specifications
logo
List of Unclassifed Man...
CWSB21CACF ETC2-CWSB21CACF Datasheet
136Kb / 4P
   General Specifications
logo
Nihon Kaiheiki Industry...
M2022SS2W13 NKK-M2022SS2W13 Datasheet
215Kb / 7P
   General Specifications
logo
AVX Corporation
12101C105KAT2A AVX-12101C105KAT2A Datasheet
95Kb / 4P
   General Specifications
0805YA120KAT2A AVX-0805YA120KAT2A Datasheet
134Kb / 4P
   General Specifications
06035C332JAT2A AVX-06035C332JAT2A Datasheet
131Kb / 4P
   General Specifications
0402YA150JAT2A AVX-0402YA150JAT2A Datasheet
124Kb / 4P
   General Specifications
18122C104KAT2A AVX-18122C104KAT2A Datasheet
131Kb / 4P
   General Specifications
06035C103KAT2A AVX-06035C103KAT2A Datasheet
131Kb / 4P
   General Specifications
06036D106MAT2A AVX-06036D106MAT2A Datasheet
85Kb / 3P
   General Specifications
12063C225KAT2A AVX-12063C225KAT2A Datasheet
131Kb / 4P
   General Specifications
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com