Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M2112TCW02 Datasheet(PDF) 5 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # M2112TCW02
Description  General Specifications
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

M2112TCW02 Datasheet(HTML) 5 Page - Nihon Kaiheiki Industry Co. Ltd.

  M2112TCW02 Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. M2112TCW02 Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. M2112TCW02 Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. M2112TCW02 Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. M2112TCW02 Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. M2112TCW02 Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. M2112TCW02 Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Series M2100
LED Tipped Toggles
A84
A
www.nkkswitches.com
LED CIRCUIT, TOGGLE, & MOUNTING TYPE COMBINATIONS
Toggle with Isolated LED Circuit
L
Toggle with Synchronous LED Circuit
T
M2112TCFW01
Single color LED switch does not have terminal 5.
Solder Lug
Single Pole
Threaded Bushing
combines with Terminal
codes 01, 02, & 03.
Smooth Bushing
combines with
Terminal code 30.
Max. Panel
Thickness without
Locking Ring
.134” (3.4mm)
TYPICAL SWITCH DIMENSIONS
Finish: Brushed aluminum
Standard Hardware: 2 AT513H
Hex Nuts, 1 AT507H Locking Ring,
1 AT509 Lockwasher Standard &
optional hardware details in
Accessories & Hardware section.
Max. Panel
Thickness with
Standard Hardware
.102” (2.6mm)
(12.7)
.500
Keyway
(2.5) Dia
.098
(5.0) Dia
.197
20°
1/4-40 Thd
(4.8)
.189
(0.8) Typ
.031
(4.7) Typ
.185
(6.35)
.250
(0.9)
.035
(8.0)
.315
(20.3)
.799
(14.7)
.579
(13.0)
.512
63
2
1
5
4
(1.17) Typ
.046
(2.0) Typ
.079
(4.8)
.189
(6.2) Dia
.244
(14.7)
.579
(5.0) Dia
.197
20°
1/4-40 Thd
(14.7)
.579
(5.0) Dia
.197
20°
Single Color
Bicolor
Red
Yellow
Green
Red/Green
Units
Maximum Forward Current
I
FM
30
30
30
25
mA
Typical Forward Current
I
F
20
20
20
10
mA
Forward Voltage
V
F
2.2
2.1
2.2
1.7/2.0
V
Maximum Reverse Voltage
V
RM
4
4
4
–––
V
Current Reduction Rate Above 25°C
∆I
F
0.38
0.38
0.38
0.33/0.33
mA/°C
Ambient Temperature Range
–10° ~ +55°C
LED COLORS & SPECIFICATIONS
The electrical specifications shown are determined at a basic temperature of 25°C. LED circuit is isolated
and requires an external power source. If the source voltage exceeds the rated voltage, a ballast resistor
is required. The resistor value can be calculated by using the formula in Supplement Section.
CF
C
F
E
Color
The LED is an integral part of the switch
and not available separately.
Bicolor LED is translucent white when unlit.
(6.5) Dia
.256
(6.1)
.240
(2.2) Dia
.087
(6.5) Dia
.256
(5.8)
.228
(0.6)
.024


Similar Part No. - M2112TCW02

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
M2112TCW021 NKK-M2112TCW021 Datasheet
284Kb / 12P
   LED Tipped Toggles
More results

Similar Description - M2112TCW02

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
0805ZC475KAT2A AVX-0805ZC475KAT2A Datasheet
148Kb / 4P
   General Specifications
logo
List of Unclassifed Man...
CWSB21CACF ETC2-CWSB21CACF Datasheet
136Kb / 4P
   General Specifications
logo
Nihon Kaiheiki Industry...
M2022SS2W13 NKK-M2022SS2W13 Datasheet
215Kb / 7P
   General Specifications
logo
AVX Corporation
12101C105KAT2A AVX-12101C105KAT2A Datasheet
95Kb / 4P
   General Specifications
0805YA120KAT2A AVX-0805YA120KAT2A Datasheet
134Kb / 4P
   General Specifications
06035C332JAT2A AVX-06035C332JAT2A Datasheet
131Kb / 4P
   General Specifications
0402YA150JAT2A AVX-0402YA150JAT2A Datasheet
124Kb / 4P
   General Specifications
18122C104KAT2A AVX-18122C104KAT2A Datasheet
131Kb / 4P
   General Specifications
06035C103KAT2A AVX-06035C103KAT2A Datasheet
131Kb / 4P
   General Specifications
06036D106MAT2A AVX-06036D106MAT2A Datasheet
85Kb / 3P
   General Specifications
12063C225KAT2A AVX-12063C225KAT2A Datasheet
131Kb / 4P
   General Specifications
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com