Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M2113TEW02 Datasheet(PDF) 2 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # M2113TEW02
Description  General Specifications
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

M2113TEW02 Datasheet(HTML) 2 Page - Nihon Kaiheiki Industry Co. Ltd.

  M2113TEW02 Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. M2113TEW02 Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. M2113TEW02 Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. M2113TEW02 Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. M2113TEW02 Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. M2113TEW02 Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. M2113TEW02 Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Series M2100
LED Tipped Toggles
A81
A
www.nkkswitches.com
Distinctive Characteristics
Industry’s first LED illumination at tip of toggle switches.
Single color LEDs of red, yellow, and green, plus bicolor red/green,
to meet varied design requirements.
LEDs can operate independently from or synchronously with
switching operation.
Antijamming feature to protect contacts from damage due
to excessive downward force on the toggle.
High torque bushing prevents the bushing from rotating
or separating from the metal frame during installation.
Stainless steel frame resists corrosion.
Silver contacts are of specially composed alloy for
hardness.
High insulating barriers protect against crossover
in double pole devices.
Terminals are molded in and epoxy sealed to lock
out flux, dust, and other contaminants.
1,500V dielectric strength between switch contacts
and case is accomplished by clinching the frame
away from the terminals.
Actual Size


Similar Part No. - M2113TEW02

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
M2113TEW021 NKK-M2113TEW021 Datasheet
284Kb / 12P
   LED Tipped Toggles
More results

Similar Description - M2113TEW02

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
0805ZC475KAT2A AVX-0805ZC475KAT2A Datasheet
148Kb / 4P
   General Specifications
logo
List of Unclassifed Man...
CWSB21CACF ETC2-CWSB21CACF Datasheet
136Kb / 4P
   General Specifications
logo
Nihon Kaiheiki Industry...
M2022SS2W13 NKK-M2022SS2W13 Datasheet
215Kb / 7P
   General Specifications
logo
AVX Corporation
12101C105KAT2A AVX-12101C105KAT2A Datasheet
95Kb / 4P
   General Specifications
0805YA120KAT2A AVX-0805YA120KAT2A Datasheet
134Kb / 4P
   General Specifications
06035C332JAT2A AVX-06035C332JAT2A Datasheet
131Kb / 4P
   General Specifications
0402YA150JAT2A AVX-0402YA150JAT2A Datasheet
124Kb / 4P
   General Specifications
18122C104KAT2A AVX-18122C104KAT2A Datasheet
131Kb / 4P
   General Specifications
06035C103KAT2A AVX-06035C103KAT2A Datasheet
131Kb / 4P
   General Specifications
06036D106MAT2A AVX-06036D106MAT2A Datasheet
85Kb / 3P
   General Specifications
12063C225KAT2A AVX-12063C225KAT2A Datasheet
131Kb / 4P
   General Specifications
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com