Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT28LV64TA-25T Datasheet(PDF) 2 Page - Catalyst Semiconductor

Part # CAT28LV64TA-25T
Description  64K-Bit CMOS PARALLEL EEPROM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT28LV64TA-25T Datasheet(HTML) 2 Page - Catalyst Semiconductor

  CAT28LV64TA-25T Datasheet HTML 1Page - Catalyst Semiconductor CAT28LV64TA-25T Datasheet HTML 2Page - Catalyst Semiconductor CAT28LV64TA-25T Datasheet HTML 3Page - Catalyst Semiconductor CAT28LV64TA-25T Datasheet HTML 4Page - Catalyst Semiconductor CAT28LV64TA-25T Datasheet HTML 5Page - Catalyst Semiconductor CAT28LV64TA-25T Datasheet HTML 6Page - Catalyst Semiconductor CAT28LV64TA-25T Datasheet HTML 7Page - Catalyst Semiconductor CAT28LV64TA-25T Datasheet HTML 8Page - Catalyst Semiconductor CAT28LV64TA-25T Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
CAT28LV64
2
Doc. No. 1010, Rev. D
PIN FUNCTIONS
Pin Name
Function
Pin Name
Function
A0–A12
Address Inputs
WE
Write Enable
I/O0–I/O7
Data Inputs/Outputs
VCC
3.0 to 3.6 V Supply
CE
Chip Enable
VSS
Ground
OE
Output Enable
NC
No Connect
PIN CONFIGURATION
SOIC Package (J, W) (K, X)
DIP Package (P, L)
PLCC Package (N, G)
TSOP Top View (8mm x 13.4mm) (T13, H13)
I/O2
VSS
I/O6
I/O5
13
14
20
19
18
17
9
10
11
12
24
23
22
21
A1
A0
I/O0
I/O1
OE
A10
CE
I/O7
A5
A4
A3
A2
5
6
7
8
1
2
3
4
NC
A12
A7
A6
A9
A11
28
27
26
25
VCC
WE
NC
A8
I/O4
I/O3
16
15
I/O2
VSS
I/O6
I/O5
13
14
20
19
18
17
9
10
11
12
24
23
22
21
A1
A0
I/O0
I/O1
OE
A10
CE
I/O7
A5
A4
A3
A2
5
6
7
8
1
2
3
4
NC
A12
A7
A6
A9
A11
28
27
26
25
VCC
WE
NC
A8
I/O4
I/O3
16
15
A6
A5
A4
A3
5
6
7
8
A2
A1
A0
NC
9
10
11
12
I/O0
13
A8
A9
A11
NC
29
28
27
26
OE
A10
CE
25
24
23
22
I/O7
21
14 15 16 17 18 19 20
4321 32 31 30
I/O6
TOP VIEW
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
I/O6
I/O5
I/O4
GND
I/O2
A1
A2
VCC
WE
A8
A9
A11
OE
A7
A6
A5
A4
A3
A10
I/O7
A12
16
15
CE
I/O3
I/O1
I/O0
A0
NC
NC


Similar Part No. - CAT28LV64TA-25T

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT28LV64T13-25T CATALYST-CAT28LV64T13-25T Datasheet
78Kb / 10P
   64K-Bit CMOS PARALLEL E2PROM
CAT28LV64T13-30T CATALYST-CAT28LV64T13-30T Datasheet
78Kb / 10P
   64K-Bit CMOS PARALLEL E2PROM
CAT28LV64T13-35T CATALYST-CAT28LV64T13-35T Datasheet
78Kb / 10P
   64K-Bit CMOS PARALLEL E2PROM
CAT28LV64T13A-25T CATALYST-CAT28LV64T13A-25T Datasheet
78Kb / 10P
   64K-Bit CMOS PARALLEL E2PROM
CAT28LV64T13A-30T CATALYST-CAT28LV64T13A-30T Datasheet
78Kb / 10P
   64K-Bit CMOS PARALLEL E2PROM
More results

Similar Description - CAT28LV64TA-25T

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT28C64BL12 ONSEMI-CAT28C64BL12 Datasheet
78Kb / 13P
   64K-Bit CMOS PARALLEL EEPROM
Doc. No. MD-1011, Rev. I
CAT28C64B ONSEMI-CAT28C64B Datasheet
93Kb / 13P
   64K-Bit CMOS PARALLEL EEPROM
Doc. No. MD-1011, Rev. I
CAT28C64BN-20 ONSEMI-CAT28C64BN-20 Datasheet
78Kb / 13P
   64K-Bit CMOS PARALLEL EEPROM
Doc. No. MD-1011, Rev. I
CAT28C64BP-20 ONSEMI-CAT28C64BP-20 Datasheet
93Kb / 13P
   64K-Bit CMOS PARALLEL EEPROM
Doc. No. MD-1011, Rev. I
CAT28C65BP12 ONSEMI-CAT28C65BP12 Datasheet
81Kb / 13P
   64K-Bit CMOS PARALLEL EEPROM
Doc. No. MD-1009, Rev. H
logo
Catalyst Semiconductor
CAT28LV65 CATALYST-CAT28LV65_05 Datasheet
74Kb / 12P
   64K-Bit CMOS PARALLEL EEPROM
CAT28C64B CATALYST-CAT28C64B_05 Datasheet
415Kb / 13P
   64K-Bit CMOS PARALLEL EEPROM
logo
Seiko Instruments Inc
S-2860B SII-S-2860B Datasheet
971Kb / 18P
   CMOS 64K-bit PARALLEL EEPROM
logo
Catalyst Semiconductor
CAT28C65B CATALYST-CAT28C65B_05 Datasheet
418Kb / 13P
   64K-Bit CMOS PARALLEL EEPROM
logo
ON Semiconductor
CAT28C64BJ-20 ONSEMI-CAT28C64BJ-20 Datasheet
78Kb / 13P
   64K-Bit CMOS PARALLEL EEPROM
Doc. No. MD-1011, Rev. I
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com