Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NAND128R3A0AN6T Datasheet(PDF) 8 Page - STMicroelectronics

Part # NAND128R3A0AN6T
Description  128 Mbit, 256 Mbit, 512 Mbit, 1 Gbit (x8/x16) 528 Byte/264 Word Page, 1.8V/3V, NAND Flash Memories
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

NAND128R3A0AN6T Datasheet(HTML) 8 Page - STMicroelectronics

Back Button NAND128R3A0AN6T Datasheet HTML 4Page - STMicroelectronics NAND128R3A0AN6T Datasheet HTML 5Page - STMicroelectronics NAND128R3A0AN6T Datasheet HTML 6Page - STMicroelectronics NAND128R3A0AN6T Datasheet HTML 7Page - STMicroelectronics NAND128R3A0AN6T Datasheet HTML 8Page - STMicroelectronics NAND128R3A0AN6T Datasheet HTML 9Page - STMicroelectronics NAND128R3A0AN6T Datasheet HTML 10Page - STMicroelectronics NAND128R3A0AN6T Datasheet HTML 11Page - STMicroelectronics NAND128R3A0AN6T Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 57 page
background image
NAND128-A, NAND256-A, NAND512-A, NAND01G-A
8/57
Table 2. Product Description
Note: 1. Dual Die device.
Figure 2. Logic Diagram
Table 3. Signal Names
Reference
Part Number
Density
Bus
Width
Page
Size
Block
Size
Memory
Array
Operating
Voltage
Timings
Package
Random
Access
Max
Sequential
Access
Min
Page
Program
Typical
Block
Erase
Typical
NAND128-A
NAND128R3A
128Mbit
x8
512+16
Bytes
16K+512
Bytes
32 Pages x
1024 Blocks
1.7 to 1.95V
12µs
60ns
200µs
2ms
TSOP48
USOP48
VFBGA55
NAND128W3A
2.7 to 3.6V
12µs
50ns
200µs
NAND128R4A
x16
256+8
Words
8K+256
Words
1.7 to 1.95V
12µs
60ns
200µs
NAND128W4A
2.7 to 3.6V
12µs
50ns
200µs
NAND256-A
NAND256R3A
256Mbit
x8
512+16
Bytes
16K+512
Bytes
32 Pages x
2048 Blocks
1.7 to 1.95V
12µs
60ns
200µs
2ms
TSOP48
USOP48
VFBGA55
NAND256W3A
2.7 to 3.6V
12µs
50ns
200µs
NAND256R4A
x16
256+8
Words
8K+256
Words
1.7to 1.95V
12µs
60ns
200µs
NAND256W4A
2.7 to 3.6V
12µs
50ns
200µs
NAND512-A(1)
NAND512R3A
512Mbit
x8
512+16
Bytes
16K+512
Bytes
32 Pages x
4096 Blocks
1.7to 1.95V
12µs
60ns
200µs
2ms
TFBGA55
NAND512W3A
2.7 to 3.6V
12µs
50ns
200µs
NAND512R4A
x16
256+8
Words
8K+256
Words
1.7 to 1.95V
12µs
60ns
200µs
NAND512W4A
2.7 to 3.6V
12µs
50ns
200µs
NAND512-A
NAND512R3A
512Mbit
x8
512+16
Bytes
16K+512
Bytes
32 Pages x
4096 Blocks
1.7to 1.95V
15µs
60ns
200µs
2ms
TSOP48
USOP48
VFBGA63
NAND512W3A
2.7 to 3.6V
12µs
50ns
200µs
NAND512R4A
x16
256+8
Words
8K+256
Words
1.7 to 1.95V
15µs
60ns
200µs
NAND512W4A
2.7 to 3.6V
12µs
50ns
200µs
NAND01G-A
NAND01GR3A
1Gbit
x8
512+16
Bytes
16K+512
Bytes
32 Pages x
8192 Blocks
1.7 to 1.95V
15µs
60ns
200µs
2ms
TSOP48
TFBGA63
NAND01GW3A
2.7 to 3.6V
12µs
50ns
200µs
NAND01GR4A
x16
256+8
Words
8K+256
Words
1.7 to 1.95V
15µs
60ns
200µs
NAND01GW4A
2.7 to 3.6V
12µs
50ns
200µs
AI07557C
W
I/O8-I/O15, x16
VDD
NAND Flash
E
VSS
WP
AL
CL
RB
R
I/O0-I/O7, x8/x16
I/O8-15
Data Input/Outputs for x16 devices
I/O0-7
Data Input/Outputs, Address Inputs,
or Command Inputs for x8 and x16
devices
AL
Address Latch Enable
CL
Command Latch Enable
E
Chip Enable
R
Read Enable
RB
Ready/Busy (open-drain output)
W
Write Enable
WP
Write Protect
VDD
Supply Voltage
VSS
Ground
NC
Not Connected Internally
DU
Do Not Use


Similar Part No. - NAND128R3A0AN6T

ManufacturerPart #DatasheetDescription
logo
Numonyx B.V
NAND16GAH0AZA5E NUMONYX-NAND16GAH0AZA5E Datasheet
2Mb / 116P
   1 Gbyte, 2 Gbyte, 1.8 V/3 V supply, NAND Flash memories with MultiMediaCard??interface
NAND16GAH0AZA5F NUMONYX-NAND16GAH0AZA5F Datasheet
2Mb / 116P
   1 Gbyte, 2 Gbyte, 1.8 V/3 V supply, NAND Flash memories with MultiMediaCard??interface
NAND16GAH0D NUMONYX-NAND16GAH0D Datasheet
2Mb / 116P
   1 Gbyte, 2 Gbyte, 1.8 V/3 V supply, NAND Flash memories with MultiMediaCard??interface
NAND16GAH0DZA5E NUMONYX-NAND16GAH0DZA5E Datasheet
2Mb / 116P
   1 Gbyte, 2 Gbyte, 1.8 V/3 V supply, NAND Flash memories with MultiMediaCard??interface
NAND16GAH0DZA5F NUMONYX-NAND16GAH0DZA5F Datasheet
2Mb / 116P
   1 Gbyte, 2 Gbyte, 1.8 V/3 V supply, NAND Flash memories with MultiMediaCard??interface
More results

Similar Description - NAND128R3A0AN6T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
NAND512R3A2C STMICROELECTRONICS-NAND512R3A2C Datasheet
674Kb / 51P
   512 Mbit, 528 Byte/264 Word Page, 1.8V/3V, NAND Flash Memories
logo
Numonyx B.V
NAND512R3A2C NUMONYX-NAND512R3A2C Datasheet
1Mb / 51P
   512 Mbit, 528 Byte/264 Word Page, 1.8V/3V, NAND Flash Memories
NAND512R3A2SN6F NUMONYX-NAND512R3A2SN6F Datasheet
1Mb / 55P
   512-Mbit, 528-byte/264-word page, 1.8 V/3 V, SLC NAND flash memories
logo
STMicroelectronics
NAND512-B STMICROELECTRONICS-NAND512-B Datasheet
383Kb / 59P
   512 Mbit, 1 Gbit, 2 Gbit, 4 Gbit, 8 Gbit 2112 Byte/1056 Word Page, 1.8V/3V, NAND Flash Memory
February 2005
NAND01G-N STMICROELECTRONICS-NAND01G-N Datasheet
217Kb / 23P
   1 Gbit (x8/x16) 2112 Byte Page NAND Flash Memory and 512 Mbit (x16) LPSDRAM, 1.8V, Multi-Chip Package
NAND256-M STMICROELECTRONICS-NAND256-M Datasheet
228Kb / 23P
   256/512Mb/1Gb (x8/x16, 1.8/3V, 528 Byte Page) NAND Flash Memories 256/512Mb (x16/x32, 1.8V) LPSDRAM, MCP
NAND01G-B STMICROELECTRONICS-NAND01G-B Datasheet
631Kb / 64P
   1 Gbit, 2 Gbit, 2112 Byte/1056 Word Page, 1.8V/3V, NAND Flash Memory
NAND01G-B2B STMICROELECTRONICS-NAND01G-B2B Datasheet
711Kb / 62P
   1 Gbit, 2 Gbit, 2112 Byte/1056 Word Page, 1.8V/3V, NAND Flash Memory
logo
Numonyx B.V
NAND04GW3B2B NUMONYX-NAND04GW3B2B Datasheet
1Mb / 58P
   4 Gbit, 8 Gbit, 2112 Byte/1056 Word Page 3V, NAND Flash Memories
logo
STMicroelectronics
NAND04GW3B2B STMICROELECTRONICS-NAND04GW3B2B Datasheet
501Kb / 58P
   4 Gbit, 8 Gbit, 2112 Byte/1056 Word Page 3V, NAND Flash Memories
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com