Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC10080 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # ADC10080
Description  10-Bit, 80 MSPS, 3V, 78.6 mW A/D Converter
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC10080 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button ADC10080 Datasheet HTML 4Page - National Semiconductor (TI) ADC10080 Datasheet HTML 5Page - National Semiconductor (TI) ADC10080 Datasheet HTML 6Page - National Semiconductor (TI) ADC10080 Datasheet HTML 7Page - National Semiconductor (TI) ADC10080 Datasheet HTML 8Page - National Semiconductor (TI) ADC10080 Datasheet HTML 9Page - National Semiconductor (TI) ADC10080 Datasheet HTML 10Page - National Semiconductor (TI) ADC10080 Datasheet HTML 11Page - National Semiconductor (TI) ADC10080 Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
Specification Definitions
APERTURE DELAY is the time after the rising edge of the
clock to when the input signal is acquired or held for conver-
sion.
APERTURE JITTER (APERTURE UNCERTAINTY) is the
variation in aperture delay from sample to sample. Aperture
jitter manifests itself as noise in the output.
COMMON MODE VOLTAGE (V
CM)
is the d.c. potential
present at both signal inputs to the ADC.
CONVERSION LATENCY See PIPELINE DELAY.
DIFFERENTIAL NON-LINEARITY (DNL) is the measure of
the maximum deviation from the ideal step size of 1 LSB.
DUTY CYCLE is the ratio of the time that a repetitive digital
waveform is high to the total time of one period. The speci-
fication here refers to the ADC clock input signal.
EFFECTIVE NUMBER OF BITS (ENOB, or EFFECTIVE
BITS) is another method of specifying Signal-to-Noise and
Distortion or SINAD. ENOB is defined as (SINAD - 1.76) /
6.02 and states that the converter is equivalent to a perfect
ADC of this (ENOB) number of bits.
FULL POWER BANDWIDTH is a measure of the frequency
at which the reconstructed output fundamental drops 3 dB
below its low frequency value for a full scale input.
GAIN ERROR is the deviation from the ideal slope of the
transfer function. It can be calculated as:
Gain Error = Positive Full-Scale Error − Negative Full-
Scale Error
INTEGRAL NON LINEARITY (INL) is a measure of the
deviation of each individual code from a line drawn from
negative full scale (12 LSB below the first code transition)
through positive full scale (12 LSB above the last code
transition). The deviation of any given code from this straight
line is measured from the center of that code value.
MISSING CODES are those output codes that will never
appear at the ADC outputs. The ADC10080 is guaranteed
not to have any missing codes.
NEGATIVE FULL SCALE ERROR is the difference between
the input voltage (V
IN+ −VIN−) just causing a transition from
negative full scale to the first code and its ideal value of
0.5 LSB.
OFFSET ERROR is the input voltage that will cause a tran-
sition from a code of 01 1111 1111 to a code of 10 0000 0000.
OUTPUT DELAY is the time delay after the rising edge of
the clock before the data update is presented at the output
pins.
PIPELINE DELAY (LATENCY) is the number of clock cycles
between initiation of conversion and when that data is pre-
sented to the output driver stage. Data for any given sample
is available at the output pins the Pipeline Delay plus the
Output Delay after the sample is taken. New data is available
at every clock cycle, but the data lags the conversion by the
pipeline delay.
POSITIVE FULL SCALE ERROR is the difference between
the actual last code transition and its ideal value of 112 LSB
below positive full scale.
SIGNAL TO NOISE RATIO (SNR) is the ratio, expressed in
dB, of the rms value of the input signal to the rms value of the
sum of all other spectral components below one-half the
sampling frequency, not including harmonics or dc.
SIGNAL TO NOISE PLUS DISTORTION (S/N+D or SINAD)
Is the ratio, expressed in dB, of the rms value of the input
signal to the rms value of all of the other spectral compo-
nents below half the clock frequency, including harmonics
but excluding dc.
SPURIOUS FREE DYNAMIC RANGE (SFDR) is the differ-
ence, expressed in dB, between the rms values of the input
signal and the peak spurious signal, where a spurious signal
is any signal present in the output spectrum that is not
present at the input.
TOTAL HARMONIC DISTORTION (THD) is the ratio, ex-
pressed in dBc, of the rms total of the first six harmonic
levels at the output to the level of the fundamental at the
output. THD is calculated as:
where f
1 is the RMS power of the fundamental (output)
frequency and f
2 through f6 are the RMS power in the first 6
harmonic frequencies.
Second Harmonic Distortion (2nd Harm) is the difference
expressed in dB, between the RMS power in the input
frequency at the output and the power in its 2nd harmonic
level at the output.
Third Harmonic Distortion (3rd Harm) is the difference,
expressed in dB, between the RMS power in the input
frequency at the output and the power in its 3rd harmonic
level at the output.
www.national.com
8


Similar Part No. - ADC10080

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC10080 TI1-ADC10080 Datasheet
1Mb / 24P
[Old version datasheet]   10-Bit, 80 MSPS, 3V, 78.6 mW A/D Converter
ADC10080 TI1-ADC10080 Datasheet
1Mb / 26P
[Old version datasheet]   78.6 mW A/D Converter
ADC10080CIMT/NOPB TI1-ADC10080CIMT/NOPB Datasheet
1Mb / 26P
[Old version datasheet]   78.6 mW A/D Converter
ADC10080CIMTX/NOPB TI1-ADC10080CIMTX/NOPB Datasheet
1Mb / 26P
[Old version datasheet]   78.6 mW A/D Converter
ADC10080 TI1-ADC10080_14 Datasheet
1Mb / 24P
[Old version datasheet]   10-Bit, 80 MSPS, 3V, 78.6 mW A/D Converter
More results

Similar Description - ADC10080

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC10080 TI1-ADC10080_14 Datasheet
1Mb / 24P
[Old version datasheet]   10-Bit, 80 MSPS, 3V, 78.6 mW A/D Converter
logo
National Semiconductor ...
ADC10040 NSC-ADC10040 Datasheet
914Kb / 19P
   10-Bit, 40 MSPS, 3V, 55.5 mW A/D Converter
logo
Texas Instruments
ADC10080 TI1-ADC10080_15 Datasheet
1Mb / 26P
[Old version datasheet]   78.6 mW A/D Converter
logo
Analog Devices
AD9215 AD-AD9215 Datasheet
1Mb / 36P
   10-Bit, 65/80/105 MSPS, 3V A/D Converter
REV. A
AD9200 AD-AD9200 Datasheet
338Kb / 24P
   Complete 10-Bit, 20 MSPS, 80 mW CMOS A/D Converter
REV. E
AD9200 AD-AD9200_15 Datasheet
341Kb / 24P
   Complete 10-Bit, 20 MSPS, 80 mW CMOS A/D Converter
REV. E
logo
Texas Instruments
ADC10040 TI1-ADC10040_14 Datasheet
1Mb / 28P
[Old version datasheet]   ADC10040/ADC10040Q 10-Bit, 40 MSPS, 3V, 55.5 mW A/D Converter
logo
List of Unclassifed Man...
SPT7868 ETC1-SPT7868 Datasheet
47Kb / 5P
   10-BIT,80 MSPS A/D CONVERTER
logo
Cadeka Microcircuits LL...
SPT7840 CADEKA-SPT7840 Datasheet
188Kb / 12P
   10-BIT, 10 MSPS, 100 mW A/D CONVERTER
logo
Fairchild Semiconductor
SPT7840 FAIRCHILD-SPT7840 Datasheet
95Kb / 12P
   10-BIT, 10 MSPS, 100 mW A/D CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com