Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC10080CIMTX Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC10080CIMTX
Description  10-Bit, 80 MSPS, 3V, 78.6 mW A/D Converter
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC10080CIMTX Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button ADC10080CIMTX Datasheet HTML 3Page - National Semiconductor (TI) ADC10080CIMTX Datasheet HTML 4Page - National Semiconductor (TI) ADC10080CIMTX Datasheet HTML 5Page - National Semiconductor (TI) ADC10080CIMTX Datasheet HTML 6Page - National Semiconductor (TI) ADC10080CIMTX Datasheet HTML 7Page - National Semiconductor (TI) ADC10080CIMTX Datasheet HTML 8Page - National Semiconductor (TI) ADC10080CIMTX Datasheet HTML 9Page - National Semiconductor (TI) ADC10080CIMTX Datasheet HTML 10Page - National Semiconductor (TI) ADC10080CIMTX Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
AC Electrical Characteristics
Unless otherwise specified, the following specifications apply for V
SSA =VSSIO = 0V, VDDA = +3.0V, VDDIO = +2.5V, VIN =
2V
P-P, STBY = 0V, VREF = 1.20V, (Externally Supplied) fCLK = 80 MHz, 50% Duty Cycle, CL = 10 pF/pin. Boldface limits ap-
ply for T
A =TMIN to TMAX: all other limits TA = 25˚C
Symbol
Parameter
Conditions
Min
(Note 11)
Typ
(Note
11)
Max
(Note
11)
Units
CLK, DF, STBY, SENSE
f
CLK1
Maximum Clock Frequency
80
MHz (min)
f
CLK2
Minimum Clock Frequency
20
MHz
t
CH
Clock High Time
6.25
ns
t
CL
Clock Low Time
6.25
ns
t
CONV
Conversion Latency
6
Cycles
t
OD
Data Output Delay after a Rising
Clock Edge
T = 25˚C
2
3.5
5
ns
16
ns
t
AD
Aperture Delay
1
ns
t
AJ
Aperture Jitter
2
ps (RMS)
Over Range Recovery Time
Differential V
IN step from
±3V to 0V to get
accurate conversion
1
Clock Cycle
t
STBY
Standby Mode Exit Cycle
20
Cycles
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is
functional, but do not guarantee specific performance limits. For guaranteed specifications and test conditions, see the Electrical Characteristics. The guaranteed
specifications apply only for the test conditions listed. Some performance characteristics may degrade when the device is not operated under the listed test
conditions.
Note 2: All voltages are measured with respect to GND = VSSA =VSSIO = 0V, unless otherwise specified.
Note 3: When the voltage at any pin exceeds the power supplies (VIN < VSSA or VIN > VDDA,VDDIO or VDR), the current at that pin should be limited to 25 mA.
The 50 mA maximum package input current rating limits the number of pins that can safely exceed the power supplies with an input current of 25 mA to two.
Note 4: The absolute maximum junction temperature (TJmax) for this device is 150˚C. The maximum allowable power dissipation is dictated by TJmax, the
junction-to-ambient thermal resistance (
θJA), and the ambient temperature (TA), and can be calculated using the formula PDMAX=(TJmax − TA)/θJA. In the 28-pin
TSSOP,
θJA is 96˚C/W, so PDMAX = 1,302 mW at 25˚C and 677 mW at the maximum operating ambient temperature of 85˚C. Note that the power dissipation of
this device under normal operation will typically be about 78.6 mW. The values for maximum power dissipation listed above will be reached only when the ADC10080
is operated in a severe fault condition.
Note 5: Human body model is 100 pF capacitor discharged through a 1.5 k
Ω resistor. Machine model is 220 pF discharged through 0Ω.
Note 6: The 235˚C reflow temperature refers to infrared reflow. For Vapor Phase Reflow (VPR) the following conditions apply: Maintain the temperature at the top
of the package body above 183˚C for a minimum of 60 seconds. The temperature measured on the package body must not exceed 220˚C. Only one excursion above
183˚C is allowed per reflow cycle. The analog inputs are protected as shown below. Input voltage magnitude up to 500 mV beyond the supply rails will not damage
this device. However, input errors will be generated if the input goes above VDDA or VDDIO and below VSSA or VSSIO.
20048507
Note 7: To guarantee accuracy, it is required that |VDDA–VDDIO| ≤ 100 mV and separate bypass capacitors are used at each power supply pin.
Note 8: With the test condition for 2 VP-P differential input, the 10-bit LSB is 1.95 mV.
Note 9: Typical figures are at TA =TJ = 25˚C and represent most likely parametric norms. Test limits are guaranteed to National’s AOQL (Average Outgoing Quality
Level).
Note 10: Integral Non Linearity is defined as the deviation of the analog value, expressed in LSBs, from the straight line that passes through positive and negative
full-scale.
Note 11: Timing specifications are tested at TTL logic levels, VIL = 0.4V for a falling edge, and VIH = 2.4V for a rising edge.
Note 12: Optimum dynamic performance will be obtained by keeping the reference input in the +1.2V.
Note 13: IDR is the current consumed by the switching of the output drivers and is primarily determined by load capacitance on the output pins, the supply voltage,
VDR, and the rate at which the outputs are switching (which is signal dependent). IDR =VDR x(C0 xf0 +C1 xf1 +C2 +f2 +....C11 xf11) where VDR is the output driver
supply voltage, Cn is the total load capacitance on the output pin, and fn is the average frequency at which the pin is toggling.
Note 14: Power consumption includes output driver power. (fIN = 0 MHz).
Note 15: The input bandwidth is limited using a 10 pF capacitor between VIN− and VIN+.
Note 16: VCOM is typical value, measured at room temperature. It is not guaranteed by test.
www.national.com
7


Similar Part No. - ADC10080CIMTX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC10080CIMTX/NOPB TI1-ADC10080CIMTX/NOPB Datasheet
1Mb / 26P
[Old version datasheet]   78.6 mW A/D Converter
More results

Similar Description - ADC10080CIMTX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC10080 TI1-ADC10080_14 Datasheet
1Mb / 24P
[Old version datasheet]   10-Bit, 80 MSPS, 3V, 78.6 mW A/D Converter
logo
National Semiconductor ...
ADC10040 NSC-ADC10040 Datasheet
914Kb / 19P
   10-Bit, 40 MSPS, 3V, 55.5 mW A/D Converter
logo
Texas Instruments
ADC10080 TI1-ADC10080_15 Datasheet
1Mb / 26P
[Old version datasheet]   78.6 mW A/D Converter
logo
Analog Devices
AD9215 AD-AD9215 Datasheet
1Mb / 36P
   10-Bit, 65/80/105 MSPS, 3V A/D Converter
REV. A
AD9200 AD-AD9200 Datasheet
338Kb / 24P
   Complete 10-Bit, 20 MSPS, 80 mW CMOS A/D Converter
REV. E
AD9200 AD-AD9200_15 Datasheet
341Kb / 24P
   Complete 10-Bit, 20 MSPS, 80 mW CMOS A/D Converter
REV. E
logo
Texas Instruments
ADC10040 TI1-ADC10040_14 Datasheet
1Mb / 28P
[Old version datasheet]   ADC10040/ADC10040Q 10-Bit, 40 MSPS, 3V, 55.5 mW A/D Converter
logo
List of Unclassifed Man...
SPT7868 ETC1-SPT7868 Datasheet
47Kb / 5P
   10-BIT,80 MSPS A/D CONVERTER
logo
Cadeka Microcircuits LL...
SPT7840 CADEKA-SPT7840 Datasheet
188Kb / 12P
   10-BIT, 10 MSPS, 100 mW A/D CONVERTER
logo
Fairchild Semiconductor
SPT7840 FAIRCHILD-SPT7840 Datasheet
95Kb / 12P
   10-BIT, 10 MSPS, 100 mW A/D CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com