Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCM6123XD1E5126YZZ Datasheet(PDF) 7 Page - Vicor Corporation

Part # BCM6123XD1E5126YZZ
Description  Isolated Fixed-Ratio DC-DC Converter
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

BCM6123XD1E5126YZZ Datasheet(HTML) 7 Page - Vicor Corporation

Back Button BCM6123XD1E5126YZZ Datasheet HTML 3Page - Vicor Corporation BCM6123XD1E5126YZZ Datasheet HTML 4Page - Vicor Corporation BCM6123XD1E5126YZZ Datasheet HTML 5Page - Vicor Corporation BCM6123XD1E5126YZZ Datasheet HTML 6Page - Vicor Corporation BCM6123XD1E5126YZZ Datasheet HTML 7Page - Vicor Corporation BCM6123XD1E5126YZZ Datasheet HTML 8Page - Vicor Corporation BCM6123XD1E5126YZZ Datasheet HTML 9Page - Vicor Corporation BCM6123XD1E5126YZZ Datasheet HTML 10Page - Vicor Corporation BCM6123XD1E5126YZZ Datasheet HTML 11Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
BCM® Bus Converter
Rev 1.1
vicorpower.com
Page 7 of 30
01/2017
800 927.9474
BCM6123xD1E5126yzz
Electrical Specifications (Cont.)
Specifications apply over all line and load conditions, unless otherwise noted;
boldface specifications apply over the temperature range of
-40°C
≤ TINTERNAL ≤ 125°C (T-Grade); All other specifications are at TINTERNAL = 25ºC unless otherwise noted.
Attribute
Symbol
Conditions / Notes
Min
Typ
Max
Unit
General Powetrain PRIMARY to SECONDARY Specification (Forward Direction) Cont.
Effective Primary Capacitance
(Internal)
CPRI_INT
Effective Value at 380VPRI_DC
0.37
µF
Effective Secondary Capacitance
(Internal)
CSEC_INT
Effective Value at 47.5VSEC_DC
25.6
µF
Effective Secondary Output
Capacitance (External)
CSEC_OUT_EXT
Excessive capacitance may drive module into SC
protection
100
µF
Effective Secondary Output
Capacitance (External)
CSEC_OUT_AEXT
CSEC_OUT_AEXT Max = N * 0.5 * CSEC_OUT_EXT MAX, where
N = the number of units in parallel
Powertrain Protection PRIMARY to SECONDARY (Forward Direction)
Auto Restart Time
tAUTO_RESTART
Startup into a persistent fault condition. Non-Latching
fault detection given VPRI_DC > VPRI_UVLO+
292.5
357.5
ms
Primary Overvoltage Lockout
Threshold
VPRI_OVLO+
420
434.5
450
V
Primary Overvoltage Recovery
Threshold
VPRI_OVLO-
405
424
440
V
Primary Overvoltage Lockout
Hysteresis
VPRI_OVLO_HYST
10.5
V
Primary Overvoltage Lockout
Response Time
tPRI_OVLO
100
µs
Primary Soft-Start Time
tPRI_SOFT-START
From powertrain active. Fast Current limit protection
disabled during Soft-Start
1
ms
Secondary Output Overcurrent Trip
Threshold
ISEC_OUT_OCP
28
37
50
A
Secondary Output Overcurrent
Response Time Constant
tSEC_OUT_OCP
Effective internal RC filter
3.2
ms
Secondary Output Short Circuit
Protection Trip Threshold
ISEC_OUT_SCP
45
A
Secondary Output Short Circuit
Protection Response Time
tSEC_OUT_SCP
1
µs
Overtemperature Shutdown
Threshold
tOTP+
Temperature sensor located inside controller IC
125
°C


Similar Part No. - BCM6123XD1E5126YZZ

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
BCM6123XD1E5126YZZ VICOR-BCM6123XD1E5126YZZ Datasheet
876Kb / 30P
   Isolated Fixed-Ratio DC-DC Converter
BCM6123XD1E5126YZZ VICOR-BCM6123XD1E5126YZZ_17 Datasheet
876Kb / 30P
   Isolated Fixed-Ratio DC-DC Converter
More results

Similar Description - BCM6123XD1E5126YZZ

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
BCM48BX096Y240A00 VICOR-BCM48BX096Y240A00 Datasheet
738Kb / 20P
   Isolated Fixed Ratio DC-DC Converter
BCM48BX240Y300A00 VICOR-BCM48BX240Y300A00 Datasheet
782Kb / 20P
   Isolated Fixed Ratio DC-DC Converter
BCM6123XD1E13A3YZZ VICOR-BCM6123XD1E13A3YZZ Datasheet
893Kb / 29P
   Isolated Fixed-Ratio DC-DC Converter
BCM3814B60E15A3C02 VICOR-BCM3814B60E15A3C02 Datasheet
1Mb / 38P
   Isolated, Fixed-Ratio DC-DC Converter
BCM3814X60E10A5YZZ VICOR-BCM3814X60E10A5YZZ_18 Datasheet
1Mb / 41P
   Isolated Fixed-Ratio DC-DC Converter
BCM6123XD1E5126YZZ VICOR-BCM6123XD1E5126YZZ_17 Datasheet
876Kb / 30P
   Isolated Fixed-Ratio DC-DC Converter
BCM4414XD1E2663YZZ VICOR-BCM4414XD1E2663YZZ Datasheet
1Mb / 43P
   Isolated Fixed-Ratio DC-DC Converter
BCM6123XD1E1368YZZ VICOR-BCM6123XD1E1368YZZ Datasheet
895Kb / 30P
   Isolated Fixed-Ratio DC-DC Converter
BCM6123XD1E2663YZZ VICOR-BCM6123XD1E2663YZZ Datasheet
850Kb / 28P
   Isolated Fixed Ratio DC-DC Converter
BCM6123XD1E1368YZZ VICOR-BCM6123XD1E1368YZZ_17 Datasheet
845Kb / 30P
   Isolated Fixed-Ratio DC-DC Converter
BCM6123X60E15A3YZZ VICOR-BCM6123X60E15A3YZZ_17 Datasheet
923Kb / 29P
   Isolated Fixed-Ratio DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com