Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCM380x475y1K2A31 Datasheet(PDF) 5 Page - Vicor Corporation

Part # BCM380x475y1K2A31
Description  Isolated Fixed-Ratio DC-DC Converter
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

BCM380x475y1K2A31 Datasheet(HTML) 5 Page - Vicor Corporation

  BCM380x475y1K2A31 Datasheet HTML 1Page - Vicor Corporation BCM380x475y1K2A31 Datasheet HTML 2Page - Vicor Corporation BCM380x475y1K2A31 Datasheet HTML 3Page - Vicor Corporation BCM380x475y1K2A31 Datasheet HTML 4Page - Vicor Corporation BCM380x475y1K2A31 Datasheet HTML 5Page - Vicor Corporation BCM380x475y1K2A31 Datasheet HTML 6Page - Vicor Corporation BCM380x475y1K2A31 Datasheet HTML 7Page - Vicor Corporation BCM380x475y1K2A31 Datasheet HTML 8Page - Vicor Corporation BCM380x475y1K2A31 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
BCM® Bus Converter
Rev 1.1
vicorpower.com
Page 5 of 30
01/2017
800 927.9474
BCM6123xD1E5126yzz
Absolute Maximum Ratings
The absolute maximum ratings below are stress ratings only. Operation at or beyond these maximum ratings can cause permanent damage to the device.
Parameter
Comments
Min
Max
Unit
+VPRI_DC to –VPRI_DC
-1
480
V
VPRI_DC or VSEC_DC slew rate
(operational)
1
V/µs
+VSEC_DC to –VSEC_DC
-1
60
V
TM/SER-OUT to –VPRI_DC
-0.3
4.6
V
EN to –VPRI_DC
5.5
V
VAUX/SER-IN to –VPRI_DC
4.6
V
Part Ordering Information
Standard Models
Product
Function
Package
Size
Package
Mounting
Max Primary
Input Voltage
Range
Identifier
Max
Secondary
Voltage
Secondary
Output
Current
Temperature
Grade
Option
BCM
6123
x
D1
E
51
26
y
zz
Bus Converter
Module
61 = L
23 = W
T = TH
S = SMT
410V
260 – 410V
51.3V
No Load
25.7A
T = -40°C – 125°C
M = -55°C – 125°C
00 = Analog Ctrl
01 = PMBus Ctrl
0R = Reversible Analog Ctrl
0P = Reversible PMBus Ctrl
Product
Function
Package
Size
Package
Mounting
Max Primary
Input Voltage
Range
Identifier
Max
Secondary
Voltage
Secondary
Output
Current
Temperature
Grade
Option
BCM
6123
T
D1
E
51
26
T
00
BCM
6123
T
D1
E
51
26
T
01
BCM
6123
T
D1
E
51
26
T
0R
BCM
6123
T
D1
E
51
26
T
0P
All products shipped in JEDEC standard high profile (0.400” thick) trays (JEDEC Publication 95, Design Guide 4.10).


Similar Part No. - BCM380x475y1K2A31

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
BCM380X475Y1K2A3Z VICOR-BCM380X475Y1K2A3Z Datasheet
3Mb / 25P
   Fixed Ratio DC-DC Converter
More results

Similar Description - BCM380x475y1K2A31

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
BCM48BX096Y240A00 VICOR-BCM48BX096Y240A00 Datasheet
738Kb / 20P
   Isolated Fixed Ratio DC-DC Converter
BCM48BX240Y300A00 VICOR-BCM48BX240Y300A00 Datasheet
782Kb / 20P
   Isolated Fixed Ratio DC-DC Converter
BCM6123XD1E13A3YZZ VICOR-BCM6123XD1E13A3YZZ Datasheet
893Kb / 29P
   Isolated Fixed-Ratio DC-DC Converter
BCM3814B60E15A3C02 VICOR-BCM3814B60E15A3C02 Datasheet
1Mb / 38P
   Isolated, Fixed-Ratio DC-DC Converter
BCM3814X60E10A5YZZ VICOR-BCM3814X60E10A5YZZ_18 Datasheet
1Mb / 41P
   Isolated Fixed-Ratio DC-DC Converter
BCM6123XD1E5126YZZ VICOR-BCM6123XD1E5126YZZ_17 Datasheet
876Kb / 30P
   Isolated Fixed-Ratio DC-DC Converter
BCM4414XD1E2663YZZ VICOR-BCM4414XD1E2663YZZ Datasheet
1Mb / 43P
   Isolated Fixed-Ratio DC-DC Converter
BCM6123XD1E1368YZZ VICOR-BCM6123XD1E1368YZZ Datasheet
895Kb / 30P
   Isolated Fixed-Ratio DC-DC Converter
BCM6123XD1E2663YZZ VICOR-BCM6123XD1E2663YZZ Datasheet
850Kb / 28P
   Isolated Fixed Ratio DC-DC Converter
BCM6123XD1E1368YZZ VICOR-BCM6123XD1E1368YZZ_17 Datasheet
845Kb / 30P
   Isolated Fixed-Ratio DC-DC Converter
BCM6123X60E15A3YZZ VICOR-BCM6123X60E15A3YZZ_17 Datasheet
923Kb / 29P
   Isolated Fixed-Ratio DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com