Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DCM4623XC8G16F0YZZ Datasheet(PDF) 6 Page - Vicor Corporation

Part # DCM4623XC8G16F0YZZ
Description  Isolated, Regulated DC Converter
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

DCM4623XC8G16F0YZZ Datasheet(HTML) 6 Page - Vicor Corporation

Back Button DCM4623XC8G16F0YZZ Datasheet HTML 2Page - Vicor Corporation DCM4623XC8G16F0YZZ Datasheet HTML 3Page - Vicor Corporation DCM4623XC8G16F0YZZ Datasheet HTML 4Page - Vicor Corporation DCM4623XC8G16F0YZZ Datasheet HTML 5Page - Vicor Corporation DCM4623XC8G16F0YZZ Datasheet HTML 6Page - Vicor Corporation DCM4623XC8G16F0YZZ Datasheet HTML 7Page - Vicor Corporation DCM4623XC8G16F0YZZ Datasheet HTML 8Page - Vicor Corporation DCM4623XC8G16F0YZZ Datasheet HTML 9Page - Vicor Corporation DCM4623XC8G16F0YZZ Datasheet HTML 10Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
DCM™ DC-DC Converter
Rev 1.1
vicorpower.com
Page 6 of 26
01/2017
800 927.9474
DCM4623xC8G16F0yzz
Electrical Specifications (Cont.)
Specifications apply over all line in VIN-EXTENDED, trim and load conditions, internal temperature TINT = 25ºC, unless otherwise noted. Boldface specifications
apply over the temperature range of -40ºC < TINT < 125ºC.
Attribute
Symbol
Conditions / Notes
Min
Typ
Max
Unit
Power Output Specifications (Cont.)
Output capacitance (internal)
COUT-INT
Effective value at nominal output voltage
72
µF
Output capacitance (internal) ESR
RCOUT-INT
At 1MHz
0.06
Output capacitance (external)
COUT-EXT
Electrolytic Capacitor preferred. Excludes component
tolerances and temperature coefficient
1000
10000
µF
Output capacitance, ESR (ext.)
RCOUT-EXT
At 10kHz, excludes component tolerances
10
Initialization delay
tINIT
After input voltage first exceeds VIN-INIT
25
40
ms
Output turn-on delay
tON
From rising edge EN, with VIN pre-applied. See timing
diagram
200
µs
Output turn-off delay
tOFF
From falling edge EN. See timing diagram
600
µs
Start-up setpoint aquisition time
tSS
Full load (soft-start ramp time) with minimum COUT-EXT
5.0
ms
VOUT threshold for max
rated load current
VOUT-FL-THRESH
During startup, VOUT must achieve this threshold before
output can support full rated current
10.5
V
IOUT at startup
IOUT-START
Max load current at startup while VOUT
is below VOUT-FL-THRESH
0.1
A
Monotonic soft-start threshold
voltage
VOUT-MONOTONIC
At startup, the DCM output voltage rise becomes
monotonic with a minimum of 25% pre-load once it crosses
VOUT-MONOTONIC, standalone or as a member in an array
10.5
V
Minimum required disabled duration
tOFF-MIN
This refers to the minimum time a module needs to be
in the disabled state before it will attempt to start via EN
2
ms
Minimum required disabled duration
for predictable restart
tOFF-MONOTONIC
This refers to the minimum time a module needs to be
in the disabled state before it is guaranteed to exhibit
monotonic soft-start and have predictable startup timing
100
ms
Voltage deviation (transient)
%VOUT-TRANS
COUT_EXT = min; (10 ↔ 90% load step), excluding
load line. Load slew rate < 43.5A/ms
<10
%
Settling time
tSETTLE
<0.5
ms
Powertrain Protections
Input Voltage Initialization threshold
VIN-INIT
Threshold to start tINIT delay
75
V
Input Voltage Reset threshold
VIN-RESET
Latching faults will clear once VIN falls below VIN-RESET
50
V
VIN undervoltage Turn-OFF
VIN-UVLO-
130
155
V
VIN undervoltage Turn-ON
VIN-UVLO+
See Timing diagram
200
V
VIN overvoltage Turn-OFF
VIN-OVLO+
450
V
VIN overvoltage Turn-ON
VIN-OVLO-
See Timing diagram
380
V
Output overvoltage threshold
VOUT-OVP
From 25% to 100% load. Latched shutdown. Primary
sensed output voltage only
17.2
V
Output overvoltage threshold
VOUT-OVP-LL
From 0% to 25% load. Latched shutdown. Primary
sensed output voltage only
18.0
V
Minimum current limited VOUT
VOUT-UVP
Over all operating steady-state line and trim conditions
6
V
Overtemperature threshold (internal)
TINT-OTP
125
°C
Power limit
PLIM
880
W
VIN overvoltage to cessation of
powertrain switching
tOVLO-SW
Independent of fault logic
1
µs
VIN overvoltage response time
tOVLO
For fault logic only
200
µs
VIN undervoltage response time
tUVLO
100
ms
Short circuit response time
tSC
Powertrain on, operational state
200
µs
Short circuit, or temperature fault
recovery time
tFAULT
See Timing diagram
1
s


Similar Part No. - DCM4623XC8G16F0YZZ

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
DCM4623XD2H15E0YZZ VICOR-DCM4623XD2H15E0YZZ Datasheet
2Mb / 25P
   Isolated, Regulated DC Converter
DCM4623XD2H26F0Y7Z VICOR-DCM4623XD2H26F0Y7Z Datasheet
3Mb / 23P
   Isolated, Regulated DC Converter
DCM4623XD2H26F0YZZ VICOR-DCM4623XD2H26F0YZZ Datasheet
2Mb / 25P
   Isolated, Regulated DC Converter
DCM4623XD2H31E0Y7Z VICOR-DCM4623XD2H31E0Y7Z Datasheet
2Mb / 23P
   Isolated, Regulated DC Converter
DCM4623XD2H31E0YZZ VICOR-DCM4623XD2H31E0YZZ Datasheet
2Mb / 25P
   Isolated, Regulated DC Converter
More results

Similar Description - DCM4623XC8G16F0YZZ

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
DCM3414X50M26C2YZZ VICOR-DCM3414X50M26C2YZZ_17 Datasheet
3Mb / 22P
   Isolated, Regulated DC Converter
DCM3623X36G26C2YZZ VICOR-DCM3623X36G26C2YZZ_17 Datasheet
2Mb / 25P
   Isolated, Regulated DC Converter
DCM3623X36G40C2YZZ VICOR-DCM3623X36G40C2YZZ_17 Datasheet
2Mb / 25P
   Isolated, Regulated DC Converter
DCM3623X50M04A2Y7Z VICOR-DCM3623X50M04A2Y7Z Datasheet
2Mb / 23P
   Isolated, Regulated DC Converter
DCM3623X50M06A8Y7Z VICOR-DCM3623X50M06A8Y7Z Datasheet
2Mb / 23P
   Isolated, Regulated DC Converter
DCM3414X75H31C2YZZ VICOR-DCM3414X75H31C2YZZ_17 Datasheet
3Mb / 22P
   Isolated, Regulated DC Converter
DCM3623XA5N06A2Y7Z VICOR-DCM3623XA5N06A2Y7Z Datasheet
2Mb / 23P
   Isolated, Regulated DC Converter
DCM3623XA5N17B4Y7Z VICOR-DCM3623XA5N17B4Y7Z Datasheet
2Mb / 23P
   Isolated, Regulated DC Converter
DCM3623XA5N0480Y7Z VICOR-DCM3623XA5N0480Y7Z Datasheet
2Mb / 23P
   Isolated, Regulated DC Converter
DCM4623XD2N31C8YZZ VICOR-DCM4623XD2N31C8YZZ_17 Datasheet
1Mb / 25P
   Isolated, Regulated DC Converter
DCM4623XD2N53C8Y7Z VICOR-DCM4623XD2N53C8Y7Z Datasheet
2Mb / 23P
   Isolated, Regulated DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com