Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MINI58ZDE Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # MINI58ZDE
Description  32-bit Microcontroller
Download  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MINI58ZDE Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button MINI58ZDE Datasheet HTML 5Page - List of Unclassifed Manufacturers MINI58ZDE Datasheet HTML 6Page - List of Unclassifed Manufacturers MINI58ZDE Datasheet HTML 7Page - List of Unclassifed Manufacturers MINI58ZDE Datasheet HTML 8Page - List of Unclassifed Manufacturers MINI58ZDE Datasheet HTML 9Page - List of Unclassifed Manufacturers MINI58ZDE Datasheet HTML 10Page - List of Unclassifed Manufacturers MINI58ZDE Datasheet HTML 11Page - List of Unclassifed Manufacturers MINI58ZDE Datasheet HTML 12Page - List of Unclassifed Manufacturers MINI58ZDE Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 83 page
background image
MINI58DE
Dec. 09, 2015
Page 9 of 83
Rev.1.02
Supports Event Counter mode
Supports Toggle Output mode
Supports external trigger in Pulse Width Measurement mode
Supports external trigger in Pulse Width Capture mode
WDT (Watchdog Timer)
Programmable clock source and time-out period
Supports wake-up function in Power-down mode and Idle mode
Interrupt or reset selectable on watchdog time-out
WWDT (Window Watchdog Timer)
6-bit down counter value (CNTDAT) and 6-bit compare value (CMPDAT) to
make the WWDT time-out window period flexible
Supports 4-bit value (PSCSEL) to programmable maximum 11-bit prescale
counter period of WWDT counter
PWM
Up to three built-in 16-bit PWM generators, providing six PWM outputs or three
complementary paired PWM outputs
Individual clock source, clock divider, 8-bit pre-scalar and dead-time generator
for each PWM generator
PWM interrupt synchronized to PWM period
Supports edge-alignment or center-alignment
Supports fault detection
UART (Universal Asynchronous Receiver/Transmitters)
Two UART devices
Buffered receiver and transmitter, each with 16-byte FIFO
Optional flow control function (CTSn and RTSn)
Supports IrDA (SIR) function
Programmable baud-rate generator up to 1/16 system clock
Supports RS-485 function
SPI (Serial Peripheral Interface)
One SPI device
Master up to 25 MHz, and Slave up to 10 MHz
Supports Master/Slave mode
Full-duplex synchronous serial data transfer
Variable length of transfer data from 1 to 32 bits
MSB or LSB first data transfer
RX latching data can be either at rising edge or at falling edge of serial clock
TX sending data can be either at rising edge or at falling edge of serial clock
Supports Byte Suspend mode in 32-bit transmission
I
2C


Similar Part No. - MINI58ZDE

ManufacturerPart #DatasheetDescription
logo
Nuvoton Technology Corp...
MINI58ZDE NUVOTON-MINI58ZDE Datasheet
1Mb / 84P
   ARM짰 Cortex짰-M0 32-bit Microcontroller
More results

Similar Description - MINI58ZDE

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB91301A FUJITSU-MB91301A Datasheet
4Mb / 622P
   32-BIT MICROCONTROLLER
MB91F367GA FUJITSU-MB91F367GA Datasheet
713Kb / 62P
   32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
NUC100LC1DN ETC2-NUC100LC1DN Datasheet
1Mb / 107P
   32-bit Microcontroller
NUC140LC1CN ETC2-NUC140LC1CN Datasheet
1Mb / 77P
   32-BIT MICROCONTROLLER
logo
Cypress Semiconductor
MB91F469GA CYPRESS-MB91F469GA Datasheet
6Mb / 147P
   32-bit Microcontroller
logo
Nuvoton Technology Corp...
M052 NUVOTON-M052 Datasheet
1Mb / 71P
   32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
NUMAKER ETC2-NUMAKER Datasheet
1Mb / 71P
   32-bit Microcontroller
logo
Nuvoton Technology Corp...
NANO120 NUVOTON-NANO120 Datasheet
1Mb / 18P
   32-bit Microcontroller
logo
Fujitsu Component Limit...
MB91230 FUJITSU-MB91230 Datasheet
298Kb / 66P
   32-bit Microcontroller
MB91305 FUJITSU-MB91305 Datasheet
880Kb / 90P
   32-bit Microcontroller
MB91F467BA FUJITSU-MB91F467BA Datasheet
1Mb / 136P
   32-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com