Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

N79E352RALG Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # N79E352RALG
Description  8-BIT MICROCONTROLLER
Download  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

N79E352RALG Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  N79E352RALG Datasheet HTML 1Page - List of Unclassifed Manufacturers N79E352RALG Datasheet HTML 2Page - List of Unclassifed Manufacturers N79E352RALG Datasheet HTML 3Page - List of Unclassifed Manufacturers N79E352RALG Datasheet HTML 4Page - List of Unclassifed Manufacturers N79E352RALG Datasheet HTML 5Page - List of Unclassifed Manufacturers N79E352RALG Datasheet HTML 6Page - List of Unclassifed Manufacturers N79E352RALG Datasheet HTML 7Page - List of Unclassifed Manufacturers N79E352RALG Datasheet HTML 8Page - List of Unclassifed Manufacturers N79E352RALG Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 135 page
background image
Preliminary N79E352/N79E352R Data Sheet
- 4 -
1. GENERAL DESCRIPTION
The N79E352(R) is an 8-bit Turbo 51 microcontroller which has Flash EPROM programmable
hardware writer. The instruction set of the N79E352(R) is fully compatible with the standard 8052. The
N79E352(R) contains a 8Kbytes of main Flash EPROM; a 256 bytes of RAM; 128 bytes NVM Data
Flash EPROM; three 16-bit timer/counters; 2-channel 8-bit PWM; 1-channel UART and 1 additional
input capture. These peripherals are supported by 11 interrupt sources four-level interrupt capability.
To facilitate programming and verification, the Flash EPROM inside the N79E352(R) allows the
program memory to be programmed and read electronically. Once the code is confirmed, the user can
protect the code for security. N79E352(R) is designed for cost effective applications which can serve
industrial devices, and other low power applications.


Similar Part No. - N79E352RALG

ManufacturerPart #DatasheetDescription
logo
Nuvoton Technology Corp...
N79E352RALG NUVOTON-N79E352RALG Datasheet
2Mb / 135P
   8-BIT MICROCONTROLLER
More results

Similar Description - N79E352RALG

ManufacturerPart #DatasheetDescription
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
W78L54 WINBOND-W78L54 Datasheet
20Kb / 2P
   8-BIT MICROCONTROLLER
logo
AMIC Technology
A8032 AMICC-A8032 Datasheet
267Kb / 12P
   8 Bit Microcontroller
logo
NXP Semiconductors
PCF84C12A PHILIPS-PCF84C12A Datasheet
89Kb / 16P
   8-bit microcontroller
1998 May 11
logo
Holtek Semiconductor In...
HT48C50- HOLTEK-HT48C50- Datasheet
295Kb / 45P
   8-Bit Microcontroller
HT48CA0 HOLTEK-HT48CA0 Datasheet
699Kb / 36P
   8-bit Microcontroller
logo
List of Unclassifed Man...
W78ERD2 ETC2-W78ERD2 Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
W77E516A ETC2-W77E516A Datasheet
1Mb / 92P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com