Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

N79E815 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # N79E815
Description  Nuvoton 8051 series
Download  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

N79E815 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button N79E815 Datasheet HTML 4Page - List of Unclassifed Manufacturers N79E815 Datasheet HTML 5Page - List of Unclassifed Manufacturers N79E815 Datasheet HTML 6Page - List of Unclassifed Manufacturers N79E815 Datasheet HTML 7Page - List of Unclassifed Manufacturers N79E815 Datasheet HTML 8Page - List of Unclassifed Manufacturers N79E815 Datasheet HTML 9Page - List of Unclassifed Manufacturers N79E815 Datasheet HTML 10Page - List of Unclassifed Manufacturers N79E815 Datasheet HTML 11Page - List of Unclassifed Manufacturers N79E815 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 179 page
background image
N79E815A/814A/8132A 中文规格书
2016年2月20日
第8页 总179页
版本 V3.00
软件可选择TTL或史密特触发输入类型
14 个中断源带4级中断优先级.
P10, P11, P14, P16, P17的LED 驱动能力为38mA.
端口P0,P2,P3的LED驱动能力为20mA.
 定时器/计数器
2 组16-位定时器/计数器.
一个16位定时器带三路输入捕获功能
 看门狗定时器
可编程看门狗定时器
时钟源为内部额外10kHz 偏差率
50% RC振荡器.
 串口(UART, SPI, I
2C )
一组增强型全双工UART口,带帧错误检测和自动地址识别。
一路SPI 带主/从功能. 软件可切换两组SPI引脚
一个I
2C 带主/从功能.
 PWM
4通道 10-位 PWM 输出带一路 钳位/故障 (Brake/Fault) 输入
 KBI
8-键盘中断输入(KBI) 带8个上升沿/下降沿/双边沿 检测引脚(由软件选择)
 ADC
10-位 A/D 转换器
最高达150 Ksps.(每秒采样率)
8个模拟输入通道
 欠压检测
2-级 (3.8V/2.7V) BOD 检测器
支持低电压中断和低电压复位选项
 POR (上电复位)
门限电压为2.0V
 内建电源管理.
睡眠模式
掉电模式 可选使能WDT功能
 开发工具
ICE(在电路仿真)工具
通用型编程器
ICP 编程器
ISP 编程器 (同时支持标准串口模式 / 脱机编程模式)


Similar Part No. - N79E815

ManufacturerPart #DatasheetDescription
logo
Nuvoton Technology Corp...
N79E815 NUVOTON-N79E815 Datasheet
3Mb / 179P
   Nuvoton 8051 Kernel microcontroller
N79E815AS20 NUVOTON-N79E815AS20 Datasheet
3Mb / 179P
   Nuvoton 8051 Kernel microcontroller
N79E815AS28 NUVOTON-N79E815AS28 Datasheet
3Mb / 179P
   Nuvoton 8051 Kernel microcontroller
N79E815AT20 NUVOTON-N79E815AT20 Datasheet
3Mb / 179P
   Nuvoton 8051 Kernel microcontroller
N79E815AT28 NUVOTON-N79E815AT28 Datasheet
3Mb / 179P
   Nuvoton 8051 Kernel microcontroller
More results

Similar Description - N79E815

ManufacturerPart #DatasheetDescription
logo
Nuvoton Technology Corp...
N79E855 NUVOTON-N79E855 Datasheet
3Mb / 180P
   Nuvoton 8051-based Microcontroller
N79E715 NUVOTON-N79E715 Datasheet
3Mb / 189P
   Nuvoton 8051-based Microcontroller
N79E845 NUVOTON-N79E845 Datasheet
3Mb / 183P
   Nuvoton 8051-based Microcontroller
N79E815 NUVOTON-N79E815 Datasheet
3Mb / 179P
   Nuvoton 8051 Kernel microcontroller
N76E616 NUVOTON-N76E616 Datasheet
3Mb / 182P
   Nuvoton 1T 8051-based Microcontroller
N76E003 NUVOTON-N76E003 Datasheet
4Mb / 276P
   Nuvoton 1T 8051-based Microcontroller
N76E003 NUVOTON-N76E003_18 Datasheet
4Mb / 276P
   Nuvoton 1T 8051-based Microcontroller
N78E366A NUVOTON-N78E366A Datasheet
3Mb / 136P
   Nuvoton 8-bit 8051-based Microcontroller
N76E885 NUVOTON-N76E885 Datasheet
3Mb / 205P
   Nuvoton 1T 8051-based Microcontroller
N76E003 NUVOTON-N76E003_17 Datasheet
4Mb / 273P
   Nuvoton 1T 8051-based Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com