Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS7250B Datasheet(PDF) 5 Page - Cirrus Logic

Part # CS7250B
Description  Digital MEMS Microphone with High Performance and Low Power Modes
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS7250B Datasheet(HTML) 5 Page - Cirrus Logic

  CS7250B Datasheet HTML 1Page - Cirrus Logic CS7250B Datasheet HTML 2Page - Cirrus Logic CS7250B Datasheet HTML 3Page - Cirrus Logic CS7250B Datasheet HTML 4Page - Cirrus Logic CS7250B Datasheet HTML 5Page - Cirrus Logic CS7250B Datasheet HTML 6Page - Cirrus Logic CS7250B Datasheet HTML 7Page - Cirrus Logic CS7250B Datasheet HTML 8Page - Cirrus Logic CS7250B Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
DS1072PP1
CS7250B
3 Characteristics and Specifications
3 Characteristics and Specifications
Table 3-1. Parameter Definitions
Parameter
Definition
Sensitivity
A measure of the microphone output response to the acoustic pressure of a 1-kHz, 94 dB SPL (1 Pa RMS)
sine wave. This is referenced to the output Full Scale Range (FSR) of the microphone.
Full Scale Range (FSR)
Sensitivity, electrical noise floor and power supply rejection are measured with reference to the output full
scale range (FSR) of the microphone. FSR is defined as the amplitude of a 1-kHz sine-wave output whose
positive peak value reaches 100% density of logic 1s and whose negative peak value reaches 0% density
of logic 1s. This is the largest 1-kHz sine wave that fits in the digital output range without clipping. Note that,
because the definition of FSR is based on a sine wave, it is possible to support a square wave test signal
output whose level is +3 dBFS.
Total harmonic distortion (THD)
The ratio of the RMS sum of the harmonic distortion products in the specified bandwidth (see note) relative
to the RMS amplitude of the fundamental (i.e., test frequency) output.
Signal-to-noise ratio (SNR)
A measure of the difference in level between the output response of a 1-kHz, 94 dB SPL sine wave and the
idle noise output.
Dynamic Range (DR)
The ratio of the 10% THD microphone output level (in response to a sine wave input) and the idle noise
output.
Note: Unless otherwise specified, all performance measurements are specified with a low-pass brick-wall filter and, where noted, an
A-weighted filter. The low-pass filter removes out-of-band noise.
Table 3-2. Recommended Operating Conditions
Parameter
Symbol
Min
Typ
Max
Units
Supply voltage
VDD
1.62
1.8
1.98
V
Ground
GND
0
V
Clock frequency
FCLK
0.3
3.2
MHz
Operating temperature range
TA
–40
+85
ºC
Table 3-3. Absolute Maximum Ratings
Absolute maximum ratings are stress ratings only. Permanent damage to the device may be caused by continuously operating at or beyond these limits.
Device functional operating limits and guaranteed performance specifications are given under electrical characteristics at the test conditions specified.
Parameter
Symbol
Min
Max
Units
Supply voltage 1
1.All voltages are measured with respect to GND.
VDD
–0.3
2.4
V
Input voltage 1
VIN
–0.3
2.3 [2]
2.If VDD is above the minimum recommended operating level (see Table 3-2), the maximum input voltage is VDD + 0.3 V.
V
Input current 3
3.Input current is positive when flowing into the device.
IIN
–10
+10
mA
Operating temperature range
TA
–40
+105
ºC
Storage temperature prior to soldering
TStgp
—30
ºC
Storage relative humidity prior to soldering
RHStgp
—60
%
Storage temperature after soldering
TStg
–40
+105
ºC
ESD-sensitive device. The CS7250B is manufactured on a CMOS process. It is therefore generically susceptible to damage from
excessive static voltages. Proper ESD precautions must be taken during handling and storage of this device. This device is
qualified to current JEDEC ESD standards


Similar Part No. - CS7250B

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
CS72-12IO8 IXYS-CS72-12IO8 Datasheet
34Kb / 2P
   Phase Control Thyristors
CS72-16IO8 IXYS-CS72-16IO8 Datasheet
34Kb / 2P
   Phase Control Thyristors
logo
SHENZHEN DOINGTER SEMIC...
CS72N10 DOINGTER-CS72N10 Datasheet
1Mb / 5P
   N-Channel MOSFET uses advanced trench technology
CS72N18 DOINGTER-CS72N18 Datasheet
1Mb / 5P
   N-Channel MOSFET uses advanced SGT technology
More results

Similar Description - CS7250B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
MP23DB02MM STMICROELECTRONICS-MP23DB02MM Datasheet
1Mb / 15P
   MEMS audio sensor: digital microphone with multiple performance modes
March 2022 Rev 3
MP23DB01HP STMICROELECTRONICS-MP23DB01HP Datasheet
710Kb / 15P
   digital microphone with multiple performance modes
July 2020 Rev 2
logo
Infineon Technologies A...
IM69D120 INFINEON-IM69D120 Datasheet
1Mb / 16P
   High performance digital XENSIVTM MEMS microphone
Datasheet 1.0 2017-12-20
IM69D130 INFINEON-IM69D130 Datasheet
2Mb / 16P
   High performance digital XENSIVTM MEMS microphone
Datasheet 1.0 2017-12-19
logo
Knowles Electronics
SPH1668LM4H-1 KNOWLES-SPH1668LM4H-1 Datasheet
798Kb / 14P
   Digital Zero-Height SiSonicTM Microphone With Multiple Performance Modes
logo
Infineon Technologies A...
IM67D130A INFINEON-IM67D130A Datasheet
1Mb / 22P
   AEC-Q103 qualified high performance digital XENSIV??MEMS microphone
Rev 1.00 18-05-2021
IM73D122V01 INFINEON-IM73D122V01 Datasheet
838Kb / 18P
   Ultra-low noise high sensitivity digital XENSIVTM MEMS microphone
1.00 2022-08-12
logo
STMicroelectronics
MP34DB02 STMICROELECTRONICS-MP34DB02 Datasheet
372Kb / 17P
   MEMS audio sensor omnidirectional digital microphone
April 2016 Rev 2
MP34DT01TR STMICROELECTRONICS-MP34DT01TR Datasheet
883Kb / 20P
   MEMS audio sensor omnidirectional digital microphone
MP34DB01 STMICROELECTRONICS-MP34DB01 Datasheet
321Kb / 15P
   MEMS audio sensor omnidirectional digital microphone
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com