Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS7331 Datasheet(PDF) 2 Page - Cirrus Logic

Part # CS7331
Description  Miniature Bottom Port Analog MEMS Microphone
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS7331 Datasheet(HTML) 2 Page - Cirrus Logic

  CS7331 Datasheet HTML 1Page - Cirrus Logic CS7331 Datasheet HTML 2Page - Cirrus Logic CS7331 Datasheet HTML 3Page - Cirrus Logic CS7331 Datasheet HTML 4Page - Cirrus Logic CS7331 Datasheet HTML 5Page - Cirrus Logic CS7331 Datasheet HTML 6Page - Cirrus Logic CS7331 Datasheet HTML 7Page - Cirrus Logic CS7331 Datasheet HTML 8Page - Cirrus Logic CS7331 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
DS1165F1
CS7331P
Table of Contents
1 Pin Descriptions ........................................................................................................................................................... 3
1.1 LGA Pinout ............................................................................................................................................................ 3
1.2 Pin Descriptions ..................................................................................................................................................... 3
2 Typical Connection Diagram ....................................................................................................................................... 4
3 Characteristics and Specifications ............................................................................................................................. 4
Table 3-1. Parameter Definitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4
Table 3-2. Recommended Operating Conditions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4
Table 3-3. Absolute Maximum Ratings . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5
Table 3-4. Acoustic and Electrical Characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5
4 Typical Performance .................................................................................................................................................... 6
5 Applications Information ............................................................................................................................................. 7
5.1 Important Assembly Guidelines ............................................................................................................................. 7
5.2 PCB Land Pattern and Paste Stencil ..................................................................................................................... 8
6 Package Dimensions .................................................................................................................................................... 9
7 Ordering Information .................................................................................................................................................... 9
8 References .................................................................................................................................................................... 9
9 Revision History ........................................................................................................................................................... 9


Similar Part No. - CS7331

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS7331P CIRRUS-CS7331P Datasheet
174Kb / 11P
   Miniature Bottom Port Analog MEMS Microphone
More results

Similar Description - CS7331

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS7331P CIRRUS-CS7331P Datasheet
174Kb / 11P
   Miniature Bottom Port Analog MEMS Microphone
logo
TDK Electronics
UG-126 TDK-UG-126 Datasheet
140Kb / 2P
   Bottom Port Analog MEMS Microphone Evaluation Board
logo
Cirrus Logic
WM7331 CIRRUS-WM7331 Datasheet
787Kb / 12P
   Bottom Port Analog Silicon Microphone
logo
PUI audio inc.
PMM-3738-VM1000-R PUIAUDIO-PMM-3738-VM1000-R Datasheet
780Kb / 7P
   Low-Noise Bottom Port Piezoelectric MEMS Microphone
logo
Cirrus Logic
WM7132PE CIRRUS-WM7132PE Datasheet
727Kb / 12P
   Bottom Port Analog Silicon Microphone
WM7132 CIRRUS-WM7132 Datasheet
727Kb / 12P
   Bottom Port Analog Silicon Microphone
WM7331E CIRRUS-WM7331E Datasheet
787Kb / 12P
   Bottom Port Analog Silicon Microphone
logo
TDK Electronics
UG-118 TDK-UG-118 Datasheet
150Kb / 2P
   Bottom Port Digital MEMS Microphone Evaluation Board
logo
STMicroelectronics
MP33AB01H STMICROELECTRONICS-MP33AB01H Datasheet
459Kb / 13P
   MEMS audio surface-mount bottom-port silicon microphone with analog output
October 2013 Rev 3
MP23ABS1 STMICROELECTRONICS-MP23ABS1 Datasheet
568Kb / 15P
   High-performance MEMS audio sensor: single-ended analog bottom-port microphone
October 2020 Rev 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com