Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

170M5810 Datasheet(PDF) 2 Page - Cooper Bussmann, Inc.

Part # 170M5810
Description  690V/700V (IEC/U.L.)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

170M5810 Datasheet(HTML) 2 Page - Cooper Bussmann, Inc.

  170M5810 Datasheet HTML 1Page - Cooper Bussmann, Inc. 170M5810 Datasheet HTML 2Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Form No.
Page 2 of 2
BIF Doc #720017
Bussmann®
This bulletin is intended to clearly present comprehensive product data and provide technical information that will help the end user with design applications. Bussmann reserves the right,
without notice, to change design or construction of any products and to discontinue or limit distribution of any products. Bussmann also reserves the right to change or update, without
notice, any technical information contained in this bulletin. Once a product has been selected, it should be tested by the user in all possible applications.
®
Square Body – DIN 43 620
690V/700V (IEC/U.L.)
40-1000A
Total Clearing I2t
The total clearing I
2t at rated voltage and
at power factor of 15% are given in the
electrical characteristics. For other volt-
ages, the clearing I
2t is found by multi-
plying by correction factor, K , given as
a function of applied working voltage,
Eg, (RMS).
Arc Voltage
This curve gives the peak arc voltage,
UL, which may appear across the fuse
during its operation as a function of the
applied working voltage, Eg, (RMS) at a
power factor of 15%.
Power Losses
Watts loss at rated current is given in
the electrical characteristics. The curve
allows the calculation of the power
losses at load currents lower than the
rated current . The correction factor, Kp ,
is given as a function of the RMS load
current, Ib , in % of the rated current .
Electrical Characteristics
A
B
D
E
F
6
H
Indicator
Size
A
B
D
E
F
H
1*
69
135
58
45
40
20
2
69
150
71
55
48
26
3
68
150
88
76
60
33
Dimension in mm.
1mm = 0.0394∑
1∑ = 25.4mm
Dimensions
DIN 43 620: Type DIN 1*, DIN 2, DIN 3
K
1.5
1.0
0.5
0.4
0.3
0.2
E
g
100 200 300 400 500 600 690
U
L
1.4
1.2
103
6
8
7
9
5
4
3
E
g
200
300
400
500
600 690
K
p
30 40 50
60
70
80 90 100%
I
b
1.0
0.8
0.4
0.5
0.6
0.3
0.2
0.1
7-11-01
SB01191


Similar Part No. - 170M5810

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
170M5810 ETC2-170M5810 Datasheet
43Kb / 2P
   690V/700V (IEC/U.L.) 40-1000A
More results

Similar Description - 170M5810

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
170M3819 ETC2-170M3819 Datasheet
43Kb / 2P
   690V/700V (IEC/U.L.) 40-1000A
logo
Cooper Bussmann, Inc.
170M3008 COOPER-170M3008 Datasheet
48Kb / 2P
   Square Body ??DIN 43 653 690V/700V (IEC/U.L.)
170M3108 COOPER-170M3108 Datasheet
47Kb / 2P
   Square Body ??DIN 43 653 690V/700V (IEC/U.L.)
FWP-20A22F COOPER-FWP-20A22F Datasheet
40Kb / 1P
   FWP 660V/700V (IEC/U.L.)
FWP-20A14FI COOPER-FWP-20A14FI Datasheet
42Kb / 1P
   FWP 660V/700V (IEC/U.L.)
FWP-1A14F COOPER-FWP-1A14F Datasheet
42Kb / 1P
   FWP 660V/700V (IEC/U.L.)
FWP-5A14F COOPER-FWP-5A14F Datasheet
42Kb / 1P
   FWP 660V/700V (IEC/U.L.)
170M1308 COOPER-170M1308 Datasheet
46Kb / 2P
   Square Body ??DIN 43 653 690V (IEC/U.L.)
170M6712 COOPER-170M6712 Datasheet
75Kb / 2P
   Square Body US Style ??690V/700V (IEC): 40-2000A
170M3208 COOPER-170M3208 Datasheet
48Kb / 2P
   Square Body ??DIN 43 653 690V/700V IEC/UL40-2000A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com