Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C0603C106J4RACTU Datasheet(PDF) 9 Page - Kemet Corporation

Part # C0603C106J4RACTU
Description  X7R Dielectric, 6.3 - 250 VDC (Commercial Grade)
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C0603C106J4RACTU Datasheet(HTML) 9 Page - Kemet Corporation

Back Button C0603C106J4RACTU Datasheet HTML 5Page - Kemet Corporation C0603C106J4RACTU Datasheet HTML 6Page - Kemet Corporation C0603C106J4RACTU Datasheet HTML 7Page - Kemet Corporation C0603C106J4RACTU Datasheet HTML 8Page - Kemet Corporation C0603C106J4RACTU Datasheet HTML 9Page - Kemet Corporation C0603C106J4RACTU Datasheet HTML 10Page - Kemet Corporation C0603C106J4RACTU Datasheet HTML 11Page - Kemet Corporation C0603C106J4RACTU Datasheet HTML 12Page - Kemet Corporation C0603C106J4RACTU Datasheet HTML 13Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
C1002_X7R_SMD • 6/9/2017
9
Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
X7R Dielectric, 6.3 – 250 VDC (Commercial Grade)
Table 1B – Capacitance Range/Selection Waterfall (1210 – 2225 Case Sizes) cont'd
*Capacitance range Includes E24 decade values only. (i.e., 10, 11, 12, 13, 15, 16, 18, 20, 22, 24, 27, 30, 33, 36, 39, 43, 47, 51, 56, 62, 68, 75, 82, and 91)
**Capacitance range Includes E12 decade values only. (i.e., 10, 12, 15, 18, 22, 27, 33, 39, 47, 56, 68, and 82)
KEMET reserves the right to substitute product with an improved temperature characteristic, tighter capacitance tolerance and/or higher voltage
capability within the same form factor (configuration and dimensions).
xx1 Available only in K, M tolerance.
xx2 Available only in M tolerance.
Cap
Cap
Code
Case Size/
Series
C1210C
C1808C
C1812C
C1825C
C2220C
C2225C
Voltage Code
9
8
4
3
5
1
2
A
5
1
2
3
5
1
2
A
5
1
2
A
3
5
1
2
A
5
1
2
A
Rated Voltage
(VDC)
Cap Tolerance
Product Availability and Chip Thickness Codes – See Table 2 for Chip Thickness Dimensions
0.12µF
124
J
K
M
FB FB FB FB FB FD FH FH LD
GB GB GB GB GB HB HB HB HB JC JC JC JC JC KC KC KC KC
0.15µF
154
J
K
M
FC FC FC FC FC FD FM FM LD
GB GB GB GE GE HB HB HB HB JC JC JC JC JC KC KC KC KC
0.18µF
184
J
K
M
FC FC FC FC FC FD FK FK LD
GB GB GB GG GG HB HB HB HB JC JC JC JC JC KC KC KC KC
0.22µF
224
J
K
M
FC FC FC FC FC FD FK FK
GB GB GB GG GG HB HB HB HB JC JC JC JC JC KC KC KC KC
0.27µF
274
J
K
M
FC FC FC FC FC FD
GB GB GG GG GG HB HB HB HB JC JC JC JC JC KB KC KC KC
0.33µF
334
J
K
M
FD FD FD FD FD FD
GB GB GG GG GG HB HB HB HB JC JC JC JC JC KB KC KC KC
0.39µF
394
J
K
M
FD FD FD FD FD FD
GB GB GG GG GG HB HB HD HD JC JC JC JC JC KB KC KC KC
0.47µF
474
J
K
M
FD FD FD FD FD FD
GB GB GG GJ GJ HB HB HD HD JC JC JC JC JC KB KC KD KD
0.56µF
564
J
K
M
FD FD FD FD FD FF
GC GC GG
HB HD HD HD JC JC JC JD JD KB KC KD KD
0.68µF
684
J
K
M
FD FD FD FD FD FG
GC GC GG
HB HD HD HD JC JC JD JD JD KB KC KD KD
0.82µF
824
J
K
M
FF FF FF FF FF FL
GE GE GG
HB HF HF HF JC JC JF JF JF KB KC KE KE
1.0µF
105
J
K
M
FH FH FH FH FH FM
GE GE GG
HB HF HF HF JC JC JF JF JF KB KD KE KE
1.2µF
125
J
K
M
FH FH FH FH FG FH
GB GB GB
HB
JC JC
KB KE KE KE
1.5µF
155
J
K
M
FH FH FH FH FG FM
GC GC GC
HC
JC JC
KC
1.8µF
185
J
K
M
FH FH FH FH FG FJ
GE GE GE
HD
JD JD
KD
2.2µF
225
J
K
M
FJ FJ FJ FJ FG FT¹
GO GO GO¹
HF
JF JF
KD
2.7µF
275
J
K
M
FE FE FE FG FH
GJ GJ GJ
3.3µF
335
J
K
M
FF FF FF FM FM
GL GL GL
3.9µF
395
J
K
M
FG FG FG FG FK
4.7µF
475
J
K
M
FC FC FC FG FS
GK GK
JF JF
5.6µF
565
J
K
M
FF FF FF FH
6.8µF
685
J
K
M
FG FG FG FM
8.2µF
825
J
K
M
FH FH FH FK
10µF
106
J
K
M FT¹ FT¹ FT¹ FS¹ FS¹
GK
JF JO
12µF
126
J
K
M
15µF
156
J
K
M
FM FM
JO JO
18µF
186
J
K
M
22µF
226
J
K
M
FS FS FS¹ FS¹
JO
47µF
476
J
K
M FS¹ FS¹
Cap
Cap
Code
Rated Voltage
(VDC)
Voltage Code
9
8
4
3
5
1
2
A
5
1
2
3
5
1
2
A
5
1
2
A
3
5
1
2
A
5
1
2
A
Case Size/
Series
C1210C
C1808C
C1812C
C1825C
C2220C
C2225C


Similar Part No. - C0603C106J4RACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0603C106J4RACTU KEMET-C0603C106J4RACTU Datasheet
824Kb / 21P
   X7R Dielectric, 6.3 ??250 VDC (Commercial Grade)
More results

Similar Description - C0603C106J4RACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0402C182K5RACTU KEMET-C0402C182K5RACTU Datasheet
824Kb / 21P
   X7R Dielectric, 6.3 . 250 VDC (Commercial Grade)
C0402C181K5RACTU KEMET-C0402C181K5RACTU Datasheet
824Kb / 21P
   X7R Dielectric, 6.3 ??250 VDC (Commercial Grade)
C1210C226M3RACTU KEMET-C1210C226M3RACTU Datasheet
1Mb / 24P
   X7R Dielectric, 6.3 ??250 VDC (Commercial Grade)
C1206X106K4RACTU KEMET-C1206X106K4RACTU Datasheet
1Mb / 24P
   Flexible Termination System (FT-CAP), X7R Dielectric, 6.3 - 250 VDC (Commercial Grade)
C0805X222K5RACTU KEMET-C0805X222K5RACTU Datasheet
2Mb / 22P
   Flexible Termination System (FT-CAP) X7R Dielectric, 6.3 ??250 VDC (Commercial & Automotive Grade)
C0805S104K5RACTU KEMET-C0805S104K5RACTU Datasheet
2Mb / 22P
   Floating Electrode Design (FE-CAP), X7R Dielectric, 6.3 - 250 VDC (Commercial & Automotive Grade)
C0805S472J2RACTU KEMET-C0805S472J2RACTU Datasheet
3Mb / 21P
   Floating Electrode Design (FE-CAP), X7R Dielectric, 6.3 ??250 VDC (Commercial & Automotive Grade)
C1210X226K8RACTU KEMET-C1210X226K8RACTU Datasheet
2Mb / 24P
   Flexible Termination System (FT-CAP) X7R Dielectric, 6.3 250 VDC (Commercial & Automotive Grade)
C2220X105K2RACTU KEMET-C2220X105K2RACTU Datasheet
2Mb / 24P
   Flexible Termination System (FT-CAP) X7R Dielectric, 6.3 250 VDC (Commercial & Automotive Grade)
C2220C106M5R2C7186 KEMET-C2220C106M5R2C7186 Datasheet
3Mb / 17P
   KPS Series, X7R Dielectric, 10 - 250 VDC (Commercial Grade)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com