Electronic Components Datasheet Search |
|
FA1A224ZF Datasheet(PDF) 9 Page - Kemet Corporation |
|
FA1A224ZF Datasheet(HTML) 9 Page - Kemet Corporation |
9 / 12 page 9 © KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com S6018_FA • 3/30/2017 Supercapacitors – FA Series Measurement Conditions cont’d Equivalent Series Resistance (ESR) ESR shall be calculated from the equation below. Current (at 30 minutes after charging) Current shall be calculated from the equation below. Prior to measurement, both lead terminals must be short-circuited for a minimum of 30 minutes. The lead terminal connected to the metal can case is connected to the negative side of the power supply. Eo: 2.5 VDC (HV Series 50 F) 2.7 VDC (HV Series except 50 F) 3.0 VDC (3.5 V type) 5.0 VDC (5.5 V type) Rc: 1,000Ω(0.010F,0.022F,0.047F) 100Ω(0.10F,0.22F,0.47F) 10Ω(1.0F,1.5F,2.2F,4.7F) 2.2Ω(HVSeries) Self-Discharge Characteristic (0H – 5.5 V Products) Theself-dischargecharacteristicismeasuredbychargingavoltageof5.0VDC(chargeprotectionresistance:0Ω) according to the capacitor polarity for 24 hours, then releasing between the pins for 24 hours and measuring the pin-to- pinvoltage.Thetestshouldbecarriedoutinanenvironmentwithanambienttemperatureof25°Corbelowandrelative humidityof70%RHorbelow. the soldering is checked. 4. Dismantling There is a small amount of electrolyte stored within the capacitor. Do not attempt to dismantle as direct skin contact with theelectrolytewillcauseburning.Thisproductshouldbetreatedasindustrialwasteandnotisnottobedisposedofbyfire. Super Capacitors Vol.13 37 Capacitance (Discharge System:3.5V) In the diagram below, charging is performed for a duration of 30 minutes, once the voltage of the capacitor terminal reaches 3.5V. Then, use a constant current load device and measure the time for the terminal voltage to drop from 1.8 to 1.5V upon discharge at 1 mA per 1F, and calculate the static capacitance according to the equation shown below. Capacitance (Discharge System:HVseries) In the diagram below, charging is performed for a duration of 30 minutes, once the voltage of the capacitor terminal reaches Max. operating voltage. Then, use a constant current load device and measure the time for the terminal voltage to drop from 2.0 to 1.5V upon discharge at 1 mA per 1F, and calculate the static capacitance according to the equation shown below. Equivalent series resistance (ESR) ESR shall be calculated from the equation below. Current (at 30 minutes after charging) Current shall be calculated from the equation below. Prior to measurement, both lead terminals must be short-circuited for a minimum of 30 minutes. The lead terminal connected to the metal can case is connected to the negative side of the power supply. Eo:2.5Vdc (HVseries 50F) 2.7Vdc (HVseries except 50F) 3.0Vdc (3.5V type) 5.0Vdc (5.5V type) Rc:1000Ω (0.010F, 0.022F, 0.047F) 100Ω (0.10F, 0.22F, 0.47F) 10Ω (1.0F, 1.5F, 2.2F, 4.7F) 2.2Ω (HVseries) Self-discharge characteristic (0H: 5.5V products) The self-discharge characteristic is measured by charging a voltage of 5.0 Vdc (charge protection resistance: 0Ω) according to the capacitor polarity for 24 hours, then releasing between the pins for 24 hours and measuring the pin-to-pin voltage. The test should be carried out in an environment with an ambient temperature of 25℃ or below and relative humidity of 70% RH or below. A V C R 3.5V SW 30 minutes T1 T2 V2 : 1.5V V1 : 1.8V 3.5V (V) V1 V2 Time (sec.) A V C R 3.5V SW V2 : 1.5V V1 : 2.0V 3.5V (V) V1 V2 Time (sec.) 30 minutes T1 T2 C= (F) I×(T2-T1) V1-V2 C= (F) I×(T2-T1) V1-V2 Current= (A) VR RC ESR= (Ω) VC 0.01 C 10mA VC f:1kHz C SW RC EO + - VR Super Capacitors Vol.13 37 Capacitance (Discharge System:3.5V) In the diagram below, charging is performed for a duration of 30 minutes, once the voltage of the capacitor terminal reaches 3.5V. Then, use a constant current load device and measure the time for the terminal voltage to drop from 1.8 to 1.5V upon discharge at 1 mA per 1F, and calculate the static capacitance according to the equation shown below. Capacitance (Discharge System:HVseries) In the diagram below, charging is performed for a duration of 30 minutes, once the voltage of the capacitor terminal reaches Max. operating voltage. Then, use a constant current load device and measure the time for the terminal voltage to drop from 2.0 to 1.5V upon discharge at 1 mA per 1F, and calculate the static capacitance according to the equation shown below. Equivalent series resistance (ESR) ESR shall be calculated from the equation below. Current (at 30 minutes after charging) Current shall be calculated from the equation below. Prior to measurement, both lead terminals must be short-circuited for a minimum of 30 minutes. The lead terminal connected to the metal can case is connected to the negative side of the power supply. Eo:2.5Vdc (HVseries 50F) 2.7Vdc (HVseries except 50F) 3.0Vdc (3.5V type) 5.0Vdc (5.5V type) Rc:1000Ω (0.010F, 0.022F, 0.047F) 100Ω (0.10F, 0.22F, 0.47F) 10Ω (1.0F, 1.5F, 2.2F, 4.7F) 2.2Ω (HVseries) Self-discharge characteristic (0H: 5.5V products) The self-discharge characteristic is measured by charging a voltage of 5.0 Vdc (charge protection resistance: 0Ω) according to the capacitor polarity for 24 hours, then releasing between the pins for 24 hours and measuring the pin-to-pin voltage. The test should be carried out in an environment with an ambient temperature of 25℃ or below and relative humidity of 70% RH or below. A V C R 3.5V SW 30 minutes T1 T2 V2 : 1.5V V1 : 1.8V 3.5V (V) V1 V2 Time (sec.) A V C R 3.5V SW V2 : 1.5V V1 : 2.0V 3.5V (V) V1 V2 Time (sec.) 30 minutes T1 T2 C= (F) I×(T2-T1) V1-V2 C= (F) I×(T2-T1) V1-V2 Current= (A) VR RC ESR= (Ω) VC 0.01 C 10mA VC f:1kHz C SW RC EO + - VR Super Capacitors Vol.13 37 Capacitance (Discharge System:3.5V) In the diagram below, charging is performed for a duration of 30 minutes, once the voltage of the capacitor terminal reaches 3.5V. Then, use a constant current load device and measure the time for the terminal voltage to drop from 1.8 to 1.5V upon discharge at 1 mA per 1F, and calculate the static capacitance according to the equation shown below. Capacitance (Discharge System:HVseries) In the diagram below, charging is performed for a duration of 30 minutes, once the voltage of the capacitor terminal reaches Max. operating voltage. Then, use a constant current load device and measure the time for the terminal voltage to drop from 2.0 to 1.5V upon discharge at 1 mA per 1F, and calculate the static capacitance according to the equation shown below. Equivalent series resistance (ESR) ESR shall be calculated from the equation below. Current (at 30 minutes after charging) Current shall be calculated from the equation below. Prior to measurement, both lead terminals must be short-circuited for a minimum of 30 minutes. The lead terminal connected to the metal can case is connected to the negative side of the power supply. Eo:2.5Vdc (HVseries 50F) 2.7Vdc (HVseries except 50F) 3.0Vdc (3.5V type) 5.0Vdc (5.5V type) Rc:1000Ω (0.010F, 0.022F, 0.047F) 100Ω (0.10F, 0.22F, 0.47F) 10Ω (1.0F, 1.5F, 2.2F, 4.7F) 2.2Ω (HVseries) Self-discharge characteristic (0H: 5.5V products) The self-discharge characteristic is measured by charging a voltage of 5.0 Vdc (charge protection resistance: 0Ω) according to the capacitor polarity for 24 hours, then releasing between the pins for 24 hours and measuring the pin-to-pin voltage. The test should be carried out in an environment with an ambient temperature of 25℃ or below and relative humidity of 70% RH or below. A V C R 3.5V SW 30 minutes T1 T2 V2 : 1.5V V1 : 1.8V 3.5V (V) V1 V2 Time (sec.) A V C R 3.5V SW V2 : 1.5V V1 : 2.0V 3.5V (V) V1 V2 Time (sec.) 30 minutes T1 T2 C= (F) I×(T2-T1) V1-V2 C= (F) I×(T2-T1) V1-V2 Current= (A) VR RC ESR= (Ω) VC 0.01 C 10mA VC f:1kHz C SW RC EO + - VR |
Similar Part No. - FA1A224ZF |
|
Similar Description - FA1A224ZF |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |