Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM7132 Datasheet(PDF) 7 Page - Cirrus Logic

Part # WM7132
Description  Bottom Port Analog Silicon Microphone
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM7132 Datasheet(HTML) 7 Page - Cirrus Logic

Back Button WM7132 Datasheet HTML 3Page - Cirrus Logic WM7132 Datasheet HTML 4Page - Cirrus Logic WM7132 Datasheet HTML 5Page - Cirrus Logic WM7132 Datasheet HTML 6Page - Cirrus Logic WM7132 Datasheet HTML 7Page - Cirrus Logic WM7132 Datasheet HTML 8Page - Cirrus Logic WM7132 Datasheet HTML 9Page - Cirrus Logic WM7132 Datasheet HTML 10Page - Cirrus Logic WM7132 Datasheet HTML 11Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
WM7132PE
Rev 4.0
7
APPLICATIONS INFORMATION
RECOMMENDED EXTERNAL COMPONENTS
OUTPUT
VDD
GND
1
F
-
+
C
R
WM7132P
Figure 1 WM7132P Recommended External Components
A DC-blocking output capacitor is required on the OUTPUT pin, as illustrated in Figure 1. A single
capacitor is required for a single-ended connection. The capacitor must be correctly selected as it
affects the cut-off frequency of the output path. A low cut-off frequency is desirable as it means there
is no significant filtering of the audio bandwidth.
The 3dB cut-off frequency of the output path is given by the equation below, where C is the output
capacitance and R is the input resistance of the other circuit.
3dB filter roll-off frequency =
1
2 RC
p
A typical recommended configuration, with 1uF DC-
blocking capacitor and 20kΩ minimum input circuit
impedance, gives a 3dB cut-off frequency of 10Hz or less. Tantalum electrolytic capacitors are
particularly suitable for the DC-blocking components as they offer high stability in a small package
size.
OPTIMISED SYSTEM RF DESIGN
For optimised RF design please refer to document WAN0278 (Recommended PCB Layout for
Microphone RF Immunity in Mobile Cell Phone Applications) for further information.


Similar Part No. - WM7132

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM7132 WOLFSON-WM7132 Datasheet
338Kb / 12P
   Bottom Port Analogue Silicon Microphone
WM7132E WOLFSON-WM7132E Datasheet
338Kb / 12P
   Bottom Port Analogue Silicon Microphone
logo
Cirrus Logic
WM7132PE CIRRUS-WM7132PE Datasheet
727Kb / 12P
   Bottom Port Analog Silicon Microphone
More results

Similar Description - WM7132

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
WM7331 CIRRUS-WM7331 Datasheet
787Kb / 12P
   Bottom Port Analog Silicon Microphone
WM7132PE CIRRUS-WM7132PE Datasheet
727Kb / 12P
   Bottom Port Analog Silicon Microphone
WM7331E CIRRUS-WM7331E Datasheet
787Kb / 12P
   Bottom Port Analog Silicon Microphone
CS7331P CIRRUS-CS7331P Datasheet
174Kb / 11P
   Miniature Bottom Port Analog MEMS Microphone
logo
Knowles Electronics
SPW0878LR5H-1 KNOWLES-SPW0878LR5H-1 Datasheet
3Mb / 10P
   ANALOG BOTTOM PORT SISONIC™ MICROPHONE
2020
logo
Cirrus Logic
CS7331 CIRRUS-CS7331 Datasheet
168Kb / 10P
   Miniature Bottom Port Analog MEMS Microphone
logo
Knowles Electronics
SPV61A0LR5H-1 KNOWLES-SPV61A0LR5H-1 Datasheet
2Mb / 9P
   ANALOG BOTTOM PORT SISONIC™ MICROPHONE
Rev. A
logo
Wolfson Microelectronic...
WM7133L WOLFSON-WM7133L Datasheet
296Kb / 13P
   Bottom Port Analogue Silicon Microphone
WM7130A WOLFSON-WM7130A Datasheet
340Kb / 12P
   Bottom Port Analogue Silicon Microphone
WM7132 WOLFSON-WM7132 Datasheet
338Kb / 12P
   Bottom Port Analogue Silicon Microphone
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com