Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

11970 Datasheet(PDF) 1 Page - Cooper Bussmann, Inc.

Part # 11970
Description  Multi-Power Distribution Blocks 600 Volt, 1520 and 2280 Amps
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

11970 Datasheet(HTML) 1 Page - Cooper Bussmann, Inc.

  11970 Datasheet HTML 1Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Multi-Power Distribution Blocks
11970
600 Volt, 1520 and 2280 Amps
13016
Form No. 11970/13016
Page 1 of 1
Doc # 1144
Bussmann®
Rev. A
SB98107
12-16-98
The only controlled copy of this BIF document is the electronic read-only version located on the Bussmann Network Drive. All other copies of this BIF document are by definition uncontrolled. This bulletin is intended
to clearly present comprehensive product data and provide technical information that will help the end user with design applications. Bussmann reserves the right, without notice, to change design or construction of
any products and to discontinue or limit distribution of any products. Bussmann also reserves the right to change or update, without notice, any technical information contained in this bulletin. Once a product has
been selected, it should be tested by the user in all possible applications.
4.125"
1.86"
1.86"
1.125"
6"
4.75"
3.125"
1.125"
0.44"
4.75"
2.69"
2.69"
1.56"
8.5"
5.5"
3.125"
1.36"
0.63"
CATALOG SYMBOL: 11970 AND 13016
MULTI-POWER DISTRIBUTION BLOCKS
600 VOLTS or less
U.L. LISTED–(GUIDE # XCFR2, FILE # E62622)
Specifications
Cat.
Line Side
Available
Load Side
Amps Agency
No.
Wire Range
Openings
Wire Range
Acceptance
Line Load
11970
500MCM-2Cu-Al
4
28
#4–#14 Cu-Al
1520
U.L.
13016 500MCM-2Cu-Al
6
42
#4–#14 Cu-Al
2280
U.L.
Connector Size Information
• Wire hole openings sized to accept stranded conductors with
the number of strands specified in U.L. Standard 486.
• Conductors with a greater number of strands will have a
larger diameter and may not fit into the wire hole.
• The table lists strandings specified in U.L. 486.
Conductor Size
Number of Strands
14–2*
7
1–4/0
19
225–500
37
*10, 12, and 14 AWG sizes are usually solid.
Dimensional Data
Catalog No. 11970, 600V, 1520A
Catalog No. 13016, 600V, 2280A


Similar Part No. - 11970

ManufacturerPart #DatasheetDescription
logo
Heyco.
1197 HEYCO-1197 Datasheet
91Kb / 1P
   Original Strain Relief Bushings
11971 HEYCO-11971 Datasheet
273Kb / 2P
   Modular Wire Routing Devices
11972 HEYCO-11972 Datasheet
273Kb / 2P
   Modular Wire Routing Devices
logo
PHOENIX CONTACT
1197249 PHOENIX-1197249 Datasheet
506Kb / 13P
   DC charging cable - EV-T2HPCC-DC500A-3,5M50ECBK11
1197319 PHOENIX-1197319 Datasheet
386Kb / 8P
   Sensor/actuator box - SACB- 8/4-L-10,0PUR-M8 HD
01/13/2022
More results

Similar Description - 11970

ManufacturerPart #DatasheetDescription
logo
Marathon Special Produc...
1453401 MARATHON-1453401 Datasheet
121Kb / 3P
   2280 Amps 600 Volts AC/DC
REV- D 1/15/18
logo
Littelfuse
LT30030-2 LITTELFUSE-LT30030-2 Datasheet
526Kb / 4P
   Class T Fuse Blocks - 300 and 600 Volt
logo
Cooper Bussmann, Inc.
CPB1601 COOPER-CPB1601 Datasheet
132Kb / 2P
   Power Distribution Blocks
logo
First Silicon Co., Ltd
FTK4N60P FS-FTK4N60P Datasheet
176Kb / 7P
   4 Amps, 600 Volt N-CHANNEL POWER MOSFET
FTK5N60P FS-FTK5N60P Datasheet
306Kb / 7P
   5 Amps, 600 Volt N-CHANNEL POWER MOSFET
logo
Cooper Bussmann, Inc.
J60200-3CR COOPER-J60200-3CR Datasheet
160Kb / 2P
   Class J Fuseblocks 600 Volt, 횣-600 Amps
J60060-2C COOPER-J60060-2C Datasheet
160Kb / 2P
   Class J Fuseblocks 600 Volt, 횣 600 Amps
J60100-3CR COOPER-J60100-3CR Datasheet
160Kb / 2P
   Class J Fuseblocks 600 Volt, 횣-600 Amps
logo
Altech corporation
38680 ALTECH-38680 Datasheet
1Mb / 3P
   UL1953 Power Distribution Blocks
logo
Cooper Bussmann, Inc.
16200-1 COOPER-16200-1 Datasheet
197Kb / 3P
   Power Distribution & Terminal Blocks
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com