Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ULN2004 Datasheet(PDF) 7 Page - Tiger Electronic Co.,Ltd

Part # ULN2004
Description  HIGH-VOLTAGE HIGH-CURRENT DARLINGTON TRANSISTOR ARRAYS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

ULN2004 Datasheet(HTML) 7 Page - Tiger Electronic Co.,Ltd

  ULN2004_17 Datasheet HTML 1Page - Tiger Electronic Co.,Ltd ULN2004_17 Datasheet HTML 2Page - Tiger Electronic Co.,Ltd ULN2004_17 Datasheet HTML 3Page - Tiger Electronic Co.,Ltd ULN2004_17 Datasheet HTML 4Page - Tiger Electronic Co.,Ltd ULN2004_17 Datasheet HTML 5Page - Tiger Electronic Co.,Ltd ULN2004_17 Datasheet HTML 6Page - Tiger Electronic Co.,Ltd ULN2004_17 Datasheet HTML 7Page - Tiger Electronic Co.,Ltd ULN2004_17 Datasheet HTML 8Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
ULN2004
TYPICAL CHARACTERISTICS(cont.)
400
300
200
100
0
0
100
200
IOUT - lIN
Input Current IIN (μA)
VCE=2V
600
500
400
300
Recommended
Maximum
Rating
Ta=75℃
25
30
600
400
200
0
0
0.5
IOUT - VCEO(SAT)
Collector-Emitter Saturation Voltage VCEO(SAT) (V)
25℃ Max.
2.0
1.5
1.0
Typ.
600
400
200
0
0
0.4
IOUT - VCEO(SAT)
Collector-Emitter Saturation Voltage VCEO(SAT) (V)
1.6
1.2
0.8
IIN=500µ A
Ta=85℃
-20
25
400
300
200
100
0
0
0.4
0.8
IF - VF
2.0
1.6
1.2
Ta=25℃
Clamp Diode Forward Voltage VF (V)
100
10
1
10
1000
10000
10000
5000
3000
1000
500
300
100
50
30
5
Output Current IOUT (mA)
hFE - IOUT
VCE=2.0V
85℃
25℃
-20℃
7


Similar Part No. - ULN2004_17

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ULN2004D1 STMICROELECTRONICS-ULN2004D1 Datasheet
163Kb / 14P
   Seven darlington array
ULN2004D1013TR STMICROELECTRONICS-ULN2004D1013TR Datasheet
163Kb / 14P
   Seven darlington array
ULN2004D1013TR STMICROELECTRONICS-ULN2004D1013TR Datasheet
605Kb / 14P
   Seven darlington array
logo
Unisonic Technologies
ULN2004 UTC-ULN2004_10 Datasheet
212Kb / 8P
   7CH DARLINGTON SINK DRIVER
ULN2004 UTC-ULN2004_15 Datasheet
280Kb / 9P
   7CH DARLINGTON SINK DRIVER
More results

Similar Description - ULN2004_17

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC1413 ONSEMI-MC1413 Datasheet
75Kb / 6P
   High Voltage, High Current Darlington Transistor Arrays
April, 2004 ??Rev. 6
logo
Texas Instruments
ULN2002A TI1-ULN2002A_16 Datasheet
1Mb / 34P
[Old version datasheet]   High-Voltage, High-Current Darlington Transistor Arrays
ULQ2003A-Q1 TI1-ULQ2003A-Q1_15 Datasheet
984Kb / 25P
[Old version datasheet]   High-Voltage High-Current Darlington Transistor Arrays
logo
ON Semiconductor
ULN2003A ONSEMI-ULN2003A Datasheet
82Kb / 5P
   High Voltage, High Current Darlington Transistor Arrays
November, 2007 - Rev. 0
logo
Texas Instruments
SN75424N TI-SN75424N Datasheet
112Kb / 7P
[Old version datasheet]   HIGH-VOLTAGE HIGH-CURRENT DARLINGTON TRANSISTOR ARRAYS
logo
ON Semiconductor
MC1413 ONSEMI-MC1413_06 Datasheet
76Kb / 8P
   High Voltage, High Current Darlington Transistor Arrays
July, 2006 ??Rev. 8
logo
Exar Corporation
XR-2004 EXAR-XR-2004 Datasheet
402Kb / 7P
   High-Voltage, High-Current Darlington Transistor Arrays
logo
IK Semicon Co., Ltd
ILN2003A IKSEMICON-ILN2003A_13 Datasheet
541Kb / 8P
   HIGH-VOLTAGE HIGH-CURRENT DARLINGTON TRANSISTOR ARRAYS
logo
Texas Instruments
ULN2003AN TI1-ULN2003AN Datasheet
1Mb / 28P
[Old version datasheet]   HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON TRANSISTOR ARRAYS
logo
Integral Corp.
ILN2003A INTEGRAL-ILN2003A Datasheet
291Kb / 8P
   HIGH-VOLTAGE HIGH-CURRENT DARLINGTON TRANSISTOR ARRAYS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com