Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS8371I Datasheet(PDF) 6 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # ADS8371I
Description  16BIT 750KHZ UNIPOLAR INPUT, MICRO POWER SAMPLING ANALOG TO DIGITAL CONVERTER WITH PARALLEL INTERFACE
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS8371I Datasheet(HTML) 6 Page - Burr-Brown (TI)

Back Button ADS8371I Datasheet HTML 2Page - Burr-Brown (TI) ADS8371I Datasheet HTML 3Page - Burr-Brown (TI) ADS8371I Datasheet HTML 4Page - Burr-Brown (TI) ADS8371I Datasheet HTML 5Page - Burr-Brown (TI) ADS8371I Datasheet HTML 6Page - Burr-Brown (TI) ADS8371I Datasheet HTML 7Page - Burr-Brown (TI) ADS8371I Datasheet HTML 8Page - Burr-Brown (TI) ADS8371I Datasheet HTML 9Page - Burr-Brown (TI) ADS8371I Datasheet HTML 10Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
ADS8371
SLAS390A − JUNE 2003 − REVISED DECEMBER 2003
www.ti.com
6
TIMING CHARACTERISTICS
All specifications typical at −40
°C to 85°C, +VA = +VBD = 5 V (see Notes 1, 2, and 3)
PARAMETER
MIN
TYP
MAX
UNIT
tCONV
Conversion time
1.13
µs
tACQ
Acquisition time
0.2
µs
tHOLD
Sampling capacitor hold time
25
ns
tpd1
CONVST low to conversion started (BUSY high)
45
ns
tpd2
Propagation delay time, End of conversion to BUSY low
20
ns
tpd3
Propagation delay time, from start of conversion (internal state) to rising edge of BUSY
20
ns
tw1
Pulse duration, CONVST low
40
400
ns
tsu1
Setup time, CS low to CONVST low
20
ns
tw2
Pulse duration, CONVST high
20
ns
CONVST falling edge jitter
10
ps
tw3
Pulse duration, BUSY signal low
Min(tACQ)
µs
tw4
Pulse duration, BUSY signal high
1.13
µs
th1
Hold time, First data bus data transition (CS low for read cycle, or RD or BYTE input
changes) after CONVST low
40
400
ns
td1
Delay time, CS low to RD low
0
ns
tsu2
Setup time, RD high to CS high
0
ns
tw5
Pulse duration, RD low time
50
ns
ten
Enable time, RD low (or CS low for read cycle) to data valid
20
ns
td2
Delay time, data hold from RD high
5
ns
td3
Delay time, BUS18/16 or BYTE rising edge or falling edge to data valid
10
20
ns
tw6
Pulse duration, RD high
20
ns
tw7
Pulse duration, CS high time
20
ns
th2
Hold time, last CS rising edge or changes of RD or BYTE to CONVST falling edge
125
ns
tpd4
Propagation delay time, BUSY falling edge to next RD (or CS for read cycle) falling
edge
Max(td5)
ns
tsu3
Setup time, BYTE transition to RD falling edge
10
ns
th3
Hold time, BYTE transition to RD falling edge
10
ns
tdis
Disable time, RD High (CS high for read cycle) to 3-stated data bus
20
ns
td5
Delay time, BUSY low to MSB data valid
30
ns
tsu5
Setup time, BYTE transition to next BYTE transition
50
ns
tsu(AB)
Setup time, from the falling edge of CONVST (used to start the valid conversion) to the
next falling edge of CONVST (when CS = 0 and CONVST used to abort) or to the next
falling edge of CS (when CS is used to abort).
65
700
ns
tf(CONVST) Falling time, (CONVST falling edge)
10
30
ns
tsu6
Setup time, CS falling edge to CONVST falling edge when RD = 0
125
ns
(1) All input signals are specified with tr = tf = 5 ns (10% to 90% of +VBD) and timed from a voltage level of (VIL + VIH)/2 except for CONVST.
(2) See timing diagrams.
(3) All timing are measured with 20 pF equivalent loads on all data bits and BUSY pins.


Similar Part No. - ADS8371I

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8371IBPFBR TI1-ADS8371IBPFBR Datasheet
1,003Kb / 36P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE
ADS8371IBPFBT TI1-ADS8371IBPFBT Datasheet
1,003Kb / 36P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE
ADS8371IPFBT TI1-ADS8371IPFBT Datasheet
1,003Kb / 36P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE
ADS8371IPFBTG4 TI1-ADS8371IPFBTG4 Datasheet
1,003Kb / 36P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE
More results

Similar Description - ADS8371I

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8381 TI-ADS8381 Datasheet
391Kb / 35P
[Old version datasheet]   18-BIT, 580-kHz, UNIPOLAR INPUT, MICRO POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE
logo
Burr-Brown (TI)
ADS8411 BURR-BROWN-ADS8411 Datasheet
778Kb / 23P
   16-BIT, 2 MSPS, UNIPOLAR INPUT, MICRO POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE
ADS8411 BURR-BROWN-ADS8411 Datasheet
778Kb / 23P
   16-BIT, 2 MSPS, UNIPOLAR INPUT, MICRO POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE
ADS8402 BURR-BROWN-ADS8402 Datasheet
212Kb / 25P
   16-BIT, 1.25 MSPS, UNIPOLAR DIFFERENTIAL INPUT, MICRO POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE
logo
Texas Instruments
ADS8402 TI1-ADS8402 Datasheet
249Kb / 27P
[Old version datasheet]   16-BIT, 1.25 MSPS, UNIPOLAR DIFFERENTIAL INPUT, MICRO POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE
ADS8383 TI-ADS8383 Datasheet
166Kb / 29P
[Old version datasheet]   18-BIT, 500-kHz, UNIPOLAR INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE
logo
Burr-Brown (TI)
ADS8401 BURR-BROWN-ADS8401 Datasheet
238Kb / 10P
   16-BIT, 1.25 MSPS, UNIPOLAR INPUT, MICRO POWER SAMPLING ANALOG-TODIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE
logo
Texas Instruments
ADS8405IPFBT TI-ADS8405IPFBT Datasheet
1Mb / 29P
[Old version datasheet]   16-BIT, 1.25-MSPS, UNIPOLAR PSEUDO DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE
logo
Burr-Brown (TI)
ADS8412 BURR-BROWN-ADS8412 Datasheet
736Kb / 26P
   16-BIT, 2 MSPS, UNIPOLAR DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE
ADS8471 BURR-BROWN-ADS8471 Datasheet
1Mb / 31P
   16-BIT, 1-MSPS, PSEUDO-BIPOLAR, UNIPOLAR INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com