Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R463R315000N2K Datasheet(PDF) 6 Page - Kemet Corporation

Part # R463R315000N2K
Description  Metallized Polypropylene Film EMI Suppression Capacitors
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

R463R315000N2K Datasheet(HTML) 6 Page - Kemet Corporation

Back Button R463R315000N2K Datasheet HTML 2Page - Kemet Corporation R463R315000N2K Datasheet HTML 3Page - Kemet Corporation R463R315000N2K Datasheet HTML 4Page - Kemet Corporation R463R315000N2K Datasheet HTML 5Page - Kemet Corporation R463R315000N2K Datasheet HTML 6Page - Kemet Corporation R463R315000N2K Datasheet HTML 7Page - Kemet Corporation R463R315000N2K Datasheet HTML 8Page - Kemet Corporation R463R315000N2K Datasheet HTML 9Page - Kemet Corporation R463R315000N2K Datasheet HTML 10Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.comF3095_R46_X2_310_110C • 9/27/2016 6
Metallized Polypropylene Film EMI Suppression Capacitors
R46 Series, Class X2, 310 VAC, 110ºC
Performance Characteristics cont'd
* Typical value
Impedance Graph
DissipationFactor(tanδ)
≤0.1%(0.06%*)@1kHz,+25°C±5°C(*typicalvalue)
Test Voltage Between Terminals
The 100% screening factory test is carried out at 2,200 VDC/1,500 VAC. The voltage level is selected to meet
therequirementsinapplicableequipmentstandards.Allelectricalcharacteristicsarecheckedafterthetest.
Itisnotpermittedtorepeatthistestasthereisarisktodamagethecapacitor.KEMETisnotliableinsuch
case for any failures.
Insulation Resistance
Measuredat+25°C±5°C,accordingtoIEC60384–2
Minimum Values Between Terminals
Voltage Charge
Voltage Charge Time
C≤0.33μF
C>0.33μF
100 VDC
1 minute
≥1•105
(≥5•105MΩ)*
≥30,000MΩ•µF
(≥150,000MΩ•µF)*
In DC Applications
Recommendedvoltage≤630VDC


Similar Part No. - R463R315000N2K

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
R463R315000N2K KEMET-R463R315000N2K Datasheet
1Mb / 18P
   RoHS Compliant and lead-free terminations
More results

Similar Description - R463R315000N2K

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
PHE844RD6100MR06L2 KEMET-PHE844RD6100MR06L2 Datasheet
1Mb / 14P
   Metallized Polypropylene Film EMI Suppression Capacitors
R474I210000A1M KEMET-R474I210000A1M Datasheet
1Mb / 17P
   Metallized Polypropylene Film EMI Suppression Capacitors
R413I233000M1M KEMET-R413I233000M1M Datasheet
1Mb / 17P
   Metallized Polypropylene Film EMI Suppression Capacitors
R413I22200000M KEMET-R413I22200000M Datasheet
3Mb / 16P
   Metallized Polypropylene Film EMI Suppression Capacitors
R46KI21000001M KEMET-R46KI21000001M Datasheet
1Mb / 18P
   Metallized Polypropylene Film EMI Suppression Capacitors
R46 KEMET-R46_V01 Datasheet
2Mb / 18P
   Metallized Polypropylene Film EMI Suppression Capacitors
10/31/2022
R46KR410000M1M KEMET-R46KR410000M1M Datasheet
564Kb / 13P
   Metallized Polypropylene Film EMI Suppression Capacitors
R463W515050H7M KEMET-R463W515050H7M Datasheet
901Kb / 18P
   Metallized Polypropylene Film EMI Suppression Capacitors
1/13/2022
R474F14700001M KEMET-R474F14700001M Datasheet
1Mb / 17P
   Metallized Polypropylene Film EMI Suppression Capacitors
R475I21000001M KEMET-R475I21000001M Datasheet
3Mb / 15P
   Metallized Polypropylene Film EMI Suppression Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com