Selected language     English  ▼


A-0709P3ABE Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part No. A-0709P3ABE
Description  CIRCUIT INTERRUPTION TECHNOLOGY INC
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC [List of Unclassifed Manufacturers]
Homepage  
Logo 

   
 1 page
background image
CITFUSE Website: www.citfuse.com
Tel: 763-535-2339 Fax: 763-535-2194
CIRCUIT INTERRUPTION TECHNOLOGY INC.
A-0709
SPECIFICATIONS
E198027
ORDERING INFORMATION
DIMENSIONS
PANEL CUT OUT
Electrical Ratings
3.0 - 16A @ 125/250VAC
4.0 – 16A @ 125 (UL/CUL)
Dielectric Strength
1500Vrms min
Insulation Resistance
> 100M
Ω min
Interrupt Capacity
125VAC, 1000A; 250VAC, 1000A
Contact Endurance
125VAC X 150% of rated current - 500 cycles
Calibration
25
°C – 105% of rated current - continuously carried
25
°C – 106% to 134% - may trip or not
25
°C – 135% of rated current - trip within 1 hour
150% of 4A – trip within 1 hour
25
°C – 200% of rated current - trip within 1 minute
Reset
Manual reset
Internal Resistance
3A – 5A
0.120
5.1A – 6A
0.100
6.1A – 7A
0.075
7.1A – 8A
0.035
8.1A – 9A
0.020
9.1A – 12A
0.015
12.1A – 14A
0.010
14.1A – 16A
0.008
Derating Factor
TEMP
3.0A-4.0A
4A-16A
60
°C
---
X 0.50
55
°C
---
X 0.60
50
°C
---
X 0.70
45
°C
X 0.45
X 0.75
40
°C
X 0.55
X 0.80
35
°C
X 0.70
X 0.86
30
°C
X 0.80
X 0.92
25
°C
X 1.00
X 1.00
20
°C
X 1.10
X 1.06
15
°C
X 1.20
X 1.09
10
°C
X 1.35
X 1.20
1. Series
A-0709
A-0709
2. Style
P = 7/16” –28T bushing, Manual Reset
P
3. Current Rating:
3A – 16A
3A
4. Reset Button Color:
B = Black (White Printing)
W = White (Black Printing)
B
5. Hardware:
C = 1 Hex Nut, 1 Name Plate
D = 1 Knurled Nut, 1 Name Plate
E = 1 Hex Nut, 1 Knurled Nut, 1 Name Plate
F = 2 Knurled Nuts, 1 Name Plate
G = 2 Hex Nuts, 1 Name Plate
C




Html Pages

1 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
DC590A-1QUICK START GUIDE FOR DEMONSTRATION CIRCUIT 590 USB SERIAL CONTROLLER FOR LINEAR TECHNOLOGY QUICKEVAL-TM DEMO BOARDS 1 2 3 4 5 MoreLinear Integrated Systems
KGL421510-Gbps Decision Circuit 0.2μm Gate Length GaAs MESFET Technology 1 2 3 4 5 MoreOKI electronic componets
M52325APSECAM DECODER LINEAR INTEGRATED CIRCUIT 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
TBA720ALINE OSCILLATOR CIRCUIT 1 2 3 4 5 MoreList of Unclassifed Manufacturers
MRFIC0931BALANCED TRANSMIT MIXER SILICON MONOLITHIC INTEGRATED CIRCUIT 1 2 3 4 Motorola, Inc
MRFIC24042.4 GHz EXCITER AMPLIFIER GaAs MONOLITHIC INTEGRATED CIRCUIT 1 2 3 4 5 MoreMotorola, Inc
UPC2714T1.8 GHz LOW POWER CONSUMPTION WIDE BAND AMPLIFIER SILICON BIPOLAR MONOLITHIC INTEGRATED CIRCUIT 1 2 3 4 5 MoreNEC
UPD37532088-BIT CCD LINEAR IMAGE SENSOR WITH PERIPHERAL CIRCUIT 1 2 3 4 5 MoreNEC
NTE1002Integrated Circuit FM IF TV Amp 1 2 NTE Electronics
NTE1072Integrated Circuit FM-AM IF Amp & AF Amp 1 NTE Electronics

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl