Electronic Components Datasheet Search |
|
C2220C106K6RACTU Datasheet(PDF) 3 Page - Kemet Corporation |
|
C2220C106K6RACTU Datasheet(HTML) 3 Page - Kemet Corporation |
3 / 24 page © KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com C1002_X7R_SMD • 6/9/2017 3 Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs) X7R Dielectric, 6.3 – 250 VDC (Commercial Grade) Qualification/Certification CommercialGradeproductsaresubjecttointernalqualification.Detailsregardingtestmethodsandconditionsare referencedinTable4,Performance&Reliability. Environmental Compliance Lead(Pb)-free,RoHS,andREACHcompliantwithoutexemptions. Electrical Parameters/Characteristics Item Parameters/Characteristics OperatingTemperatureRange −55°Cto+125°C CapacitanceChangewithReferenceto +25°Cand0VDCApplied(TCC) ±15% 1 AgingRate(Maximum%CapacitanceLoss/DecadeHour) 3.0% 2 DielectricWithstandingVoltage(DWV) 250%ofratedvoltage (5±1secondsandcharge/dischargenotexceeding50mA) 3 DissipationFactor(DF)MaximumLimitat25°C SeeDissipationFactorLimitTable 4 InsulationResistance(IR)MinimumLimitat25°C SeeInsulationResistanceLimitTable (Ratedvoltageappliedfor120±5secondsat25°C) 1 Regarding Aging Rate: Capacitance measurements (including tolerance) are indexed to a referee time of 48 or 1,000 hours. Please refer to a part number specific datasheet for referee time details. 2 DWV is the voltage a capacitor can withstand (survive) for a short period of time. It exceeds the nominal and continuous working voltage of the capacitor. 3 Capacitance and dissipation factor (DF) measured under the following conditions: 1 kHz ±50 Hz and 1.0 ±0.2 Vrms if capacitance ≤ 10 µF 120 Hz ±10 Hz and 0.5 ±0.1 Vrms if capacitance > 10 µF 4 To obtain IR limit, divide MΩ-µF value by the capacitance and compare to GΩ limit. Select the lower of the two limits. Note: When measuring capacitance it is important to ensure the set voltage level is held constant. The HP4284 and Agilent E4980 have a feature known as Automatic Level Control (ALC). The ALC feature should be switched to "ON." Insulation Resistance Limit Table (X7R Dielectric) EIA Case Size 1,000 Megohm Microfarads or 100 GΩ 500 Megohm Microfarads or 10 GΩ 100 Megohm Microfarads or 10 GΩ 0402 <0.012µF ≥0.012µF N/A 0603 <0.047µF ≥0.047µf<0.47µf ≥0.47µf 0805 <0.15µF ≥0.15µF<2.2µf ≥2.2µf 1206 <0.47µF ≥0.47µF<4.7µf ≥4.7µf 1210 <0.39µF ≥0.39µF<10µf ≥10µf 1808 ALL N/A N/A 1812 <2.2µF ≥2.2µF N/A 1825 ALL N/A N/A 2220 <10µF ≥10µF N/A 2225 ALL N/A N/A |
Similar Part No. - C2220C106K6RACTU |
|
Similar Description - C2220C106K6RACTU |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |