Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIC1737-27 Datasheet(PDF) 4 Page - Analog Intergrations Corporation

Part # AIC1737-27
Description  LOW OUTPUT VOLTAGE, 300mA LOW DROPOUT LINEAR REGULATOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1737-27 Datasheet(HTML) 4 Page - Analog Intergrations Corporation

  AIC1737-27 Datasheet HTML 1Page - Analog Intergrations Corporation AIC1737-27 Datasheet HTML 2Page - Analog Intergrations Corporation AIC1737-27 Datasheet HTML 3Page - Analog Intergrations Corporation AIC1737-27 Datasheet HTML 4Page - Analog Intergrations Corporation AIC1737-27 Datasheet HTML 5Page - Analog Intergrations Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
AIC1737
LOW OUTPUT VOLTAGE, 300mA LOW DROPOUT LINEAR REGULATOR
SPEC NO: DS-1737-00 08/06/00
ANALOG INTEGRATIONS CORPORATION
www.analog.com.tw
4F, 9 Industry E. 9th Road, Science-based Industrial Park , Hsinchu, Taiwan, R.O.C.
TEL: (8863)577-2500 FAX:(8863)577-2510
4
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
VOUT
VOUT=3.0V
20mV/DIV
IOUT
IOUT=0.1mA
IOUT=150mA
Time (0.5mS/DIV)
COUT=10µF
Load Transient Response
VIN
VIN=4.0V
20mV/DIV
VOUT
VOUT=3.0V
Time (1mS/DIV)
VIN=6V
Line Transient Response
COUT=1µF
I
L=1mA
Input Voltage (V)
Recommended max. Output Current vs. Input voltage
3
4
56
789
10
11
12
0
50
100
150
200
250
300
350
400
2.0V
2.5V
3.0V
2.7V
1.8V
BLOCK DIAGRAM
1.235V
Reference
GND
VOUT
VIN
ERROR
AMP
+
-
THERMAL
SHUTDOW N
-
+
CURRENT
LIMITING


Similar Part No. - AIC1737-27

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1730 AIC-AIC1730 Datasheet
222Kb / 12P
   Low Noise Low Dropout, 150mA Linear Regulator
AIC1730-18 AIC-AIC1730-18 Datasheet
269Kb / 12P
   150mA, Low Noise, Low Dropout Linear Regulator
AIC1730-18CQ AIC-AIC1730-18CQ Datasheet
222Kb / 12P
   Low Noise Low Dropout, 150mA Linear Regulator
AIC1730-18CV AIC-AIC1730-18CV Datasheet
222Kb / 12P
   Low Noise Low Dropout, 150mA Linear Regulator
AIC1730-19 AIC-AIC1730-19 Datasheet
269Kb / 12P
   150mA, Low Noise, Low Dropout Linear Regulator
More results

Similar Description - AIC1737-27

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1734 AIC-AIC1734 Datasheet
373Kb / 9P
   300mA Low Dropout Linear Regulator
AIC1739 AIC-AIC1739 Datasheet
99Kb / 6P
   300mA Low Dropout Linear Regulator
logo
List of Unclassifed Man...
SS6734G ETC-SS6734G Datasheet
467Kb / 9P
   300MA LOW DROPOUT LINEAR REGULATOR
logo
Silicon Standard Corp.
SS6732 SSC-SS6732 Datasheet
385Kb / 7P
   300mA Low Dropout Linear Regulator
SS6734G SSC-SS6734G Datasheet
455Kb / 9P
   300mA Low Dropout Linear Regulator
logo
Advanced Power Electron...
APE8865 A-POWER-APE8865_14 Datasheet
376Kb / 6P
   300mA LOW DROPOUT LINEAR REGULATOR
APE8865 A-POWER-APE8865_16 Datasheet
338Kb / 6P
   300mA LOW DROPOUT LINEAR REGULATOR
APE8867 A-POWER-APE8867_16 Datasheet
383Kb / 8P
   300mA LOW DROPOUT LINEAR REGULATOR
APE8800 A-POWER-APE8800_16 Datasheet
135Kb / 8P
   300mA LOW DROPOUT LINEAR REGULATOR
logo
TECH PUBLIC Electronics...
TP73318PDQNR TECHPUBLIC-TP73318PDQNR Datasheet
2Mb / 10P
   300mA Low- Dropout Linear Regulator|
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com