Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK4626 Datasheet(PDF) 8 Page - Asahi Kasei Microsystems

Part # AK4626
Description  HIGH PERFORMANCE MULTI-CHANNEL AUDIO CODEC
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4626 Datasheet(HTML) 8 Page - Asahi Kasei Microsystems

Back Button AK4626 Datasheet HTML 4Page - Asahi Kasei Microsystems AK4626 Datasheet HTML 5Page - Asahi Kasei Microsystems AK4626 Datasheet HTML 6Page - Asahi Kasei Microsystems AK4626 Datasheet HTML 7Page - Asahi Kasei Microsystems AK4626 Datasheet HTML 8Page - Asahi Kasei Microsystems AK4626 Datasheet HTML 9Page - Asahi Kasei Microsystems AK4626 Datasheet HTML 10Page - Asahi Kasei Microsystems AK4626 Datasheet HTML 11Page - Asahi Kasei Microsystems AK4626 Datasheet HTML 12Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
ASAHI KASEI
[AK4626]
MS0233- J -01
2004/03
- 8 -
アナログ特性
(Ta=25
°C; AVDD, DVDD, TVDD=5V; AVSS, DVSS=0V; VREFH=AVDD; fs=48kHz; BICK=64fs;
Signal Frequency=1kHz; 24bit Data; Measurement Frequency=20Hz
∼20kHz at 48kHz, 20Hz~40kHz at fs=96kHz,
20Hz~40kHz at fs=192kHz; unless otherwise specified)
Parameter
min
typ
max
Units
ADC Analog Input Characteristics
Resolution
24
Bits
S/(N+D)
(-0.5dBFS)
fs=48kHz
fs=96kHz
84
-
92
86
dB
dB
DR
(-60dBFS)
fs=48kHz, A-weighted
fs=96kHz
fs=96kHz, A-weighted
94
88
93
102
96
102
dB
dB
dB
S/N
(Note 8)
fs=48kHz, A-weighted
fs=96kHz
fs=96kHz, A-weighted
94
88
93
102
96
102
dB
dB
dB
Interchannel Isolation
90
110
dB
DC Accuracy
Interchannel Gain Mismatch
0.2
0.3
dB
Gain Drift
20
-
ppm/
°C
Input Voltage
AIN=0.62xVREFH
2.90
3.10
3.30
Vpp
Input Resistance
(Note 9)
15
25
k
Power Supply Rejection
(Note 10)
50
dB
DAC Analog Output Characteristics
Resolution
24
Bits
S/(N+D)
fs=48kHz
fs=96kHz
fs=192kHz
80
78
-
90
88
88
dB
dB
dB
DR
(-60dBFS)
fs=48kHz, A-weighted
fs=96kHz
fs=96kHz, A-weighted
fs=192kHz
fs=192kHz, A-weighted
95
88
94
-
-
106
100
106
100
106
dB
dB
dB
dB
dB
S/N
(Note 11)
fs=48kHz, A-weighted
fs=96kHz
fs=96kHz, A-weighted
fs=192kHz
fs=192kHz, A-weighted
95
88
94
-
-
106
100
106
100
106
dB
dB
dB
dB
dB
Interchannel Isolation
90
110
dB
DC Accuracy
Interchannel Gain Mismatch
0.2
0.5
dB
Gain Drift
20
-
ppm/
°C
Output Voltage
AOUT=0.6xVREFH
2.75
3.0
3.25
Vpp
Load Resistance
5
k
Power Supply Rejection
(Note 10)
50
dB
Notes:
8. CCIR-ARMで測定した場合は98dB(@fs=48kHz)です。
9. fs=96kHz の時、入力抵抗は16k
Ω(typ)です。
10. VREFHを+5.0Vに固定して、AVDD, DVDD, TVDDに1kHz, 50mVppの正弦波を重畳した場合。
11. CCIR-ARMで測定した場合は102dB(@fs=48kHz)です。


Similar Part No. - AK4626

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4626A AKM-AK4626A Datasheet
560Kb / 40P
   High Performance Multi-channel Audio CODEC
AK4626A AKM-AK4626A Datasheet
467Kb / 44P
   Multi-channel Audio CODEC.
AK4626AVQ AKM-AK4626AVQ Datasheet
560Kb / 40P
   High Performance Multi-channel Audio CODEC
More results

Similar Description - AK4626

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4626A AKM-AK4626A Datasheet
560Kb / 40P
   High Performance Multi-channel Audio CODEC
AK4628A AKM-AK4628A Datasheet
546Kb / 41P
   High Performance Multi-channel Audio CODEC
AK4527B AKM-AK4527B Datasheet
292Kb / 33P
   HIGH PERFORMANCE MULTI-CHANNEL AUDIO CODEC
AK4629 AKM-AK4629 Datasheet
852Kb / 46P
   High Performance Multi-channel Audio CODEC
AK4627 AKM-AK4627 Datasheet
668Kb / 46P
   High Performance Multi-channel Audio CODEC
AK4628 AKM-AK4628 Datasheet
546Kb / 41P
   HIGH PERFORMANCE MULTI CHANNEL AUDIO CODEC
AK4529 AKM-AK4529 Datasheet
382Kb / 38P
   High Performance Multi-channel Audio CODEC
logo
List of Unclassifed Man...
AV2188 ETC-AV2188 Datasheet
198Kb / 20P
   Multi-Channel Audio CODEC
logo
Asahi Kasei Microsystem...
AKD4626A-B AKM-AKD4626A-B Datasheet
467Kb / 44P
   Multi-channel Audio CODEC.
logo
Wolfson Microelectronic...
WM8860 WOLFSON-WM8860 Datasheet
1Mb / 184P
   Multi-Channel High Definition Audio CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com