Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C0805C106M1RACTU Datasheet(PDF) 8 Page - Kemet Corporation

Part # C0805C106M1RACTU
Description  X7R Dielectric, 6.3 - 250 VDC (Commercial Grade)
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C0805C106M1RACTU Datasheet(HTML) 8 Page - Kemet Corporation

Back Button C0805C106M1RACTU Datasheet HTML 4Page - Kemet Corporation C0805C106M1RACTU Datasheet HTML 5Page - Kemet Corporation C0805C106M1RACTU Datasheet HTML 6Page - Kemet Corporation C0805C106M1RACTU Datasheet HTML 7Page - Kemet Corporation C0805C106M1RACTU Datasheet HTML 8Page - Kemet Corporation C0805C106M1RACTU Datasheet HTML 9Page - Kemet Corporation C0805C106M1RACTU Datasheet HTML 10Page - Kemet Corporation C0805C106M1RACTU Datasheet HTML 11Page - Kemet Corporation C0805C106M1RACTU Datasheet HTML 12Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
C1002_X7R_SMD • 6/9/2017
8
Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
X7R Dielectric, 6.3 – 250 VDC (Commercial Grade)
Table 1B – Capacitance Range/Selection Waterfall (1210 – 2225 Case Sizes) cont'd
*Capacitance range Includes E24 decade values only. (i.e., 10, 11, 12, 13, 15, 16, 18, 20, 22, 24, 27, 30, 33, 36, 39, 43, 47, 51, 56, 62, 68, 75, 82, and 91)
**Capacitance range Includes E12 decade values only. (i.e., 10, 12, 15, 18, 22, 27, 33, 39, 47, 56, 68, and 82)
KEMET reserves the right to substitute product with an improved temperature characteristic, tighter capacitance tolerance and/or higher voltage
capability within the same form factor (configuration and dimensions).
xx1 Available only in K, M tolerance.
xx2 Available only in M tolerance.
Cap
Cap
Code
Case Size/
Series
C1210C
C1808C
C1812C
C1825C
C2220C
C2225C
Voltage Code
9
8
4
3
5
1
2
A
5
1
2
3
5
1
2
A
5
1
2
A
3
5
1
2
A
5
1
2
A
Rated Voltage
(VDC)
Cap Tolerance
Product Availability and Chip Thickness Codes – See Table 2 for Chip Thickness Dimensions
62pF
620
J
K
M
FB FB FB FB FB FB FB
68pF
680
J
K
M
FB FB FB FB FB FB FB
75pF
750
J
K
M
FB FB FB FB FB FB FB
82pF
820
J
K
M
FB FB FB FB FB FB FB
91pF
910
J
K
M
FB FB FB FB FB FB FB
100-270pF** 101-271**
J
K
M
FB FB FB FB FB FB FB
110pF
111
J
K
M
FB FB FB FB FB FB FB
120pF
121
J
K
M
FB FB FB FB FB FB FB
130pF
131
J
K
M
FB FB FB FB FB FB FB
150pF
151
J
K
M
FB FB FB FB FB FB FB
180pF
181
J
K
M
FB FB FB FB FB FB FB
220pF
221
J
K
M
FB FB FB FB FB FB FB
270pF
271
J
K
M
FB FB FB FB FB FB FB
330pF
331
J
K
M
FB FB FB FB FB FB FB
LF LF LF
390pF
391
J
K
M
FB FB FB FB FB FB FB
LF LF LF
470 - 1,200
pF**
471-122**
J
K
M
FB FB FB FB FB FB FB
LF LF LF GB GB GB GB
560pF
561
J
K
M
FB FB FB FB FB FB FB
LF LF LF GB GB GB GB
680pF
681
J
K
M
FB FB FB FB FB FB FB
LF LF LF GB GB GB GB
820pF
821
J
K
M
FB FB FB FB FB FB FB
LF LF LF GB GB GB GB
1,000pF
102
J
K
M
FB FB FB FB FB FB FB
LF LF LF GB GB GB GB
1,200pF
122
J
K
M
FB FB FB FB FB FB FB
LF LF LF GB GB GB GB
1,500pF
152
J
K
M
FB FB FB FB FB FB FE
LF LF LF GB GB GB GB
1,800pF
182
J
K
M
FB FB FB FB FB FB FE
LF LF LF GB GB GB GB
2,200pF
222
J
K
M
FB FB FB FB FB FB FB FB LF LF LF GB GB GB GB
2,700pF
272
J
K
M
FB FB FB FB FB FB FB FB LF LF LF GB GB GB GB
3,300pF
332
J
K
M
FB FB FB FB FB FB FB FB LF LF
GB GB GB GB
3,900pF
392
J
K
M
FB FB FB FB FB FB FB FB LF LF
GB GB GB GB
HB HB HB
4,700pF
472
J
K
M
FB FB FB FB FB FB FB FB LD LD LD GB GB GB GD
HB HB HB
KE KE KE
5,600pF
562
J
K
M
FB FB FB FB FB FB FB FB LD LD LD GB GB GB GH
HB HB HB
KE KE KE
6,800pF
682
J
K
M
FB FB FB FB FB FB FB FB LD LD LD GB GB GB GB GB HB HB HB
JE JE JE
KE KE KE
8,200pF
822
J
K
M
FB FB FB FB FB FB FB FB LD LD LD GB GB GB GB GB HB HB HB
JE JE JE
KE KE KE
10,000pF
103
J
K
M
FB FB FB FB FB FB FB FB LD LD LD GB GB GB GB GB HB HB HE
JE JE JE
KE KE KE
12,000pF
123
J
K
M
FB FB FB FB FB FB FB FB LD LD LD GB GB GB GB GB HB HB HE
JE JE JE
KE KE KE
15,000pF
153
J
K
M
FB FB FB FB FB FB FB FB LD LD LD GB GB GB GB GB HB HB
JE JE JE
KE KE KE
18,000pF
183
J
K
M
FB FB FB FB FB FB FB FB LD LD LD GB GB GB GB GB HB HE
JE JE JE
KE KE
22,000pF
223
J
K
M
FB FB FB FB FB FB FB FB LD LD
GB GB GB GB GB HB HB HB HB JE JE JE
KE KE
27,000pF
273
J
K
M
FB FB FB FB FB FB FB FB LD LD
GB GB GB GB GB HB HB HB HB JE JE JE
KE KE
33,000pF
333
J
K
M
FB FB FB FB FB FB FB FB LD LD
GB GB GB GB GB HB HB HB HB JB JB JB
KE
39,000pF
393
J
K
M
FB FB FB FB FB FB FB FB LD LD
GB GB GB GB GB HB HB HB HB JB JB JB
47,000pF
473
J
K
M
FB FB FB FB FB FB FC FC LD LD
GB GB GB GB GB HB HB HB HB JB JB JB
56,000pF
563
J
K
M
FB FB FB FB FB FB FC FC LD LD
GB GB GB GB GB HB HB HB HB JB JB JB
68,000pF
683
J
K
M
FB FB FB FB FB FB FC FC LD
GB GB GB GB GB HB HB HB HB JB JB JB
82,000pF
823
J
K
M
FB FB FB FB FB FC FF FF LD
GB GB GB GB GB HB HB HB HB JC JC JC JC JC
0.10µF
104
J
K
M
FB FB FB FB FB FD FG FG LD
GB GB GB GB GB HB HB HB HB JC JC JC JC JC KC KC KC KC
Cap
Cap
Code
Rated Voltage
(VDC)
Voltage Code
9
8
4
3
5
1
2
A
5
1
2
3
5
1
2
A
5
1
2
A
3
5
1
2
A
5
1
2
A
Case Size/
Series
C1210C
C1808C
C1812C
C1825C
C2220C
C2225C


Similar Part No. - C0805C106M1RACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0805C106M3NAC KEMET-C0805C106M3NAC Datasheet
461Kb / 4P
   Surface Mount Ceramic Chip Capacitors X8L Dielectric
C0805C106M3NACTU KEMET-C0805C106M3NACTU Datasheet
1Mb / 23P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C0805C106M3NAL KEMET-C0805C106M3NAL Datasheet
461Kb / 4P
   Surface Mount Ceramic Chip Capacitors X8L Dielectric
C0805C106M3NALTU KEMET-C0805C106M3NALTU Datasheet
1Mb / 23P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C0805C106M3PACTU KEMET-C0805C106M3PACTU Datasheet
71Kb / 1P
   SMD Comm X5R, Ceramic, 10 uF, 20%, 25 V, X5R, SMD, MLCC, Temperature Stable, Class II, 0805
More results

Similar Description - C0805C106M1RACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0402C182K5RACTU KEMET-C0402C182K5RACTU Datasheet
824Kb / 21P
   X7R Dielectric, 6.3 . 250 VDC (Commercial Grade)
C0402C181K5RACTU KEMET-C0402C181K5RACTU Datasheet
824Kb / 21P
   X7R Dielectric, 6.3 ??250 VDC (Commercial Grade)
C1210C226M3RACTU KEMET-C1210C226M3RACTU Datasheet
1Mb / 24P
   X7R Dielectric, 6.3 ??250 VDC (Commercial Grade)
C1206X106K4RACTU KEMET-C1206X106K4RACTU Datasheet
1Mb / 24P
   Flexible Termination System (FT-CAP), X7R Dielectric, 6.3 - 250 VDC (Commercial Grade)
C0805X222K5RACTU KEMET-C0805X222K5RACTU Datasheet
2Mb / 22P
   Flexible Termination System (FT-CAP) X7R Dielectric, 6.3 ??250 VDC (Commercial & Automotive Grade)
C0805S104K5RACTU KEMET-C0805S104K5RACTU Datasheet
2Mb / 22P
   Floating Electrode Design (FE-CAP), X7R Dielectric, 6.3 - 250 VDC (Commercial & Automotive Grade)
C0805S472J2RACTU KEMET-C0805S472J2RACTU Datasheet
3Mb / 21P
   Floating Electrode Design (FE-CAP), X7R Dielectric, 6.3 ??250 VDC (Commercial & Automotive Grade)
C1210X226K8RACTU KEMET-C1210X226K8RACTU Datasheet
2Mb / 24P
   Flexible Termination System (FT-CAP) X7R Dielectric, 6.3 250 VDC (Commercial & Automotive Grade)
C2220X105K2RACTU KEMET-C2220X105K2RACTU Datasheet
2Mb / 24P
   Flexible Termination System (FT-CAP) X7R Dielectric, 6.3 250 VDC (Commercial & Automotive Grade)
C2220C106M5R2C7186 KEMET-C2220C106M5R2C7186 Datasheet
3Mb / 17P
   KPS Series, X7R Dielectric, 10 - 250 VDC (Commercial Grade)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com