Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK4641 Datasheet(PDF) 4 Page - Asahi Kasei Microsystems

Part # AK4641
Description  16 BIT CODEC WITH BLUETOOTH INTERFACE
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4641 Datasheet(HTML) 4 Page - Asahi Kasei Microsystems

  AK4641 Datasheet HTML 1Page - Asahi Kasei Microsystems AK4641 Datasheet HTML 2Page - Asahi Kasei Microsystems AK4641 Datasheet HTML 3Page - Asahi Kasei Microsystems AK4641 Datasheet HTML 4Page - Asahi Kasei Microsystems AK4641 Datasheet HTML 5Page - Asahi Kasei Microsystems AK4641 Datasheet HTML 6Page - Asahi Kasei Microsystems AK4641 Datasheet HTML 7Page - Asahi Kasei Microsystems AK4641 Datasheet HTML 8Page - Asahi Kasei Microsystems AK4641 Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 51 page
background image
ASAHI KASEI
[AK4641]
MS0301-E-00
2004/05
- 4 -
PIN/FUNCTION
No.
Pin Name
I/O
Function
1
MPE
O
MIC Power Supply Pin for External Microphone
2
MPI
O
MIC Power Supply Pin for Internal Microphone
3
INT
I
Internal Microphone Input Pin (Mono Input)
4
VCOM
O
Common Voltage Output Pin, 0.45*AVDD
Bias voltage of ADC inputs and DAC outputs.
5
AVSS
-
Analog Ground Pin
6
AVDD
-
Analog Power Supply Pin
7
BVDD
-
Power Supply Pin for 16bit Mono CODEC of Bluetooth I/F
8
BVSS
-
Ground Pin for 16bit Mono CODEC of Bluetooth I/F
9
VCOC
O
PLL Loop Filter Pin for 16bit Mono CODEC of Bluetooth I/F
10
PDN
I
Power-Down Mode Pin
“H”: Power up, “L”: Power down reset and initializes the control register.
11
TST1
I
Test Pin. Connect to DVSS.
12
SCL
I
Control Data Clock Pin
13
SDA
I/O
Control Data Input Pin
14
SDTI
I
Audio Serial Data Input Pin
15
SDTO
O
Audio Serial Data Output Pin
16
LRCK
I
Input/Output Channel Clock Pin
17
BICK
I
Audio Serial Data Clock Pin
18
MCLK
I
External Master Clock Input Pin
19
DVDD
-
Digital Power Supply Pin
20
DVSS
-
Digital Ground Pin
21
BSDTI
I
Serial Data Input Pin for 16bit Mono CODEC of Bluetooth I/F
22
BSDTO
O
Serial Data Output Pin for 16bit Mono CODEC of Bluetooth I/F
23
BSYNC
I
Sync Signal Pin for 16bit Mono CODEC of Bluetooth I/F
24
BBICK
I
Serial Data Clock Pin for 16bit Mono CODEC of Bluetooth I/F
25
TST2
I
Test Pin. Connect to AVSS.
26
MOUT2
O
Mono Line Output 2 Pin
27
ROUT
O
Rch Stereo Line Output Pin
28
LOUT
O
Lch Stereo Line Output Pin
29
MOUT
O
Mono Line Negative Output Pin
30
MOUT+
O
Mono Line Positive Output Pin
31
AUX IN
I
Mono AUX Negative Input Pin
32
AUX IN+
I
Mono AUX Positive Input Pin
33
AIN
I
Analog Input Pin
34
MICOUT
O
Microphone Analog Output Pin
35
MDT
I
Microphone Detect Pin (Internal pull down by 500k
Ω)
36
EXT
I
External Microphone Input Pin (Mono Input)
Note: All input pins except analog input pins (INT, EXT, AIN, AUXIN+, AUXIN
−, MDT) should not be left floating.
Handling of Unused Pin
The unused I/O pins should be processed appropriately as below.
Classification
Pin Name
Setting
Analog Input
INT, AUXIN+, AUXIN
−, AIN, MDT, EXT
These pins should be open.
Analog Output
MPE, MPI, MOUT2, ROUT, LOUT, MOUT
−, MOUT+,
MICOUT
These pins should be open.
Digital Input
BSDTI, BSYNC, BBICK
These pins should be connected to DVSS.
Digital Output
BSDTO
These pins should be open.


Similar Part No. - AK4641

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4641EN AKM-AK4641EN Datasheet
459Kb / 50P
   16-Bit ?誇 CODEC with Bluetooth Interface
AK4641EN AKM-AK4641EN Datasheet
732Kb / 54P
   16bit stereo CODEC with built-in Microphone-amplifier and 16bit Mono CODEC for Bluetooth Interface.
More results

Similar Description - AK4641

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4641EN AKM-AK4641EN Datasheet
459Kb / 50P
   16-Bit ?誇 CODEC with Bluetooth Interface
AKD4641EN-A AKM-AKD4641EN-A Datasheet
732Kb / 54P
   16bit stereo CODEC with built-in Microphone-amplifier and 16bit Mono CODEC for Bluetooth Interface.
logo
Cirrus Logic
CS4220 CIRRUS-CS4220 Datasheet
770Kb / 32P
   24-Bit Stereo Audio Codec with 3V Interface
CS4218 CIRRUS-CS4218 Datasheet
586Kb / 44P
   16-Bit Stereo Audio Codec
CS4216 CIRRUS-CS4216 Datasheet
799Kb / 58P
   16-Bit Stereo Audio Codec
logo
CINCON ELECTRONICS Corp...
BD5T CINCON-BD5T Datasheet
652Kb / 2P
   Bluetooth Interface
logo
Cirrus Logic
CS4215 CIRRUS-CS4215 Datasheet
878Kb / 52P
   16-Bit Multimedia Audio Codec
logo
Rohm
BU7812KN ROHM-BU7812KN Datasheet
299Kb / 5P
   Monaural audio interface with CODEC
BU7807-00KV ROHM-BU7807-00KV Datasheet
302Kb / 5P
   Stereo audio interface with CODEC
logo
Texas Instruments
PCM2912A TI1-PCM2912A_15 Datasheet
1Mb / 34P
[Old version datasheet]   Audio Codec With USB Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com