Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C1808C106K1RACTU Datasheet(PDF) 2 Page - Kemet Corporation

Part # C1808C106K1RACTU
Description  X7R Dielectric, 6.3 - 250 VDC (Commercial Grade)
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C1808C106K1RACTU Datasheet(HTML) 2 Page - Kemet Corporation

  C1808C106K1RACTU Datasheet HTML 1Page - Kemet Corporation C1808C106K1RACTU Datasheet HTML 2Page - Kemet Corporation C1808C106K1RACTU Datasheet HTML 3Page - Kemet Corporation C1808C106K1RACTU Datasheet HTML 4Page - Kemet Corporation C1808C106K1RACTU Datasheet HTML 5Page - Kemet Corporation C1808C106K1RACTU Datasheet HTML 6Page - Kemet Corporation C1808C106K1RACTU Datasheet HTML 7Page - Kemet Corporation C1808C106K1RACTU Datasheet HTML 8Page - Kemet Corporation C1808C106K1RACTU Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
C1002_X7R_SMD • 6/9/2017
2
Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
X7R Dielectric, 6.3 – 250 VDC (Commercial Grade)
Packaging C-Spec Ordering Options Table
Packaging Type1
Packaging/Grade
Ordering Code (C-Spec)
BulkBag/Unmarked
Notrequired(Blank)
7"Reel/Unmarked
TU
13"Reel/Unmarked
7411 (EIA 0603 and smaller case sizes)
7210(EIA0805andlargercasesizes)
7" Reel/Marked
TM
13" Reel/Marked
7040 (EIA 0603 and smaller case sizes)
7215(EIA0805andlargercasesizes)
7"Reel/Unmarked/2mmpitch2
7081
13"Reel/Unmarked/2mmpitch2
7082
1
Default packaging is "Bulk Bag". An ordering code C-Spec is not required for "Bulk Bag" packaging.
1
The terms "Marked" and "Unmarked" pertain to laser marking option of capacitors. All packaging options labeled as "Unmarked" will contain capacitors
that have not been laser marked. Please contact KEMET if you require a laser marked option. For more information see "Capacitor Marking".
2
The 2 mm pitch option allows for double the packaging quantity of capacitors on a given reel size. This option is limited to EIA 0603 (1608 metric) case
size devices. For more information regarding 2 mm pitch option see "Tape & Reel Packaging Information".
Dimensions – Millimeters (Inches)
L
B
W
S
T
EIA
Size
Code
Metric
Size
Code
L
Length
W
Width
T
Thickness
B
Bandwidth
S
Separation
Minimum
Mounting
Technique
0402
1005
1.00 (0.040)±0.05 (0.002) 0.50 (0.020)±0.05 (0.002)
See Table 2
forThickness
0.30 (0.012)±0.10 (0.004) 0.30 (0.012) SolderReflow
Only
0603
1608
1.60 (0.063)±0.15 (0.006) 0.80 (0.032)±0.15 (0.006)
0.35 (0.014)±0.15 (0.006) 0.70 (0.028)
Solder Wave or
SolderReflow
0805
2012
2.00 (0.079)±0.20 (0.008) 1.25 (0.049)±0.20 (0.008)
0.50 (0.02)±0.25 (0.010) 0.75 (0.030)
1206
3216
3.20 (0.126)±0.20 (0.008) 1.60 (0.063)±0.20 (0.008)
0.50 (0.02) ±0.25 (0.010)
N/A
12101
3225
3.20 (0.126)±0.20 (0.008) 2.50 (0.098)±0.20 (0.008)
0.50 (0.02)±0.25 (0.010)
SolderReflow
Only
1808
4520
4.70 (0.185)±0.50 (0.020) 2.00 (0.079)±0.20 (0.008)
0.60 (0.024)±0.35 (0.014)
1812
4532
4.50 (0.177)±0.30 (0.012) 3.20 (0.126)±0.30 (0.012)
0.60 (0.024)±0.35 (0.014)
1825
4564
4.50 (0.177)±0.30 (0.012) 6.40 (0.252)±0.40 (0.016)
0.60 (0.024)±0.35 (0.014)
2220
5650
5.70 (0.224)±0.40 (0.016) 5.00 (0.197)±0.40 (0.016)
0.60 (0.024)±0.35 (0.014)
2225
5664
5.60 (0.220)±0.40 (0.016) 6.40 (0.248)±0.40 (0.016)
0.60 (0.024)±0.35 (0.014)
1
For capacitance values ≥ 4.7 µF add 0.02 (0.001) to the width tolerance dimension and 0.10 (0.004) to the length tolerance dimension.


Similar Part No. - C1808C106K1RACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C1808C106K3RACTU KEMET-C1808C106K3RACTU Datasheet
824Kb / 21P
   X7R Dielectric, 6.3 ??250 VDC (Commercial Grade)
C1808C106K4RACTU KEMET-C1808C106K4RACTU Datasheet
824Kb / 21P
   X7R Dielectric, 6.3 ??250 VDC (Commercial Grade)
C1808C106K8RACTU KEMET-C1808C106K8RACTU Datasheet
824Kb / 21P
   X7R Dielectric, 6.3 ??250 VDC (Commercial Grade)
C1808C106K9RACTU KEMET-C1808C106K9RACTU Datasheet
824Kb / 21P
   X7R Dielectric, 6.3 ??250 VDC (Commercial Grade)
More results

Similar Description - C1808C106K1RACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0402C182K5RACTU KEMET-C0402C182K5RACTU Datasheet
824Kb / 21P
   X7R Dielectric, 6.3 . 250 VDC (Commercial Grade)
C0402C181K5RACTU KEMET-C0402C181K5RACTU Datasheet
824Kb / 21P
   X7R Dielectric, 6.3 ??250 VDC (Commercial Grade)
C1210C226M3RACTU KEMET-C1210C226M3RACTU Datasheet
1Mb / 24P
   X7R Dielectric, 6.3 ??250 VDC (Commercial Grade)
C1206X106K4RACTU KEMET-C1206X106K4RACTU Datasheet
1Mb / 24P
   Flexible Termination System (FT-CAP), X7R Dielectric, 6.3 - 250 VDC (Commercial Grade)
C0805X222K5RACTU KEMET-C0805X222K5RACTU Datasheet
2Mb / 22P
   Flexible Termination System (FT-CAP) X7R Dielectric, 6.3 ??250 VDC (Commercial & Automotive Grade)
C0805S104K5RACTU KEMET-C0805S104K5RACTU Datasheet
2Mb / 22P
   Floating Electrode Design (FE-CAP), X7R Dielectric, 6.3 - 250 VDC (Commercial & Automotive Grade)
C0805S472J2RACTU KEMET-C0805S472J2RACTU Datasheet
3Mb / 21P
   Floating Electrode Design (FE-CAP), X7R Dielectric, 6.3 ??250 VDC (Commercial & Automotive Grade)
C1210X226K8RACTU KEMET-C1210X226K8RACTU Datasheet
2Mb / 24P
   Flexible Termination System (FT-CAP) X7R Dielectric, 6.3 250 VDC (Commercial & Automotive Grade)
C2220X105K2RACTU KEMET-C2220X105K2RACTU Datasheet
2Mb / 24P
   Flexible Termination System (FT-CAP) X7R Dielectric, 6.3 250 VDC (Commercial & Automotive Grade)
C2220C106M5R2C7186 KEMET-C2220C106M5R2C7186 Datasheet
3Mb / 17P
   KPS Series, X7R Dielectric, 10 - 250 VDC (Commercial Grade)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com