Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK4641VN Datasheet(PDF) 1 Page - Asahi Kasei Microsystems

Part # AK4641VN
Description  16 BIT CODEC WITH BLUETOOTH INTERFACE
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4641VN Datasheet(HTML) 1 Page - Asahi Kasei Microsystems

  AK4641VN Datasheet HTML 1Page - Asahi Kasei Microsystems AK4641VN Datasheet HTML 2Page - Asahi Kasei Microsystems AK4641VN Datasheet HTML 3Page - Asahi Kasei Microsystems AK4641VN Datasheet HTML 4Page - Asahi Kasei Microsystems AK4641VN Datasheet HTML 5Page - Asahi Kasei Microsystems AK4641VN Datasheet HTML 6Page - Asahi Kasei Microsystems AK4641VN Datasheet HTML 7Page - Asahi Kasei Microsystems AK4641VN Datasheet HTML 8Page - Asahi Kasei Microsystems AK4641VN Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 51 page
background image
ASAHI KASEI
[AK4641]
MS0301-E-00
2004/05
- 1 -
GENERAL DESCRIPTION
The AK4641 is targeted at PDA and other low-power, small size applications. It features a 16bit Stereo
CODEC with a built-in Microphone-Amplifier and 16bit Mono CODEC for Bluetooth Interface. Input
circuits include Microphone-Amplifier and ALC (Auto Level Control) circuit. The AK4641 is available in a
36pin QFN, utilizing less board space than competitive offerings.
FEATURES
1. Recording Function of 16bit Stereo CODEC
• Mono Input
• 2 to 1 Selector (Internal and External MIC)
• 1st MIC Amplifier: +20dB or 0dB
• 2nd Amplifier with ALC: +27.5dB ∼ −8dB, 0.5dB Step
• ADC Performance: S/(N+D): 81dB, S/N: 86dB
• Sampling Rate: 7kHz ∼ 48kHz
• Audio Interface Format: I2S, 16bit MSB justified
2. Playback Function of 16bit Stereo CODEC
• Digital De-emphasis Filter (tc=50/15µs, fs=32kHz, 44.1kHz, 48kHz)
• Digital Volume (0dB ∼ −127dB, 0.5dB Step, Mute)
• 5 Band Equalizer
• Stereo Line Output
- Performance: S/(N+D): 86dB, S/N: 90dB
• Mono Line Output
- Differential Output
- Performance: S/(N+D): 86dB, S/N: 93dB
• AUX Input
- Differential Input
- +24dB
∼ −21dB, 3dB step
• Sampling Rate: 7kHz ∼ 48kHz
• Audio Interface Format: I2S, 16bit MSB justified, 16bit LSB justified
3. 16bit Mono CODEC
• Analog Mix Path for Bluetooth Interface
• Sample Rate: 8kHz ∼ 16kHz
• Audio Interface Format: Short/Long Frame, I2S, 16bit MSB justified
4. Power Management
5. Master Clock: 1.792MHz
∼ 12.288MHz
6. Control mode: I
2C Bus
7. Ta =
−10 ∼ 70°C
8. Power Supply: 2.6V
∼ 3.6V (typ. 3.3V)
9. Power Supply Current: 17mA
10. Package: 36pin QFN (0.5mm pitch)
AK4641
16-Bit ∆Σ CODEC with Bluetooth Interface


Similar Part No. - AK4641VN

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4641EN AKM-AK4641EN Datasheet
459Kb / 50P
   16-Bit ?誇 CODEC with Bluetooth Interface
AK4641EN AKM-AK4641EN Datasheet
732Kb / 54P
   16bit stereo CODEC with built-in Microphone-amplifier and 16bit Mono CODEC for Bluetooth Interface.
More results

Similar Description - AK4641VN

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4641EN AKM-AK4641EN Datasheet
459Kb / 50P
   16-Bit ?誇 CODEC with Bluetooth Interface
AKD4641EN-A AKM-AKD4641EN-A Datasheet
732Kb / 54P
   16bit stereo CODEC with built-in Microphone-amplifier and 16bit Mono CODEC for Bluetooth Interface.
logo
Cirrus Logic
CS4220 CIRRUS-CS4220 Datasheet
770Kb / 32P
   24-Bit Stereo Audio Codec with 3V Interface
CS4218 CIRRUS-CS4218 Datasheet
586Kb / 44P
   16-Bit Stereo Audio Codec
CS4216 CIRRUS-CS4216 Datasheet
799Kb / 58P
   16-Bit Stereo Audio Codec
logo
CINCON ELECTRONICS Corp...
BD5T CINCON-BD5T Datasheet
652Kb / 2P
   Bluetooth Interface
logo
Cirrus Logic
CS4215 CIRRUS-CS4215 Datasheet
878Kb / 52P
   16-Bit Multimedia Audio Codec
logo
Rohm
BU7812KN ROHM-BU7812KN Datasheet
299Kb / 5P
   Monaural audio interface with CODEC
BU7807-00KV ROHM-BU7807-00KV Datasheet
302Kb / 5P
   Stereo audio interface with CODEC
logo
Texas Instruments
PCM2912A TI1-PCM2912A_15 Datasheet
1Mb / 34P
[Old version datasheet]   Audio Codec With USB Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com