Electronic Components Datasheet Search |
|
C0402C104K5GACAUTO Datasheet(PDF) 1 Page - Kemet Corporation |
|
C0402C104K5GACAUTO Datasheet(HTML) 1 Page - Kemet Corporation |
1 / 18 page © KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com C1022_C0G_AUTO_SMD • 1/9/2017 1 One world. One KEMET Benefits • AEC–Q200automotivequalified • −55°Cto+125°Coperatingtemperaturerange • Lead(Pb)-Free,RoHSandREACHcompliant • EIA0402,0603,0805,1206,1210,1812,and 2220 case sizes • DCvoltageratingsof10V,16V,25V,50V,100V,200V, and250V • Capacitanceofferingsrangingfrom0.5pFupto0.47μF • Availablecapacitancetolerancesof±0.10pF,±0.25pF,±0.5 pF,±1%,±2%,±5%,±10%,and±20% Overview KEMET’sAutomotiveGradeSeriessurfacemount capacitorsinC0Gdielectricaresuitedforavarietyof applicationsrequiringproven,reliableperformancein harshenvironments.Whetherunder-hoodorin-cabin, thesedevicesemphasizethevitalandrobustnature ofcapacitorsrequiredformissionandsafetycritical automotivecircuits.Strictertestingprotocolandinspection criteriahavebeenestablishedforautomotivegrade productsinrecognitionofpotentiallyharshenvironmental conditions.KEMETautomotivegradeseriescapacitors meetthedemandingAutomotiveElectronicsCouncil's AEC–Q200qualificationrequirements. C0Gdielectricfeaturesa125°Cmaximumoperating temperatureandisconsidered“stable.”TheElectronics IndustriesAlliance(EIA)characterizesC0Gdielectricas aClassImaterial.Componentsofthisclassificationare temperaturecompensatingandaresuitedforresonantcircuit applicationsorthosewhereQandstabilityofcapacitance characteristicsarerequired.C0Gexhibitsnochangein capacitancewithrespecttotimeandvoltageandboastsa negligiblechangeincapacitancewithreferencetoambient temperature.Capacitancechangeislimitedto±30ppm/ºC from−55°Cto+125°C. SurfaceMountMultilayerCeramicChipCapacitors(SMDMLCCs) C0G Dielectric, 10 – 250 VDC (Automotive Grade) Ordering Information C 1206 C 104 J 3 G A C AUTO Ceramic Case Size (L"xW") Specification/ Series Capacitance Code(pF) Capacitance Tolerance1 RatedVoltage (VDC) Dielectric FailureRate/ Design TerminationFinish2 Packaging/Grade (C-Spec) 0402 0603 0805 1206 1210 1812 2220 C=Standard Twosignificant digits+number ofzeros Use9for 1.0–9.9pF Use8for 0.5–.99pF ex.2.2pF=229 ex.0.5pF=508 B=±0.10pF C=±0.25pF D=±0.5pF F=±1% G=±2% J=±5% K=±10% M=±20% 8 = 10 4 = 16 3 = 25 5 = 50 1 = 100 2 = 200 A = 250 G = C0G A = N/A C=100%MatteSn See"Packaging C-SpecOrdering OptionsTable" below 1 Additional capacitance tolerance offerings may be available. Contact KEMET for details. 2 Additional termination finish options may be available. Contact KEMET for details. Click image above for interactive 3D content Open PDF in Adobe Reader for full functionality |
Similar Part No. - C0402C104K5GACAUTO |
|
Similar Description - C0402C104K5GACAUTO |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |