Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM24LC21NA Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # AM24LC21NA
Description  Dual Mode, 1K-bits (128 x 8) 2-Wire Serial EEPROM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AM24LC21NA Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button AM24LC21NA Datasheet HTML 5Page - List of Unclassifed Manufacturers AM24LC21NA Datasheet HTML 6Page - List of Unclassifed Manufacturers AM24LC21NA Datasheet HTML 7Page - List of Unclassifed Manufacturers AM24LC21NA Datasheet HTML 8Page - List of Unclassifed Manufacturers AM24LC21NA Datasheet HTML 9Page - List of Unclassifed Manufacturers AM24LC21NA Datasheet HTML 10Page - List of Unclassifed Manufacturers AM24LC21NA Datasheet HTML 11Page - List of Unclassifed Manufacturers AM24LC21NA Datasheet HTML 12Page - List of Unclassifed Manufacturers AM24LC21NA Datasheet HTML 13Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
AM24LC21
Dual Mode, 1K-bits (128 x 8) 2-Wire Serial EEPROM
(Preliminary)
Anachip Corp.
www.anachip.com.tw
Rev 0.0 Aug 10, 2002
9/13
Note:
Page write operations are limited to writing bytes
within a single physical page, regardless of the
number of bytes actually being written. Physical
page boundaries start at addresses that are integer
multiples of the page buffer size (or ‘page size’) and
end at addresses that are integer multiples of [page
size - 1]. If a page write command attempts to write
across a physical page boundary, the result is that
the data wraps around to the beginning of the
current page (overwriting data previously stored
there), instead of being written to the next page as
might be expected. It is therefore necessary for the
application
software
to
prevent
page
write
operations that would attempt to cross a page
boundary.
P
S
T
O
P
A
C
K
A
C
K
A
C
K
S
S
T
A
R
T
Control
Byte
Word
Address
Data
VCLK
Bus activity
SDA Line
Bus activity
Master
Figure 4-1. Byte write
S
T
O
P
A
C
K
A
C
K
S
S
T
A
R
T
Control
Byte
Word
Address
Data(n)
VCLK
Bus activity
SDA Line
Bus activity
Master
A
C
K
A
C
K
A
C
K
Data(n+1)
Data(n+7)
P
Figure 4-2. Page write
5.0 Acknowledge polling
Since the device will not acknowledge during a
write cycle, this can be used to determine when the
cycle is complete (this feature can be used to
maximize bus throughput). Once the stop condition
for a write command has been issued from the
master, the device initiates the internally timed write
cycle. ACK polling can be initiated immediately.
This involves the master sending a start condition
followed by the control byte for a write command
(R/W = 0). If the device is still busy with the write
cycle, then no ACK will be returned. If the cycle is
complete, then the device will return the ACK and
the master can then
proceed with the next read or write command. See
Figure 5-1 for the flow diagram.
6.0 Write protection
When using the AM24LC21 in the bi-directional
Mode, the VCLK pin operates as the write protect
control pin. Setting VCLK high allows normal write
operations, while setting VCLK low prevents writing
to any location in the array. Connecting the VCLK
pin to VSS would allow the AM24LC21 to operate
as a serial ROM, although this configuration would
prevent using the device in the transmit-only mode.


Similar Part No. - AM24LC21NA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AM24LC21B ETC-AM24LC21B Datasheet
219Kb / 13P
   Dual Mode, 1K-bits (128 x 8) 2-Wire Serial EEPROM
AM24LC21BIN ETC-AM24LC21BIN Datasheet
219Kb / 13P
   Dual Mode, 1K-bits (128 x 8) 2-Wire Serial EEPROM
AM24LC21BINA ETC-AM24LC21BINA Datasheet
219Kb / 13P
   Dual Mode, 1K-bits (128 x 8) 2-Wire Serial EEPROM
AM24LC21BIS ETC-AM24LC21BIS Datasheet
219Kb / 13P
   Dual Mode, 1K-bits (128 x 8) 2-Wire Serial EEPROM
AM24LC21BISA ETC-AM24LC21BISA Datasheet
219Kb / 13P
   Dual Mode, 1K-bits (128 x 8) 2-Wire Serial EEPROM
More results

Similar Description - AM24LC21NA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AM24LC21B ETC-AM24LC21B Datasheet
219Kb / 13P
   Dual Mode, 1K-bits (128 x 8) 2-Wire Serial EEPROM
logo
ATMEL Corporation
AT24C01B ATMEL-AT24C01B_08 Datasheet
634Kb / 25P
   Two-wire Serial EEPROM 1K (128 x 8)
logo
STMicroelectronics
ST24 STMICROELECTRONICS-ST24 Datasheet
146Kb / 16P
   SERIAL 1K 128 x 8 EEPROM
November 1997
logo
ATMEL Corporation
AT93C46D ATMEL-AT93C46D_08 Datasheet
512Kb / 21P
   Three-wire Serial EEPROM 1K (128 x 8 or 64 x 16)
logo
STMicroelectronics
ST93C46A STMICROELECTRONICS-ST93C46A Datasheet
111Kb / 13P
   1K 64 x 16 or 128 x 8 SERIAL MICROWIRE EEPROM
logo
NXP Semiconductors
PCB2421 PHILIPS-PCB2421 Datasheet
112Kb / 24P
   1K dual mode serial EEPROM
1997 Apr 01
logo
Holtek Semiconductor In...
HT2201 HOLTEK-HT2201 Datasheet
101Kb / 11P
   CMOS 1K 2-Wire Serial EEPROM
HT2201 HOLTEK-HT2201_14 Datasheet
1Mb / 9P
   CMOS 1K 2-Wire Serial EEPROM
logo
ATMEL Corporation
AT24C128C-SSHM-T ATMEL-AT24C128C-SSHM-T Datasheet
968Kb / 22P
   I2C-Compatible (2-Wire) Serial EEPROM 128-Kbit (16,384 x 8)
logo
SHANGHAI BELLING CO., L...
BL93C56 BELLING-BL93C56 Datasheet
595Kb / 12P
   2K bits (256 X 8 or 128 X 16)/ 4K bits (512 X 8 or 256 X 16) Three-wire Serial EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com