Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SGM8049-2 Datasheet(PDF) 8 Page - SG Micro Corp

Part # SGM8049-2
Description  Rail-to-Rail I/O Operational Amplifiers
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM8049-2 Datasheet(HTML) 8 Page - SG Micro Corp

Back Button SGM8049-2 Datasheet HTML 4Page - SG Micro Corp SGM8049-2 Datasheet HTML 5Page - SG Micro Corp SGM8049-2 Datasheet HTML 6Page - SG Micro Corp SGM8049-2 Datasheet HTML 7Page - SG Micro Corp SGM8049-2 Datasheet HTML 8Page - SG Micro Corp SGM8049-2 Datasheet HTML 9Page - SG Micro Corp SGM8049-2 Datasheet HTML 10Page - SG Micro Corp SGM8049-2 Datasheet HTML 11Page - SG Micro Corp SGM8049-2 Datasheet HTML 12Page - SG Micro Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
SGM8049-1/SGM8049-2
1.8V, 2.5µA, 120kHz,
SGM8049-4
Rail-to-Rail I/O Operational Amplifiers
8
NOVEMBER 2015
SG Micro Corp
www.sg-micro.com
APPLICATION INFORMATION
The SGM8049-1/2/4 operational amplifiers minimize
power consumption without compromising bandwidth
or noise. Typical values of power supply rejection ratio
(PSRR), common mode rejection ratio (CMRR), and
open-loop gain (AOL) are 100dB or better.
When designing for ultra low power applications,
choose system components carefully. To minimize
current consumption, select large value resistors. Any
resistors will react with stray capacitance in the circuit
and the input capacitance of the operational amplifiers.
These parasitic RC combinations can affect the stability
of the overall system. A feedback capacitor may be
required to assure stability and limit overshoot or gain
peaking.
Good layout practice mandates the use of a 0.1μF
bypass capacitor placed closely across the supply pins.
Operating Voltage
SGM8049-1/2/4 operational amplifiers are fully specified
and tested from +1.8V to +5.5V or ±0.9V to ±2.75V.
Input Common Mode Voltage Range
The input common mode voltage range of the
SGM8049-1/2/4 is from (-VS) - 0.1V to (+VS) + 0.1V. This
rail-to-rail input is achieved using a complementary
input stage. CMRR is specified from the negative rail to
1.2V below the positive rail. Between (-VS) - 0.1V to
(+VS) + 0.1V, the amplifier operates with higher offset
voltage because of the transition region of the input
stage.
Protecting Inputs from Over-Voltage
Normally, input currents are 1pA. However, a large
voltage input (greater than 500mV beyond the supply
rails) can cause excessive current to flow in or out of
the input pins. Therefore, as well as keeping the input
voltage below the maximum rating, it is also important
to limit the input current to less than 10mA. This limiting
is easily accomplished with an input voltage resistor, as
shown in Figure 2.
IOVERLOAD
10mA MAX
2k
Ω
VS
VOUT
VIN
+
-
SGM8049-1
Figure 2. Input Current Protection for Voltages Exceeding
the Supply Voltage
Noise
Although micro-power amplifiers frequently have high
wideband noise, the SGM8049-1/2/4 offer excellent
noise performance. Resistors should be chosen
carefully because the SGM8049-1/2/4 have only
3.5μVPP of 0.1Hz to 10Hz noise, and 75nV/ Hz of
wideband noise; otherwise, they can become the
dominant source of noise.
Capacitive Load and Stability
Follower configurations with load capacitance in excess
of 30pF can produce extra overshoot and ringing in the
output signal. Increasing the gain enhances the ability
of the amplifier to drive greater capacitive loads. In
unity-gain configurations, capacitive load drive can be
improved by inserting a small (10Ω to 20Ω) resistor, RS,
in series with the output, as shown in Figure 3. This
resistor significantly reduces ringing while maintaining
direct current (DC) performance for purely capacitive
loads. However, if there is a resistive load in parallel
with the capacitive load, a voltage divider is created,
introducing a DC error at the output and slightly
reducing the output swing. The error introduced is
proportional to the ratio RS/RL, and is generally
negligible.
VS
VOUT
VIN
RS
RL
CL
10
Ω to 20Ω
+
-
SGM8049-1
Figure 3. Series Resistor in Unity-Gain Buffer Configuration
Improves Capacitive Load Drive


Similar Part No. - SGM8049-2

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM804 SGMICRO-SGM804 Datasheet
264Kb / 11P
   Capacitor-Adjustable Reset Timeout Delay
SGM804 SGMICRO-SGM804 Datasheet
856Kb / 11P
   Low-Power, SOT 關P Reset Circuit with Capacitor-Adjustable Reset Timeout Delay
SGM804-1.63YN5G/TR SGMICRO-SGM804-1.63YN5G/TR Datasheet
856Kb / 11P
   Low-Power, SOT 關P Reset Circuit with Capacitor-Adjustable Reset Timeout Delay
SGM804-2.32YN5G/TR SGMICRO-SGM804-2.32YN5G/TR Datasheet
856Kb / 11P
   Low-Power, SOT 關P Reset Circuit with Capacitor-Adjustable Reset Timeout Delay
SGM804-2.63YN5G/TR SGMICRO-SGM804-2.63YN5G/TR Datasheet
856Kb / 11P
   Low-Power, SOT 關P Reset Circuit with Capacitor-Adjustable Reset Timeout Delay
More results

Similar Description - SGM8049-2

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA703 BURR-BROWN-OPA703_08 Datasheet
509Kb / 18P
   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA2703EA-2K5G4 TI-OPA2703EA-2K5G4 Datasheet
894Kb / 19P
[Old version datasheet]   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
SG Micro Corp
SGM8634 SGMICRO-SGM8634_15 Datasheet
537Kb / 20P
   Rail-to-Rail I/O CMOS Operational Amplifiers
SGM8621 SGMICRO-SGM8621_16 Datasheet
1Mb / 20P
   Rail-to-Rail I/O CMOS Operational Amplifiers
logo
Texas Instruments
OPA703 TI-OPA703 Datasheet
322Kb / 12P
[Old version datasheet]   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
OPA349 TI1-OPA349_17 Datasheet
1Mb / 24P
[Old version datasheet]   Rail-to-Rail I/O CMOS OPERATIONAL AMPLIFIERS
logo
SG Micro Corp
SGM8624 SGMICRO-SGM8624_15 Datasheet
525Kb / 19P
   Rail-to-Rail I/O CMOS Operational Amplifiers
SGM8631 SGMICRO-SGM8631_15 Datasheet
537Kb / 20P
   Rail-to-Rail I/O CMOS Operational Amplifiers
logo
Texas Instruments
OPA703 TI1-OPA703_16 Datasheet
1Mb / 30P
[Old version datasheet]   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
OPA349SA TI-OPA349SA Datasheet
1Mb / 23P
[Old version datasheet]   1A, Rail-to-Rail I/O CMOS OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com