Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SGM8521 Datasheet(PDF) 7 Page - SG Micro Corp

Part # SGM8521
Description  CMOS Operational Amplifiers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM8521 Datasheet(HTML) 7 Page - SG Micro Corp

Back Button SGM8521 Datasheet HTML 3Page - SG Micro Corp SGM8521 Datasheet HTML 4Page - SG Micro Corp SGM8521 Datasheet HTML 5Page - SG Micro Corp SGM8521 Datasheet HTML 6Page - SG Micro Corp SGM8521 Datasheet HTML 7Page - SG Micro Corp SGM8521 Datasheet HTML 8Page - SG Micro Corp SGM8521 Datasheet HTML 9Page - SG Micro Corp SGM8521 Datasheet HTML 10Page - SG Micro Corp SGM8521 Datasheet HTML 11Page - SG Micro Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
150kHz, 5.5μA, Rail-to-Rail I/O
SGM8521/2/4
CMOS Operational Amplifiers
7
JANUARY 2017
SG Micro Corp
www.sg-micro.com
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
At TA = +25
℃, VS = +5V, and RL = 500kΩ connected to VS/2, unless otherwise noted.
Short-Circuit Current vs. Supply Voltage
-20
0
20
40
60
80
100
120
0
1
2
3
4
5
6
7
Supply Voltage (V)
Supply Current vs. Supply Voltage
-1
0
1
2
3
4
5
6
7
0
1
2
3
4
5
6
7
Supply Voltage (V)


Similar Part No. - SGM8521

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM8521 SGMICRO-SGM8521 Datasheet
652Kb / 14P
   150KHz, 4.7關A, Rail-to-Rail I/O CMOS Operational Amplifier
SGM8521 SGMICRO-SGM8521 Datasheet
361Kb / 15P
   CMOS Operational Amplifiers
SGM8521XN5/TR SGMICRO-SGM8521XN5/TR Datasheet
652Kb / 14P
   150KHz, 4.7關A, Rail-to-Rail I/O CMOS Operational Amplifier
SGM8521XS SGMICRO-SGM8521XS Datasheet
652Kb / 14P
   150KHz, 4.7關A, Rail-to-Rail I/O CMOS Operational Amplifier
SGM8521XS/TR SGMICRO-SGM8521XS/TR Datasheet
652Kb / 14P
   150KHz, 4.7關A, Rail-to-Rail I/O CMOS Operational Amplifier
More results

Similar Description - SGM8521

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM8055 SGMICRO-SGM8055_15 Datasheet
491Kb / 20P
   CMOS Operational Amplifiers
SGM8093 SGMICRO-SGM8093_15 Datasheet
556Kb / 18P
   CMOS Operational Amplifiers
SGM8621 SGMICRO-SGM8621_15 Datasheet
525Kb / 19P
   CMOS Operational Amplifiers
SGM8623 SGMICRO-SGM8623_15 Datasheet
525Kb / 19P
   CMOS Operational Amplifiers
SGM8633 SGMICRO-SGM8633_15 Datasheet
537Kb / 20P
   CMOS Operational Amplifiers
SGM8653 SGMICRO-SGM8653_15 Datasheet
463Kb / 18P
   CMOS Operational Amplifiers
SGM8631 SGMICRO-SGM8631_16 Datasheet
1Mb / 18P
   CMOS Operational Amplifiers
logo
Rohm
BU7291G-TR ROHM-BU7291G-TR Datasheet
767Kb / 31P
   CMOS Operational Amplifiers
logo
SG Micro Corp
SGM321 SGMICRO-SGM321_15 Datasheet
404Kb / 17P
   CMOS Operational Amplifiers
SGM8061 SGMICRO-SGM8061_15 Datasheet
486Kb / 16P
   CMOS Operational Amplifiers
SGM8062 SGMICRO-SGM8062_15 Datasheet
486Kb / 16P
   CMOS Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com