Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C0805C104M2GACAUTO Datasheet(PDF) 3 Page - Kemet Corporation

Part # C0805C104M2GACAUTO
Description  C0G Dielectric, 10 - 250 VDC (Automotive Grade)
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C0805C104M2GACAUTO Datasheet(HTML) 3 Page - Kemet Corporation

  C0805C104M2GACAUTO Datasheet HTML 1Page - Kemet Corporation C0805C104M2GACAUTO Datasheet HTML 2Page - Kemet Corporation C0805C104M2GACAUTO Datasheet HTML 3Page - Kemet Corporation C0805C104M2GACAUTO Datasheet HTML 4Page - Kemet Corporation C0805C104M2GACAUTO Datasheet HTML 5Page - Kemet Corporation C0805C104M2GACAUTO Datasheet HTML 6Page - Kemet Corporation C0805C104M2GACAUTO Datasheet HTML 7Page - Kemet Corporation C0805C104M2GACAUTO Datasheet HTML 8Page - Kemet Corporation C0805C104M2GACAUTO Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
C1022_C0G_AUTO_SMD • 1/9/2017
3
Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs) – C0G Dielectric, 10 – 250 VDC (Automotive Grade)
Automotive C-Spec Information
KEMETAutomotiveGradeproductsmeetorexceedtherequirementsoutlinedbytheAutomotiveElectronicsCouncil.
DetailsregardingtestmethodsandconditionsarereferencedindocumentAEC–Q200,StressTestQualificationforPassive
Components.TheseproductsaresupportedbyaProductChangeNotification(PCN)andProductionPartApprovalProcess
warrant(PPAP).
AutomotiveproductsofferedthroughourdistributionchannelhavebeenassignedaninclusiveorderingcodeC-Spec,
“AUTO”.ThisC-Specwasdevelopedinordertobetterservesmallandmediumsizedcompaniesthatpreferanautomotive
gradecomponentwithouttherequirementtosubmitacustomerSourceControlledDrawing(SCD)orspecificationforreview
byaKEMETengineeringspecialist.ThisC-SpecisthereforenotintendedforusebyKEMET’sOEMAutomotivecustomers
andarenotgrantedthesame“privileges”asotherautomotiveC-Specs.CustomerPCNapprovalandPPAPrequestlevelsare
limited(seedetailsbelow).
Product Change Notification (PCN)
TheKEMETProductChangeNotificationsystemisusedtocommunicateprimarilythefollowingtypesofchanges:
•Product/processchangesthataffectproductform,fit,function,and/orreliability
•Changesinmanufacturingsite
•Productobsolescence
KEMET Automotive
C-Spec
Customer Notification due to:
Days prior to
implementation
Process/Productchange
Obsolescence*
KEMETassigned1
Yes(withapprovalandsignoff)
Yes
180daysMinimum
AUTO
Yes(withoutapproval)
Yes
90daysMinimum
1
KEMET assigned C-Specs require the submittal of a customer SCD or customer specification for review. For additional information contact KEMET.
Production Part Approval Process (PPAP)
ThepurposeoftheProductionPartApprovalProcessis:
•Toensurethatsuppliercanmeetthemanufacturabilityandqualityrequirementsforthepurchasedparts.
•Toprovidetheevidencethatallcustomerengineeringdesignrecordandspecificationrequirementsareproperly
understoodand
fulfilledbythemanufacturingorganization.
•Todemonstratethattheestablishedmanufacturingprocesshasthepotentialtoproducethepart
KEMET Automotive
C-Spec
PPAP (Product Part Approval Process) Level
1
2
3
4
5
KEMETassigned1
AUTO
1
KEMET assigned C-Specs require the submittal of a customer SCD or customer specification for review. For additional information contact KEMET.
●PartNumberspecificPPAPavailable
○ProductfamilyPPAPonly


Similar Part No. - C0805C104M2GACAUTO

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0805C104M2GACAUTO KEMET-C0805C104M2GACAUTO Datasheet
1Mb / 19P
   Surface Mount Multilayer Ceramic Chip Capacitors
More results

Similar Description - C0805C104M2GACAUTO

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C1206C104J3GACTU KEMET-C1206C104J3GACTU Datasheet
1Mb / 21P
   C0G Dielectric, 10 - 250 VDC (Commercial Grade)
C1206X563J3GACTU KEMET-C1206X563J3GACTU_17 Datasheet
1Mb / 20P
   Flexible Termination System (FT-CAP), C0G Dielectric, 10 - 250 VDC (Commercial & Automotive Grade)
C1206X563J3GACTU KEMET-C1206X563J3GACTU Datasheet
1Mb / 21P
   Flexible Termination System (FT-CAP), C0G Dielectric, 10 - 250 VDC (Commercial & Automotive Grade)
C2220C476M3R2CTU KEMET-C2220C476M3R2CTU Datasheet
4Mb / 18P
   KPS Series, X7R Dielectric, 10 ??250 VDC (Automotive Grade)
CA064C104K4GACTU KEMET-CA064C104K4GACTU Datasheet
3Mb / 17P
   Capacitor Array, C0G Dielectric, 10 - 200 VDC (Commercial & Automotive Grade)
C0603C330J2GACTU KEMET-C0603C330J2GACTU Datasheet
828Kb / 19P
   C0G Dielectric, 10 ??200 VDC (Commercial Grade)
C0805C330J5GACTU KEMET-C0805C330J5GACTU Datasheet
828Kb / 19P
   C0G Dielectric, 10 ??200 VDC (Commercial Grade)
C0603C101J1GAC KEMET-C0603C101J1GAC Datasheet
797Kb / 19P
   C0G Dielectric, 10 ??200 VDC (Commercial Grade)
CBR02C330F9GAC KEMET-CBR02C330F9GAC Datasheet
1Mb / 19P
   C0G Dielectric, 10 ??200 VDC (Commercial Grade)
C0805C473K3GACTU KEMET-C0805C473K3GACTU Datasheet
828Kb / 19P
   C0G Dielectric, 10 ??200 VDC (Commercial Grade)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com