Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M2T22TXG13-FE Datasheet(PDF) 4 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # M2T22TXG13-FE
Description  General Specifications
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

M2T22TXG13-FE Datasheet(HTML) 4 Page - Nihon Kaiheiki Industry Co. Ltd.

  M2T22TXG13-FE Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. M2T22TXG13-FE Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. M2T22TXG13-FE Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. M2T22TXG13-FE Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. M2T22TXG13-FE Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. M2T22TXG13-FE Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. M2T22TXG13-FE Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Series M2
Process Sealed Miniature Rockers
B101
B
www.nkkswitches.com
MOUNTING FRAME
Note: This dual rated option is suitable when two or more identical switches are used in logic and in power circuits
within the same application. See Supplement section for complete explanation of dual rating and operating range.
Vertical PC Mounting
W
Gold over Brass or Copper
Logic Level
0.4VA maximum @ 28V AC/DC maximum
Silver over Silver
Power Level
6A @ 125V AC & 3A @ 250V AC
Gold over Silver
AT4148
AT4149
TX
G
A
Rocker Position
( ) = Momentary
Connected Terminals
Throw & Schematics
Pole
Model
Down
Center
Up
Down
Center
Up
Note: Terminalnumbers are not actually
on the switch.
SP
M2T12
M2T13
M2T15
M2T18
M2T19
ON
ON
ON
(ON)
ON
NONE
OFF
NONE
OFF
OFF
ON
ON
(ON)
(ON)
(ON)
2-3
OPEN
2-1
SPDT
DP
M2T22
M2T23
M2T25
M2T28
M2T29
ON
ON
ON
(ON)
ON
NONE
OFF
NONE
OFF
OFF
ON
ON
(ON)
(ON)
(ON)
2-3 5-6
OPEN
2-1 5-4
DPDT
POLES & CIRCUITS
2 (COM)
1
3
4
6
1
3
25
(COM)
CONTACT MATERIALS & RATINGS
Straight PC Mounting
Right Angle PC Mounting
Actuators & Panel Cutouts
AT4150
AT4151
Complete explanation of operating range in Supplement section.
Power Level
6A @ 125V AC
or Logic Level
or 0.4VA maximum @ 28V AC/DC maximum
(10.1)
.398
(17.8)
.701
(12.7)
.500
(12.4)
.490
(2.54) Dia
.100
26°
(2.54) Dia
.100
Mounting Frame for Rockers or Paddles with Straight or Angle PC Terminals
26°
(2.54) Dia
.100


Similar Part No. - M2T22TXG13-FE

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
M2T22TXG13-F NKK-M2T22TXG13-F Datasheet
253Kb / 7P
   Process Sealed Miniature Rockers
More results

Similar Description - M2T22TXG13-FE

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
0805ZC475KAT2A AVX-0805ZC475KAT2A Datasheet
148Kb / 4P
   General Specifications
logo
List of Unclassifed Man...
CWSB21CACF ETC2-CWSB21CACF Datasheet
136Kb / 4P
   General Specifications
logo
Nihon Kaiheiki Industry...
M2022SS2W13 NKK-M2022SS2W13 Datasheet
215Kb / 7P
   General Specifications
logo
AVX Corporation
12101C105KAT2A AVX-12101C105KAT2A Datasheet
95Kb / 4P
   General Specifications
0805YA120KAT2A AVX-0805YA120KAT2A Datasheet
134Kb / 4P
   General Specifications
06035C332JAT2A AVX-06035C332JAT2A Datasheet
131Kb / 4P
   General Specifications
0402YA150JAT2A AVX-0402YA150JAT2A Datasheet
124Kb / 4P
   General Specifications
18122C104KAT2A AVX-18122C104KAT2A Datasheet
131Kb / 4P
   General Specifications
06035C103KAT2A AVX-06035C103KAT2A Datasheet
131Kb / 4P
   General Specifications
06036D106MAT2A AVX-06036D106MAT2A Datasheet
85Kb / 3P
   General Specifications
12063C225KAT2A AVX-12063C225KAT2A Datasheet
131Kb / 4P
   General Specifications
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com