Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1.5KE51 Datasheet(PDF) 2 Page - Jiangsu High diode Semiconductor Co., Ltd

Part # 1.5KE51
Description  DO-27 Plastic-Encapsulate Diodes
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HDSEMI [Jiangsu High diode Semiconductor Co., Ltd]
Direct Link  http://www.h-diode.com/
Logo HDSEMI - Jiangsu High diode Semiconductor Co., Ltd

1.5KE51 Datasheet(HTML) 2 Page - Jiangsu High diode Semiconductor Co., Ltd

  1.5KE51 Datasheet HTML 1Page - Jiangsu High diode Semiconductor Co., Ltd 1.5KE51 Datasheet HTML 2Page - Jiangsu High diode Semiconductor Co., Ltd 1.5KE51 Datasheet HTML 3Page - Jiangsu High diode Semiconductor Co., Ltd 1.5KE51 Datasheet HTML 4Page - Jiangsu High diode Semiconductor Co., Ltd 1.5KE51 Datasheet HTML 5Page - Jiangsu High diode Semiconductor Co., Ltd 1.5KE51 Datasheet HTML 6Page - Jiangsu High diode Semiconductor Co., Ltd 1.5KE51 Datasheet HTML 7Page - Jiangsu High diode Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
//htmlimg2.alldatasheet.net/htmldatasheet2/950888/HDSEMI/1.5KE51/438/2/1.5KE51.png


Similar Part No. - 1.5KE51

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
1.5KE51 PANJIT-1.5KE51 Datasheet
103Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 1500 Watts
logo
Transys Electronics
1.5KE51 TRSYS-1.5KE51 Datasheet
251Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Taiwan Semiconductor Co...
1.5KE51 TSC-1.5KE51 Datasheet
201Kb / 6P
   1500W, 6.8V - 440V Transient Voltage Suppressor
logo
Digitron Semiconductors
1.5KE51 DIGITRON-1.5KE51 Datasheet
526Kb / 5P
   1500W UNIDIRECTIONAL AND BIDIRECTIONAL
logo
Won-Top Electronics
1.5KE51 WTE-1.5KE51 Datasheet
66Kb / 5P
   1500W TRANSIENT VOLTAGE SUPPRESSORS
More results

Similar Description - 1.5KE51

ManufacturerPart #DatasheetDescription
logo
Jiangsu High diode Semi...
SF51-SF58 HDSEMI-SF51-SF58 Datasheet
1Mb / 4P
   DO-27 Plastic-Encapsulate Diodes
SF31 HDSEMI-SF31 Datasheet
1Mb / 4P
   DO-27 Plastic-Encapsulate Diodes
HER301 HDSEMI-HER301 Datasheet
1Mb / 4P
   DO-27 Plastic-Encapsulate Diodes
SF51 HDSEMI-SF51 Datasheet
1Mb / 4P
   DO-27 Plastic-Encapsulate Diodes
SF51G HDSEMI-SF51G Datasheet
1Mb / 4P
   DO-27 Plastic-Encapsulate Diodes
HER501 HDSEMI-HER501 Datasheet
1Mb / 4P
   DO-27 Plastic-Encapsulate Diodes
1N5400 HDSEMI-1N5400 Datasheet
1Mb / 4P
   DO-27 Plastic-Encapsulate Diodes
BY251 HDSEMI-BY251 Datasheet
1Mb / 4P
   DO-27 Plastic-Encapsulate Diodes
UF5400G HDSEMI-UF5400G Datasheet
1Mb / 4P
   DO-27 Plastic-Encapsulate Diodes
1N5400G HDSEMI-1N5400G Datasheet
1Mb / 4P
   DO-27 Plastic-Encapsulate Diodes
SB320 HDSEMI-SB320 Datasheet
1Mb / 4P
   DO-27 Plastic-Encapsulate Diodes
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com