Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRL-24V480W1AX Datasheet(PDF) 10 Page - Delta Electronics, Inc.

Part # DRL-24V480W1AX
Description  LYTE DIN Rail Power Supply
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DRL-24V480W1AX Datasheet(HTML) 10 Page - Delta Electronics, Inc.

Back Button DRL-24V480W1AX Datasheet HTML 6Page - Delta Electronics, Inc. DRL-24V480W1AX Datasheet HTML 7Page - Delta Electronics, Inc. DRL-24V480W1AX Datasheet HTML 8Page - Delta Electronics, Inc. DRL-24V480W1AX Datasheet HTML 9Page - Delta Electronics, Inc. DRL-24V480W1AX Datasheet HTML 10Page - Delta Electronics, Inc. DRL-24V480W1AX Datasheet HTML 11Page - Delta Electronics, Inc. DRL-24V480W1AX Datasheet HTML 12Page - Delta Electronics, Inc. DRL-24V480W1AX Datasheet HTML 13Page - Delta Electronics, Inc. DRL-24V480W1AX Datasheet HTML 14Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
TECHINCAL DATASHEET
LYTE DIN Rail Power Supply
24V 480W 1 Phase / DRL-24V480W1A
All parameters are specified at 25°C ambient and AC input unless otherwise indicated.
www.DeltaPSU.com (May 2016, Rev. 01)
10
Assembly & Installation
The power supply unit (PSU) can be mounted on 35mm DIN rails in accordance with EN 60715. The device should be installed with
input terminal block at the bottom.
Each device is delivered ready to install.
Mounting
Dismounting
Fig. 2.1 Mounting
Snap on the DIN rail as shown in Fig. 2.1:
1.
Tilt the unit upwards and insert it onto the DIN rail.
2.
Push downwards until stopped.
3.
Press against the bottom front side for locking.
4.
Shake the unit slightly to ensure that it is secured.
Fig. 2.2 Dismounting
To uninstall, pull or slide down the latch with screw driver as
shown in Fig. 2.2. Then slide the power supply unit (PSU) in the
opposite direction, release the latch and pull out the power supply
unit (PSU) from the rail.
In accordance to EN 60950 / UL 60950, flexible cables require ferrules.
Use appropriate copper cables designed to sustain operating temperature of at least 60°C / 75°C or more to fulfill UL requirements.


Similar Part No. - DRL-24V480W1AX

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DRL-24V120W1AX DELTA-DRL-24V120W1AX Datasheet
779Kb / 15P
   Universal AC input voltage
DRL-24V240W1AX DELTA-DRL-24V240W1AX Datasheet
860Kb / 15P
   Built-in constant current circuit for reactive loads
More results

Similar Description - DRL-24V480W1AX

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DRP012V015W1A DELTA-DRP012V015W1A Datasheet
900Kb / 4P
   DIN RAIL POWER SUPPLY
logo
Applied Motion Products...
PS480D72 AMP-PS480D72 Datasheet
950Kb / 6P
   DIN Rail Power Supply
logo
Arch Electronics Corp.
ANCA-DN_SERIES ARCH-ANCA-DN_SERIES Datasheet
187Kb / 3P
   Din Rail Switching Power Supply
AQF120E-180W ARCH-AQF120E-180W_16 Datasheet
533Kb / 8P
   Din Rail Switching Power Supply
logo
Delta Electronics, Inc.
DRS-24V30W1AZ DELTA-DRS-24V30W1AZ Datasheet
835Kb / 11P
   Sync DIN Rail Power Supply
DRS-5V50W1AX DELTA-DRS-5V50W1AX Datasheet
913Kb / 13P
   Sync DIN Rail Power Supply
logo
Red Lion Controls. Inc
NTPS-24-1.3 REDLION-NTPS-24-1.3 Datasheet
372Kb / 1P
   DIN Rail Mount Power Supply
logo
Delta Electronics, Inc.
DRP012V030W1AY DELTA-DRP012V030W1AY Datasheet
689Kb / 12P
   CliQ DIN Rail Power Supply
DRP024V060W1AZ DELTA-DRP024V060W1AZ_12 Datasheet
807Kb / 11P
   CliQ DIN Rail Power Supply
DRP-24V48W1AZ DELTA-DRP-24V48W1AZ Datasheet
1Mb / 12P
   CliQ DIN Rail Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com