Electronic Components Datasheet Search |
|
C1206H124G3GALTU Datasheet(PDF) 11 Page - Kemet Corporation |
|
C1206H124G3GALTU Datasheet(HTML) 11 Page - Kemet Corporation |
11 / 19 page © KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com C1001_C0G_200C_SMD • 7/23/2014 11 Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs) High Temperature (200°C), C0G Dielectric, 10 – 200 VDC (Industrial Grade) Construction Dielectric Material (CaZrO3) Detailed Cross Section Barrier Layer (Ni) Base Metal (Cu) Inner Electrodes (Ni) Barrier Layer (Ni) Base Metal (Cu) Inner Electrodes (Ni) Dielectric Material (CaZrO3) Termination Finish (100% Matte Sn / SnPb - 5% min) Termination Finish (100% Matte Sn / SnPb - 5% min) Capacitor Marking (Optional): Laser marking option is not available on: • C0G, Ultra Stable X8R and Y5V dielectric devices • EIA 0402 case size devices • EIA 0603 case size devices with Flexible Termination option. • KPS Commercial and Automotive grade stacked devices. These capacitors are supplied unmarked only. |
Similar Part No. - C1206H124G3GALTU |
|
Similar Description - C1206H124G3GALTU |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |