Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W533R0J Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # W533R0J
Description  Wirewound Power Resistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

W533R0J Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  W533R0J Datasheet HTML 1Page - Bourns Electronic Solutions W533R0J Datasheet HTML 2Page - Bourns Electronic Solutions W533R0J Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Features
Low thermal resistant ceramic core
E24 resistance values
RoHS compliant*
Wide power range (1~10 W)
Coating material meets UL 94V-0
requirements
Applications
Smart meters
Renewable energy
Industrial
Power supplies/chargers
Lighting
Instruments/gauges
White goods
W Series Wirewound Power Resistor
*RoHS Directive 2002/95/EC Jan. 27, 2003 including annex and RoHS Recast 2011/65/EU June 8, 2011.
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.
Electrical Characteristics
Resistance Range ................................................ See Popular Resistance Values Table
Tolerance ....................................................................................................................5 %
Operating Temperature.........................................................................-55 °C to +200 °C
Temperature Coefficient .............................................................................. ±300 ppm/°C
Maximum Voltage ....................................................................................................√P*R
Non-inductive version is available upon request.
Physical Characteristics
Resistor .................................................................... Low thermal resistant ceramic core
Lead Wire ......................................................................................Tin-plated copper wire
Coating Material ............................................................... Meets UL 94V-0 requirements
Environmental Characteristics
Test
Conditions
Specification
Short Time Overload
2.5 times rated voltage
ΔR/R≤±(2 % ± 0.05 Ω)
for 5 seconds.
Solderability
245 ±3 °C for 2.5 ±0.5 seconds.
Over 95 % coverage
Resistance to
260 ±5 °C for 10 ± 1 seconds.
ΔR/R≤±(1 % + 0.05 Ω)
Solder Heat
Dielectric Strength
Test voltage >500 Vrms for
Pass
>1 minute.
Insulation Resistance
Test voltage >500 Vrms for
>109
Ω
1 minute.
40 ±2 °C, 90 to 95 %.
Load Life Humidity
1.5 hours ON, 0.5 hours OFF for
ΔR/R≤ ±(5 % + 0.05 Ω)
1000 hours at rated power.
70 ±2 °C.
Load Life
1.5 hours ON, 0.5 hours OFF for
ΔR/R≤±(5 % + 0.05 Ω)
1000 hours at rated power.
Packaging Specifications
Model
Style
Qty. per
Box
(Pcs.)
Min.
Order
Quantity
(Pcs.)
W1M
Ammo
Pack
1,000
5,000
W2M
W3M
W5M
Ammo
Pack
500
2,000
W7M
W9M
Bulk in
Box
25 / 200
2,000
W10M
Popular Resistance Values
Code
R Value
15R0
15 Ω
22R0
22 Ω
33R0
33 Ω
39R0
39 Ω
47R0
47 Ω
Code
R Value
56R0
56 Ω
82R0
82 Ω
1000
100 Ω
1200
120 Ω
1500
150 Ω
Other E24 resistance values available upon request.
How to Order
W 3 M 22R0 J
Product Series
W = Wirewound
Power Rating
1 = 1 Watt
2 = 2 Watts
3 = 3 Watts
5 = 5 Watts
7 = 7 Watts
9 = 9 Watts
10 = 10 Watts
Pin Style
M = Axial Miniaturized Version
Resistance Code
• R<100 ohms:
“R” represents decimal point
(examples: 56R0 = 56 ohms)
• R
≥100 ohms:
First three digits are significant,
fourth digit represents number of
zeros to follow
(example: 1500 = 150 ohms)
Resistance Tolerance
J = ±5 %


Similar Part No. - W533R0J

ManufacturerPart #DatasheetDescription
logo
Winbond
W53300 WINBOND-W53300 Datasheet
61Kb / 9P
   16Voice/Melody/LCD Controller(View TalkTM Series)
W53320 WINBOND-W53320 Datasheet
61Kb / 9P
   16Voice/Melody/LCD Controller(View TalkTM Series)
More results

Similar Description - W533R0J

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
AL-1010RDJLF IRCTT-AL-1010RDJLF Datasheet
252Kb / 2P
   Chassis Mounted Power Wirewound Resistor
AS-321R0JLF IRCTT-AS-321R0JLF Datasheet
182Kb / 3P
   Semi-Precision Power Wirewound Resistor
logo
TT Electronics.
WPRT TTELEC-WPRT Datasheet
718Kb / 4P
   Wirewound Power Radial Terminal Resistor
logo
List of Unclassifed Man...
AS-327R0 ETC1-AS-327R0 Datasheet
103Kb / 2P
   SEMI-PRECISION POWER WIREWOUND RESISTOR
logo
Welwyn Components Limit...
AS-1 WELWYN-AS-1 Datasheet
435Kb / 3P
   Semi-Precision Power Wirewound Resistor
logo
TT Electronics.
AS3-27KFI TTELEC-AS3-27KFI Datasheet
642Kb / 3P
   Semi-Precision Power Wirewound Resistor
logo
Vishay Siliconix
VNPC VISHAY-VNPC Datasheet
102Kb / 5P
   Vitreous Wirewound Power Resistor, Flat
C38T VISHAY-C38T Datasheet
626Kb / 5P
   Reinforced Winding Wirewound Power Resistor
logo
Stackpole Electronics, ...
SP_SERIES SEI-SP_SERIES Datasheet
273Kb / 4P
   Fusing Wirewound Resistor
4/30/2021
logo
TT Electronics.
CCW TTELEC-CCW Datasheet
300Kb / 3P
   Commercial Grade Power Axial Wirewound Resistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com