Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SGM4812 Datasheet(PDF) 8 Page - SG Micro Corp

Part # SGM4812
Description  132mW Differential Input Stereo Audio Power Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM4812 Datasheet(HTML) 8 Page - SG Micro Corp

Back Button SGM4812_17 Datasheet HTML 3Page - SG Micro Corp SGM4812_17 Datasheet HTML 4Page - SG Micro Corp SGM4812_17 Datasheet HTML 5Page - SG Micro Corp SGM4812_17 Datasheet HTML 6Page - SG Micro Corp SGM4812_17 Datasheet HTML 7Page - SG Micro Corp SGM4812_17 Datasheet HTML 8Page - SG Micro Corp SGM4812_17 Datasheet HTML 9Page - SG Micro Corp SGM4812_17 Datasheet HTML 10Page - SG Micro Corp SGM4812_17 Datasheet HTML 11Page - SG Micro Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
132mW Differential Input,
SGM4812
Stereo Audio Power Amplifier
8
MARCH 2017
SG Micro Corp
www.sg-micro.com
TYPICAL APPLICATION
Bias
Control
_
+
+
_
IN1-
IN1+
Bypass
IN2+
IN2-
SHDN
VO1
VO2
RI
20k
Ω
C
I
0.39
μF
V+
/2
V+
C
O
220
μF
_
_
+
+
Right In
(Differential)
Left In
(Differential)
C
BYPASS
0.47
μF
GND
C
I
0.39
μF
C
I
0.39
μF
C
I
0.39
μF
RI
20k
Ω
RI
20k
Ω
RI
20k
Ω
RF
20k
Ω
RF
20k
Ω
RF
20k
Ω
RF
20k
Ω
C
O
220
μF
C
S
1
μF
10k
Ω
To External Power
Supply or Control I/O
NOTE:
1. A
10kΩ resistor must be serially connected to SHDN pin.
REVISION
HISTORY
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
MARCH 2017
‒ REV.A.3 to REV.A.4
Changed Packing Option.....................................................................................................................................................................................2
NOVEMBER 2012
‒ REV.A.2 to REV.A.3
Added note for Typical Application circuit ............................................................................................................................................................ 8
MAY 2012 ‒ REV.A.1 to REV.A.2
Added Tape and Reel Information ................................................................................................................................................................
10-11
AUGUST 2010
‒ REV.A to REV.A.1
Updated
Electrical Characteristics .......................................................................................................................................................................3
Changes from Original (JUNE 2008
) to REV.A
Changed from product preview to production data.............................................................................................................................................All


Similar Part No. - SGM4812_17

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM4812 SGMICRO-SGM4812 Datasheet
335Kb / 11P
   Stereo Audio Power Amplifier
More results

Similar Description - SGM4812_17

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS4998 STMICROELECTRONICS-TS4998 Datasheet
479Kb / 33P
   2 x 1W differential input stereo audio amplifier
logo
Anpec Electronics Corop...
APA2037 ANPEC-APA2037_09 Datasheet
501Kb / 24P
   3W Stereo Fully Differential Audio Power Amplifier
APA2037 ANPEC-APA2037 Datasheet
463Kb / 23P
   3W Stereo Fully Differential Audio Power Amplifier
logo
Texas Instruments
TPA6020A2 TI-TPA6020A2 Datasheet
1Mb / 25P
[Old version datasheet]   2.8-W STEREO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
logo
Eutech Microelectronics...
EUA4996 EUTECH-EUA4996 Datasheet
900Kb / 12P
   2.8-W Stereo Fully Differential Audio Power Amplifier
logo
Anpec Electronics Corop...
APA2060 ANPEC-APA2060 Datasheet
594Kb / 30P
   2.4W Stereo Fully Differential Audio Power Amplifier With Stereo Class AB
logo
SG Micro Corp
SGM4812 SGMICRO-SGM4812 Datasheet
335Kb / 11P
   Stereo Audio Power Amplifier
logo
Panasonic Semiconductor
SVI3101B PANASONIC-SVI3101B Datasheet
292Kb / 2P
   Stereo Audio Power Amplifier
logo
STMicroelectronics
TS4997 STMICROELECTRONICS-TS4997 Datasheet
533Kb / 34P
   2 x 1W differential input stereo audio amplifier with programmable 3D effects
logo
Anpec Electronics Corop...
APA2061 ANPEC-APA2061 Datasheet
595Kb / 29P
   2.4W Stereo Fully Differential Audio Power Amplifier With Stereo Class AB Cap-free
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com