Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SGM4812 Datasheet(PDF) 9 Page - SG Micro Corp

Part # SGM4812
Description  132mW Differential Input Stereo Audio Power Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM4812 Datasheet(HTML) 9 Page - SG Micro Corp

Back Button SGM4812 Datasheet HTML 3Page - SG Micro Corp SGM4812 Datasheet HTML 4Page - SG Micro Corp SGM4812 Datasheet HTML 5Page - SG Micro Corp SGM4812 Datasheet HTML 6Page - SG Micro Corp SGM4812 Datasheet HTML 7Page - SG Micro Corp SGM4812 Datasheet HTML 8Page - SG Micro Corp SGM4812 Datasheet HTML 9Page - SG Micro Corp SGM4812 Datasheet HTML 10Page - SG Micro Corp SGM4812 Datasheet HTML 11Page - SG Micro Corp  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
PACKAGE INFORMATION
TX00015.000
SG Micro Corp
www.sg-micro.com
PACKAGE OUTLINE DIMENSIONS
MSOP-10
Symbol
Dimensions
In Millimeters
Dimensions
In Inches
MIN
MAX
MIN
MAX
A
0.820
1.100
0.032
0.043
A1
0.020
0.150
0.001
0.006
A2
0.750
0.950
0.030
0.037
b
0.180
0.280
0.007
0.011
c
0.090
0.230
0.004
0.009
D
2.900
3.100
0.114
0.122
E
2.900
3.100
0.114
0.122
E1
4.750
5.050
0.187
0.199
e
0.500 BSC
0.020 BSC
L
0.400
0.800
0.016
0.031
θ
b
E1
E
e
D
A1
L
c
A
A2
θ
4.8
0.5
0.3
1.02
RECOMMENDED LAND PATTERN (Unit: mm)


Similar Part No. - SGM4812

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM4812 SGMICRO-SGM4812 Datasheet
335Kb / 11P
   Stereo Audio Power Amplifier
More results

Similar Description - SGM4812

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS4998 STMICROELECTRONICS-TS4998 Datasheet
479Kb / 33P
   2 x 1W differential input stereo audio amplifier
logo
Anpec Electronics Corop...
APA2037 ANPEC-APA2037_09 Datasheet
501Kb / 24P
   3W Stereo Fully Differential Audio Power Amplifier
APA2037 ANPEC-APA2037 Datasheet
463Kb / 23P
   3W Stereo Fully Differential Audio Power Amplifier
logo
Texas Instruments
TPA6020A2 TI-TPA6020A2 Datasheet
1Mb / 25P
[Old version datasheet]   2.8-W STEREO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
logo
Eutech Microelectronics...
EUA4996 EUTECH-EUA4996 Datasheet
900Kb / 12P
   2.8-W Stereo Fully Differential Audio Power Amplifier
logo
Anpec Electronics Corop...
APA2060 ANPEC-APA2060 Datasheet
594Kb / 30P
   2.4W Stereo Fully Differential Audio Power Amplifier With Stereo Class AB
logo
SG Micro Corp
SGM4812 SGMICRO-SGM4812 Datasheet
335Kb / 11P
   Stereo Audio Power Amplifier
logo
Panasonic Semiconductor
SVI3101B PANASONIC-SVI3101B Datasheet
292Kb / 2P
   Stereo Audio Power Amplifier
logo
STMicroelectronics
TS4997 STMICROELECTRONICS-TS4997 Datasheet
533Kb / 34P
   2 x 1W differential input stereo audio amplifier with programmable 3D effects
logo
Anpec Electronics Corop...
APA2061 ANPEC-APA2061 Datasheet
595Kb / 29P
   2.4W Stereo Fully Differential Audio Power Amplifier With Stereo Class AB Cap-free
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com